Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM1052 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSM1052
Description  Constant voltage and constant current controller for battery chargers and adapters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM1052 Datasheet(HTML) 3 Page - STMicroelectronics

  TSM1052_08 Datasheet HTML 1Page - STMicroelectronics TSM1052_08 Datasheet HTML 2Page - STMicroelectronics TSM1052_08 Datasheet HTML 3Page - STMicroelectronics TSM1052_08 Datasheet HTML 4Page - STMicroelectronics TSM1052_08 Datasheet HTML 5Page - STMicroelectronics TSM1052_08 Datasheet HTML 6Page - STMicroelectronics TSM1052_08 Datasheet HTML 7Page - STMicroelectronics TSM1052_08 Datasheet HTML 8Page - STMicroelectronics TSM1052_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TSM1052
Description
3/15
1
Description
1.1
Pin connection
Figure 1.
Pin Connection (top view)
1.2
Pin description
Vcc
Vsense
Ictrl
Vctrl
OUT
GND
1
2
3
6
5
4
Vcc
Vsense
Ictrl
Vcc
Vsense
Ictrl
Vctrl
OUT
GND
Vctrl
OUT
GND
1
2
3
6
5
4
1
2
3
6
5
4
1
2
3
6
5
4
Vcc
Vsense
Ictrl
Vctrl
OUT
GND
1
2
3
6
5
4
Vcc
Vsense
Ictrl
Vcc
Vsense
Ictrl
Vctrl
OUT
GND
Vctrl
OUT
GND
1
2
3
6
5
4
1
2
3
6
5
4
1
2
3
6
5
4
Table 2.
Pin description
N.
Name
Function
1Vctrl
Inverting input of the voltage loop op amp. The pin will be tied to the mid-point
of a resistor divider that senses the output voltage.
2GND
Ground. Return of the bias current of the device. 0 V reference for all
voltages. The pin should be tied as close to the ground output terminal of the
converter as possible to minimize load current effect on the voltage regulation
set point.
3OUT
Common open-drain output of the two internal op amps. The pin, able to sink
current only, will be connected to the branch of the optocoupler’s photodiode
to transmit the error signal to the primary side.
4Ictrl
Non-inverting input of the current loop op amp. It will be tied directly to the hot
(negative) end of the current sense resistor
5Vsense
Inverting input of the current loop op amp. The pin will be tied to the cold end
of the current sense resistor through a decoupling resistor.
6Vcc
Supply Voltage of the device. A small bypass capacitor (0.1 µF typ.) to GND,
located as close to IC’s pins as possible, might be useful to get a clean
supply voltage.


Similar Part No. - TSM1052_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM1052 STMICROELECTRONICS-TSM1052 Datasheet
254Kb / 15P
   Constant voltage and constant current controller for battery chargers and adapters
More results

Similar Description - TSM1052_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM1011_0311 STMICROELECTRONICS-TSM1011_0311 Datasheet
170Kb / 9P
   Constant Voltage and Constant Current Controller for Battery Chargers and Adapters
TSM1011 STMICROELECTRONICS-TSM1011 Datasheet
167Kb / 9P
   Constant Voltage and Constant Current Controller for Battery Chargers and Adapters
logo
KODENSHI_AUK CORP.
SN71052 KODENSHI-SN71052 Datasheet
347Kb / 6P
   Constant voltage and constant current controller for battery chargers and adapters
logo
STMicroelectronics
TSM1052 STMICROELECTRONICS-TSM1052 Datasheet
254Kb / 15P
   Constant voltage and constant current controller for battery chargers and adapters
logo
Unisonic Technologies
UM608 UTC-UM608 Datasheet
142Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
UC34363 UTC-UC34363 Datasheet
172Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
logo
STMicroelectronics
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
108Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
IK Semicon Co., Ltd
IK3051 IKSEMICON-IK3051 Datasheet
298Kb / 5P
   Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
STMicroelectronics
TSM105 STMICROELECTRONICS-TSM105 Datasheet
95Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051_09 Datasheet
293Kb / 8P
   Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com