Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C752CIRHBR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C752CIRHBR
Description  DUAL UART WITH 64-BYTE FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C752CIRHBR Datasheet(HTML) 3 Page - Texas Instruments

  TL16C752CIRHBR Datasheet HTML 1Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 2Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 3Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 4Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 5Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 6Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 7Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 8Page - Texas Instruments TL16C752CIRHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
www.ti.com
TL16C752C
DUAL UART
WITH 64-BYTE FIFO
SLLS646 – MARCH 2008
TERMINAL FUNCTIONS
TERMINAL
NO.
I/O
DESCRIPTION
NAME
PFB
RHB
Address bit 0 select. Internal registers address selection. Refer to Table 7 for Register
A0
28
18
I
Address Map.
Address bit 1 select. Internal registers address selection. Refer to Table 7 for Register
A1
27
17
I
Address Map.
Address bit 2 select. Internal registers address selection. Refer to Table 7 for Register
A2
26
16
I
Address Map.
Carrier detect (active low). These inputs are associated with individual UART channels A
CDA, CDB,
40, 16
I
through B. A low on these pins indicates that a carrier has been detected by the modem
for that channel.
Chip select A and B (active low). These pins enable data transfers between the user
CSA, CSB,
10, 11
7, 8
I
CPU and the TL16C752C for the channel(s) addressed. Individual UART sections (A, B,
C, D) are addressed by providing a low on the respective CSA through CSD pin.
Clear to send (active low). These inputs are associated with individual UART channels A
and B. A low on the CTS pins indicates the modem or data set is ready to accept
CTSA, CTSB,
38, 23
25, 15
I
transmit data from the TL16C752C. Status can be checked by reading MSR[4]. These
pins only affect the transmit and receive operations when auto CTS function is enabled
through the enhanced feature register (EFR[7]), for hardware flow control operation.
Data bus (bidirectional). These pins are the eight-bit, 3-state data bus for transferring
D0–D4,
44–48,
27–31
I/O
information to or from the controlling CPU. D0 is the least significant bit and the first data
D5–D7
1–3
32, 1, 2
bit in a transmit or receive serial data stream.
Data set ready (active low). These inputs are associated with individual UART channels
DSRA, DSRB,
39, 20
I
A through B. A low on these pins indicates the modem or data set is powered on and is
ready for data exchange with the UART.
Data terminal ready (active low). These outputs are associated with individual UART
channels A through B. A low on these pins indicates that the TL16C752C is powered on
and ready. These pins can be controlled through the modem control register. Writing a 1
DTRA, DTRB,
34, 35
22, 23
O
to MCR[0] sets the DTR output to low, enabling the modem. The output of these pins is
high after writing a 0 to MCR[0], or after a reset. These pins can also be used in the
RS-485 mode to control an external RS-485 driver or transceiver.
GND
17
12
Pwr
Power signal and power ground
Interrupt A and B (active high). These pins provide individual channel interrupts, INTA-D.
INTA
−D are enabled when MCR[3] is set to a 1, interrupts are enabled in the interrupt
INTA, INTB,
30, 29
20, 19
O
enable register (IER) and when an interrupt condition exists. Interrupt conditions include:
receiver errors, available receiver buffer data, transmit buffer empty, or when a modem
status flag is detected. INTA
−D are in the high-impedance state after reset.
Read input (active low strobe). A valid low level on IOR loads the contents of an internal
IOR
19
13
I
register defined by address bits A0–A2 onto the TL16C752C data bus (D0–D7) for
access by an external CPU.
Write input (active low strobe). A valid low level on IOW transfers the contents of the
IOW
15
11
I
data bus (D0–D7) from the external CPU to an internal register that is defined by
address bits A0–A2.
12, 24
NC
No internal connection
35, 37
User defined outputs. This function is associated with individual channels A and B. The
state of these pins is defined by the user through the software settings of the MCR
register, bit 3. INTA-B are set to active mode and OP to a logic 0 when the MCR-3 is set
OPA, OPB
32, 9
O
to a logic 1. INTA-B are set to the 3-state mode and OP to a logic 1 when MCR-3 is set
to a logic 0. See bit 3, modem control register (MCR bit 3). The output of these two pins
is high after reset.
Reset. RESET resets the internal registers and all the outputs. The UART transmitter
RESET
36
24
I
output and the receiver input are disabled during reset time. See TL16C752C external
reset conditions for initialization details. RESET is an active high input.
Ring indicator (active low). These inputs are associated with individual UART channels A
and B. A logic low on these pins indicates the modem has received a ringing signal from
RIA, RIB,
41, 21
I
the telephone line. A low-to-high transition on these input pins generates a modem
status interrupt, if enabled. The state of these inputs is reflected in the modem status
register (MSR).
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TL16C752C


Similar Part No. - TL16C752CIRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752CIRHBR TI-TL16C752CIRHBR Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBR TI-TL16C752CIRHBR Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBRG4 TI-TL16C752CIRHBRG4 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752CIRHBRG4 TI-TL16C752CIRHBRG4 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
More results

Similar Description - TL16C752CIRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_09 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com