Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA6416PWG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TCA6416PWG4
Description  LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6416PWG4 Datasheet(HTML) 1 Page - Texas Instruments

  TCA6416PWG4 Datasheet HTML 1Page - Texas Instruments TCA6416PWG4 Datasheet HTML 2Page - Texas Instruments TCA6416PWG4 Datasheet HTML 3Page - Texas Instruments TCA6416PWG4 Datasheet HTML 4Page - Texas Instruments TCA6416PWG4 Datasheet HTML 5Page - Texas Instruments TCA6416PWG4 Datasheet HTML 6Page - Texas Instruments TCA6416PWG4 Datasheet HTML 7Page - Texas Instruments TCA6416PWG4 Datasheet HTML 8Page - Texas Instruments TCA6416PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
FEATURES
ZQSPACKAGE
(TOP VIEW)
E
D
C
B
A
5
4
2
3
1
1
18
P00
ADDR
2
17
P01
P17
3
16
P02
P16
4
15
P03
P15
5
14
P04
P14
6
13
P05
P13
24
7
23
8
22
9
21
10
20
11
19
12
RTWPACKAGE
(TOP VIEW)
INT
V
CCI
RESET
P00
P01
P02
P03
GND
V
CCP
SDA
SCL
ADDR
P17
P16
P15
P14
1
2
3
4
5
6
7
8
12
11
10
9
PWPACKAGE
(TOP VIEW)
16
15
14
13
20
19
18
17
24
23
22
21
P04
P05
P06
P07
P13
P12
P11
P10
DESCRIPTION/ORDERING INFORMATION
TCA6416
LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
SCPS153 – DECEMBER 2007
www.ti.com
• Operating Power-Supply Voltage Range of
• 5-V Tolerant I/O Ports
1.65 V to 5.5 V
• Active-Low Reset Input (RESET)
• Allows Bidirectional Voltage-Level Translation
• Open-Drain Active-Low Interrupt Output (INT)
and GPIO Expansion Between:
• 400-kHz Fast I2C Bus
1.8-V SCL/SDA and
• Input/Output Configuration Register
1.8-V, 2.5-V, 3.3-V, or 5-V P Port
• Polarity Inversion Register
2.5-V SCL/SDA and
• Internal Power-On Reset
1.8-V, 2.5-V, 3.3-V, or 5-V P Port
• Power Up With All Channels Configured as
3.3-V SCL/SDA and
Inputs
1.8-V, 2.5-V, 3.3-V, or 5-V P Port
• No Glitch On Power Up
5-V SCL/SDA and
• Noise Filter on SCL/SDA Inputs
1.8-V, 2.5-V, 3.3-V, or 5-V P Port
• Latched Outputs With High-Current Drive
• I2C to Parallel Port Expander
Maximum Capability for Directly Driving LEDs
• Low Standby Current Consumption of 1 µA
• Latch-Up Performance Exceeds 100 mA Per
• Schmitt-Trigger Action Allows Slow Input
JESD 78, Class II
Transition and Better Switching Noise
• ESD Protection Exceeds JESD 22
Immunity at the SCL and SDA Inputs
2000-V Human-Body Model (A114-A)
Vhys = 0.18 V Typ at 1.8 V
200-V Machine Model (A115-A)
Vhys = 0.25 V Typ at 2.5 V
1000-V Charged-Device Model (C101)
Vhys = 0.33 V Typ at 3.3 V
Vhys = 0.5 V Typ at 5 V
This 16-bit I/O expander for the two-line bidirectional bus (I2C) is designed to provide general-purpose remote I/O
expansion for most microcontroller families via the I2C interface [serial clock (SCL) and serial data (SDA)].
The major benefit of this device is its wide VCC range. It can operate from 1.65 V to 5.5 V on the P-port side and
on the SDA/SCL side. This allows the TCA6416 to interface with next-generation microprocessors and
microcontrollers on the SDA/SCL side, where supply levels are dropping down to conserve power. In contrast to
the dropping power supplies of microprocessors and microcontrollers, some PCB components, such as LEDs,
remain at a 5-V power supply.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the
Copyright © 2007, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - TCA6416PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6416PWG4 TI-TCA6416PWG4 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results

Similar Description - TCA6416PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9555 TI1-TCA9555_16 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Voltage 16-Bit I2C and SMBus I/O Expander with Interrupt Output and Configuration Registers
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9555 TI-TCA9555 Datasheet
734Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9539 TI-TCA9539 Datasheet
778Kb / 32P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6424A TI-TCA6424A Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424 TI-TCA6424_10 Datasheet
507Kb / 29P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com