Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT818B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STT818B
Description  High gain low voltage PNP power transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT818B Datasheet(HTML) 1 Page - STMicroelectronics

  STT818B_07 Datasheet HTML 1Page - STMicroelectronics STT818B_07 Datasheet HTML 2Page - STMicroelectronics STT818B_07 Datasheet HTML 3Page - STMicroelectronics STT818B_07 Datasheet HTML 4Page - STMicroelectronics STT818B_07 Datasheet HTML 5Page - STMicroelectronics STT818B_07 Datasheet HTML 6Page - STMicroelectronics STT818B_07 Datasheet HTML 7Page - STMicroelectronics STT818B_07 Datasheet HTML 8Page - STMicroelectronics STT818B_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
August 2007
Rev 5
1/10
10
STT818B
High gain low voltage PNP power transistor
Features
Very low collector to emitter saturation voltage
DC current gain > 100 (hFE)
3 A continuous collector current (IC)
Applications
Power management in portable equipments
Switching regulator in battery charger
applications
Description
The device is manufactured in low voltage PNP
Planar Technology with "Base Island" layout. The
resulting Transistor shows exceptional high gain
performance coupled with very low saturation
voltage.
Figure 1.
Internal schematic diagram
SOT23-6L
Table 1.
Device summary
Order code
Marking
Package
Packaging
STT818B
818B
SOT23-6L
Tape & reel
www.st.com


Similar Part No. - STT818B_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STT818B STMICROELECTRONICS-STT818B Datasheet
142Kb / 5P
   HIGH GAIN LOW VOLTAGE PNP POWER TRANSISTOR
More results

Similar Description - STT818B_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STT818B STMICROELECTRONICS-STT818B Datasheet
142Kb / 5P
   HIGH GAIN LOW VOLTAGE PNP POWER TRANSISTOR
2STF2220 STMICROELECTRONICS-2STF2220_07 Datasheet
242Kb / 11P
   High gain Low Voltage PNP power transistor
2STF2220 STMICROELECTRONICS-2STF2220 Datasheet
230Kb / 11P
   High Gain Low Voltage PNP Power Transistor
STT818A STMICROELECTRONICS-STT818A Datasheet
87Kb / 6P
   HIGH GAIN LOW VOLTAGE PNP POWER TRANSISTOR
2STX2220 STMICROELECTRONICS-2STX2220 Datasheet
235Kb / 11P
   High Gain Low Voltage PNP Power Transistor
logo
Diodes Incorporated
ZXTP2009Z DIODES-ZXTP2009Z Datasheet
132Kb / 6P
   40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR
logo
STMicroelectronics
3STL2540 STMICROELECTRONICS-3STL2540 Datasheet
235Kb / 11P
   Low voltage high performance PNP power transistor
logo
Diodes Incorporated
FZT1149A DIODES-FZT1149A_16 Datasheet
566Kb / 7P
   25V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
FZT796A DIODES-FZT796A_16 Datasheet
801Kb / 7P
   200V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
FZT788B DIODES-FZT788B_16 Datasheet
950Kb / 7P
   15V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com