Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W39L020Q-70B Datasheet(PDF) 3 Page - Winbond

Part # W39L020Q-70B
Description  256K 횞 8 CMOS FLASH MEMORY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39L020Q-70B Datasheet(HTML) 3 Page - Winbond

  W39L020Q-70B Datasheet HTML 1Page - Winbond W39L020Q-70B Datasheet HTML 2Page - Winbond W39L020Q-70B Datasheet HTML 3Page - Winbond W39L020Q-70B Datasheet HTML 4Page - Winbond W39L020Q-70B Datasheet HTML 5Page - Winbond W39L020Q-70B Datasheet HTML 6Page - Winbond W39L020Q-70B Datasheet HTML 7Page - Winbond W39L020Q-70B Datasheet HTML 8Page - Winbond W39L020Q-70B Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
W39L020
Publication Release Date: November 11, 2002
- 3 -
Revision A4
6. FUNCTIONAL DESCRIPTION
Device Bus Operation
Read Mode
The read operation of the W39L020 is controlled by #CE and #OE, both of which have to be low for
the host to obtain data from the outputs. #CE is used for device selection. When #CE is high, the chip
is de-selected and only standby power will be consumed. #OE is the output control and is used to
gate data from the output pins. The data bus is in high impedance state when either #CE or #OE is
high. Refer to the timing waveforms for further details.
Write Mode
Device erasure and programming are accomplished via the command register. The contents of the
register serve as inputs to the internal state machine. The state machine outputs dictate the function
of the device.
The command register itself does not occupy any addressable memory location. The register is a
latch used to store the commands, along with the address and data information needed to execute the
command. The command register is written to bring #WE to logic low state, while #CE is at logic low
state and #OE is at logic high state. Addresses are latched on the falling edge of #WE or #CE,
whichever happens later; while data is latched on the rising edge of #WE or #CE, whichever happens
first. Standard microprocessor write timings are used.
Refer to AC Write Characteristics and the Erase/Programming Waveforms for specific timing
parameters.
Standby Mode
There are two ways to implement the standby mode on the W39L020 device, both using the #CE pin.
A CMOS standby mode is achieved with the
#CE input held at VDD
±0.5V. Under this condition the current
is typically reduced to less than 25
µA(max). A TTL standby mode is achieved with the #CE pin held at
VIH. Under this condition the current is typically reduced to 2 mA(max).
In the standby mode the outputs are in the high impedance state, independent of the #OE input.
Output Disable Mode
With the #OE input at a logic high level (VIH), output from the device is disabled. This will cause the
output pins to be in a high impedance state.
Auto-select Mode
The auto-select mode allows the reading of a binary code from the device and will identify its
manufacturer and type. This mode is intended for use by programming equipment for the purpose of
automatically matching the device to be programmed with its corresponding programming algorithm.
This mode is functional over the entire temperature range of the device.
To activate this mode, the programming equipment must force VID (11.5V to 12.5V) on address pin
A9. Two identifier bytes may then be sequenced from the device outputs by toggling address A0 from
VIL to VIH. All addresses are don
′t cares except A0 and A1 (see "Auto-select Codes").


Similar Part No. - W39L020Q-70B

ManufacturerPart #DatasheetDescription
logo
Winbond
W39L020Q-70B WINBOND-W39L020Q-70B Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
More results

Similar Description - W39L020Q-70B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F020SU-L SHARP-LH28F020SU-L Datasheet
245Kb / 31P
   2M (256K 횞 8) Flash Memory
LH28F020SU-N SHARP-LH28F020SU-N Datasheet
241Kb / 31P
   2M (256K 횞 8) Flash Memory
LH28F400SUB SHARP-LH28F400SUB Datasheet
277Kb / 34P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SU-LC SHARP-LH28F400SU-LC Datasheet
299Kb / 37P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
LH28F400SU-NC SHARP-LH28F400SU-NC Datasheet
294Kb / 35P
   4M (512K 횞 8, 256K 횞 16) Flash Memory
logo
Winbond
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W29C020C WINBOND-W29C020C Datasheet
194Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com