Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVT240A Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVT240A
Description  3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVT240A Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVT240A_08 Datasheet HTML 1Page - Texas Instruments SN74LVT240A_08 Datasheet HTML 2Page - Texas Instruments SN74LVT240A_08 Datasheet HTML 3Page - Texas Instruments SN74LVT240A_08 Datasheet HTML 4Page - Texas Instruments SN74LVT240A_08 Datasheet HTML 5Page - Texas Instruments SN74LVT240A_08 Datasheet HTML 6Page - Texas Instruments SN74LVT240A_08 Datasheet HTML 7Page - Texas Instruments SN74LVT240A_08 Datasheet HTML 8Page - Texas Instruments SN74LVT240A_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN74LVT240A
3.3V ABT OCTAL BUFFER/DRIVER
WITH 3STATE OUTPUTS
SCBS134K − SEPTEMBER 1992 − REVISED JANUARY 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
VCC
Supply voltage
2.7
3.6
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
5.5
V
IOH
High-level output current
−32
mA
IOL
Low-level output current
64
mA
∆t/∆v
Input transition rise or fall rate
Outputs enabled
5
ns/V
∆t/∆VCC
Power-up ramp rate
200
µs/V
TA
Operating free-air temperature
−40
85
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 2.7 V,
II = −18 mA
−1.2
V
VCC = 2.7 V to 3.6 V,
IOH = −100 µA
VCC−0.2
VOH
VCC = 2.7 V,
IOH = − 8 mA
2.4
V
VOH
VCC = 3 V,
IOH = − 32 mA
2
V
VCC = 2.7 V
IOL = 100 µA
0.2
VCC = 2.7 V
IOL = 24 mA
0.5
VOL
IOL = 16 mA
0.4
V
VOL
VCC = 3 V
IOL = 32 mA
0.5
V
VCC = 3 V
IOL = 64 mA
0.55
VCC = 0 or 3.6 V,
VI = 5.5 V
10
II
VI = VCC or GND
Control inputs
±1
A
II
VCC = 3.6 V
VI = VCC
Data inputs
1
µA
VCC = 3.6 V
VI = 0
Data inputs
−5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
µA
IOZH
VCC = 3.6 V,
VO = 3 V
5
µA
IOZL
VCC = 3.6 V,
VO = 0.5 V
−5
µA
IOZPU
VCC = 0 to 1.5 V,
VO = 0.5 V to 3 V,
OE = don’t care
±100
µA
IOZPD
VCC = 1.5 V to 0,
VO = 0.5 V to 3 V,
OE = don’t care
±100
µA
VCC = 3.6 V,
IO = 0,
Outputs high
0.19
ICC
VCC = 3.6 V,
VI = VCC or GND
IO = 0,
Outputs low
5
mA
ICC
VI = VCC or GND
Outputs disabled
0.19
mA
∆ICC‡
VCC = 3 V to 3.6 V, One input at VCC − 0.6 V, Other inputs at VCC or GND
0.2
mA
Ci
VI = 3 V or 0
4
pF
Co
VO = 3 V or 0
7
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.


Similar Part No. - SN74LVT240A_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT240A TI-SN74LVT240A_07 Datasheet
453Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL SUFFER/DRIBVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVT240A_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT244B TI-SN74LVT244B_10 Datasheet
650Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH240-EP TI1-SN74LVTH240-EP Datasheet
433Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT240A TI-SN74LVT240A Datasheet
309Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT244B TI-SN74LVT244B_07 Datasheet
760Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH244A-EP TI1-SN74LVTH244A-EP Datasheet
433Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT244B_101 TI-SN74LVT244B_101 Datasheet
780Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN54LVTH245A TI-SN54LVTH245A_07 Datasheet
943Kb / 21P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH240 TI-SN74LVTH240_07 Datasheet
952Kb / 22P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH241-EP TI1-SN74LVTH241-EP Datasheet
432Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVT244B TI-SN74LVT244B Datasheet
304Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUUFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com