Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVCE161284 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVCE161284
Description  19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCE161284 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVCE161284 Datasheet HTML 1Page - Texas Instruments SN74LVCE161284 Datasheet HTML 2Page - Texas Instruments SN74LVCE161284 Datasheet HTML 3Page - Texas Instruments SN74LVCE161284 Datasheet HTML 4Page - Texas Instruments SN74LVCE161284 Datasheet HTML 5Page - Texas Instruments SN74LVCE161284 Datasheet HTML 6Page - Texas Instruments SN74LVCE161284 Datasheet HTML 7Page - Texas Instruments SN74LVCE161284 Datasheet HTML 8Page - Texas Instruments SN74LVCE161284 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
DGG OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
HD
A9
A10
A11
A12
A13
VCC
A1
A2
GND
A3
A4
A5
A6
GND
A7
A8
VCC
PERI LOGIC IN
A14
A15
A16
A17
HOST LOGIC OUT
DIR
Y9
Y10
Y11
Y12
Y13
VCC CABLE
B1
B2
GND
B3
B4
B5
B6
GND
B7
B8
VCC CABLE
PERI LOGIC OUT
C14
C15
C16
C17
HOST LOGIC IN
DESCRIPTION/ORDERING INFORMATION
SN74LVCE161284
19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER
WITH ERROR-FREE POWER UP
SCES541 – JANUARY 2004 – REVISED MARCH 2005
Auto-Power-Up Feature Prevents Printer
Errors When Printer Is Turned On, But No
Valid Signal Is at A9–A13 Pins
1.4-k
Ω Pullup Resistors Integrated on All
Open-Drain Outputs Eliminate the Need for
Discrete Resistors
Designed for IEEE Std 1284-I (Level-1 Type)
and IEEE Std 1284-II (Level-2 Type) Electrical
Specifications
Flow-Through Architecture Optimizes PCB
Layout
Ioff and Power-Up 3-State Support Hot
Insertion
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection
±4 kV – Human-Body Model
±8 kV – IEC 61000-4-2, Contact Discharge
(Connector Pins)
±15 kV – IEC 61000-4-2, Air-Gap Discharge
(Connector Pins)
±15 kV – Human-Body Model
(Connector Pins)
The SN74LVCE161284 is designed for 3-V to 3.6-V VCC operation. This device provides asynchronous two-way
communication
between
data
buses.
The
control-function
implementation
minimizes
external
timing
requirements.
This device has eight bidirectional bits; data can flow in the A-to-B direction when the direction-control input (DIR)
is high and in the B-to-A direction when DIR is low. This device also has five drivers that drive the cable side and
four receivers. The SN74LVCE161284 has one receiver dedicated to the HOST LOGIC line and a driver to drive
the PERI LOGIC line.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube
SN74LVCE161284DL
SSOP – DL
LVCE161284
0
°C to 70°C
Tape and reel
SN74LVCE161284DLR
TSSOP – DGG
Tape and reel
SN74LVCE161284DGGR
LVCE161284
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVCE161284

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCE161284 TI-SN74LVCE161284 Datasheet
238Kb / 14P
[Old version datasheet]   19 BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR FREE POWER UP
SN74LVCE161284DGGR TI-SN74LVCE161284DGGR Datasheet
238Kb / 14P
[Old version datasheet]   19 BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR FREE POWER UP
SN74LVCE161284DGGR TI-SN74LVCE161284DGGR Datasheet
336Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284DL TI-SN74LVCE161284DL Datasheet
238Kb / 14P
[Old version datasheet]   19 BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR FREE POWER UP
SN74LVCE161284DL TI-SN74LVCE161284DL Datasheet
336Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
More results

Similar Description - SN74LVCE161284

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCE161284 TI-SN74LVCE161284_07 Datasheet
336Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCZ161284A TI-SN74LVCZ161284A_05 Datasheet
140Kb / 11P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCZ161284A TI-SN74LVCZ161284A_08 Datasheet
277Kb / 13P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCZ161284A TI-SN74LVCZ161284A Datasheet
159Kb / 10P
[Old version datasheet]   19-BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284 TI-SN74LVCE161284 Datasheet
238Kb / 14P
[Old version datasheet]   19 BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR FREE POWER UP
logo
STMicroelectronics
74LVCZ161284A STMICROELECTRONICS-74LVCZ161284A Datasheet
437Kb / 12P
   LOW VOLTAGE HIGH SPEED IEEE 1284 TRANSCEIVER WITH ERROR-FREE POWER-UP
July 2005
logo
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284 Datasheet
226Kb / 7P
   IEEE 1284 Transceiver
74VHC161284 FAIRCHILD-74VHC161284 Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
74ACT1284 FAIRCHILD-74ACT1284_00 Datasheet
265Kb / 7P
   IEEE 1284 Transceiver
AN-5010 FAIRCHILD-AN-5010 Datasheet
220Kb / 10P
   IEEE 1284 Interface Design Solutions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com