Electronic Components Datasheet Search |
|
SN74F573 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
SN74F573 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 5 page SN54F573, SN74F573 OCTAL TRANSPARENT DTYPE LATCHES WITH 3STATE OUTPUTS SDFS011A − MARCH 1987 − REVISED OCTOBER 1993 2−2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 logic symbol† logic diagram (positive logic) OE 1D 2 1D 3 2D 4 3D 5 4D 6 5D C1 11 LE 1Q 19 2Q 18 3Q 17 4Q 16 5Q 15 6Q 14 7Q 13 8Q 12 7 6D 8 7D 9 8D EN 1 OE LE 1D 1Q 1 11 2 19 To Seven Other Channels C1 1D † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡ Supply voltage range, VCC −0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) −1.2 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input current range −30 mA to 5 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range applied to any output in the disabled or power-off state −0.5 V to 5.5 V . . . . . . . . . . . . . . . . . . . Voltage range applied to any output in the high state −0.5 V to VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Current into any output in the low state: SN54F573 40 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN74F573 48 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range: SN54F573 −55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN74F573 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: The input voltage ratings may be exceeded provided the input current ratings are observed. recommended operating conditions SN54F573 SN74F573 UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 4.5 5 5.5 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V IIK Input clamp current −18 −18 mA IOH High-level output current −3 −3 mA IOL Low-level output current 20 24 mA TA Operating free-air temperature −55 125 0 70 °C |
Similar Part No. - SN74F573 |
|
Similar Description - SN74F573 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |