Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOR01WK082JA40 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MOR01WK082JA40
Description  Metal Oxide Film Fixed Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MOR01WK082JA40 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MOR01WK082JA40 Datasheet HTML 1Page - List of Unclassifed Manufacturers MOR01WK082JA40 Datasheet HTML 2Page - List of Unclassifed Manufacturers MOR01WK082JA40 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Performance Specifications
Temperature coefficient
± 350PPM /°C
Short-time overload
Dielectric withstanding voltage
No evidence of flashover, mechanical damage, arcing or insulation breakdown.
Pulse overload
Terminal strength
No evidence of mechanical damage.
Resistance to Soldering heat
Solderability
Min. 95% coverage.
Resistance to solvent
No deterioration of protective coating and markings.
Temperature cycling
Humidity (Steady state)
Load life in humidity
Load life
Flame retardant
No evidence of flaming or arcing.
Metal Oxide Film Fixed Resistors
M O R 0 1 S J 0 8 2 J A 1 0
Additional Information:
0 = NIL
Packing Quantity:
1 = 1,000pcs
2 = 2,000pcs
3 = 3,000pcs
4 = 4,000pcs
5 = 5,000pcs
A = 500pcs
B = 2,500pcs
0 = for Bulk/Box
packing
Packing Type:
A = Tape/Box
T = Tape/Reel
B = Bulk/Box
Resistance Value:
E-24 series:
2nd & 3rd digits are for the
significant figures of the resistance
and the 4th digit indicate the
numbers of zeros following.
Tolerance:
G = ±2%
J = ±5%
K = ±10%
Wattage:
Normal size:
W4 = 1/4W
W2 = 1/2W
1W = 1W
2W = 2W
3W = 3W
5W = 5W
7W = 7W
8W = 8W
9W = 9W
Small size:
S2= 1/2W-S
1S = 1W-S
2S = 2W-S
3S = 3W-S
5S = 5W-S
Extra small size:
5U = 5W-SS
Product Type:
MOR = Metal Oxide Film
Fixed Resistors
Special Features:
0 = Standard product
I = Non - Inductive
UniOhm


Similar Part No. - MOR01WK082JA40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOR01S ETC2-MOR01S Datasheet
74Kb / 9P
   Metal Oxide Film Resistors
MOR01SJ0100A10 ETC2-MOR01SJ0100A10 Datasheet
74Kb / 9P
   Metal Oxide Film Resistors
MOR01SJ0101A10 ETC2-MOR01SJ0101A10 Datasheet
74Kb / 9P
   Metal Oxide Film Resistors
MOR01SJ0102A10 ETC2-MOR01SJ0102A10 Datasheet
74Kb / 9P
   Metal Oxide Film Resistors
MOR01SJ0103A10 ETC2-MOR01SJ0103A10 Datasheet
74Kb / 9P
   Metal Oxide Film Resistors
More results

Similar Description - MOR01WK082JA40

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
MORS1W ABCO-MORS1W Datasheet
550Kb / 1P
   FIXED METAL OXIDE FILM RESISTORS
logo
MERITEK ELECTRONICS COR...
MO MERITEK-MO Datasheet
172Kb / 3P
   Metal Oxide Film Resistors
logo
Panasonic Semiconductor
ERG-1SJ221A PANASONIC-ERG-1SJ221A Datasheet
153Kb / 7P
   Metal (Oxide) Film Resistors
logo
Willow Technologies Ltd
MOF WILLOW-MOF Datasheet
87Kb / 2P
   METAL OXIDE FILM RESISTORS
logo
Panasonic Semiconductor
ERG-1SJ153A PANASONIC-ERG-1SJ153A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-1SJ683A PANASONIC-ERG-1SJ683A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-2SJ100A PANASONIC-ERG-2SJ100A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-1SJ101E PANASONIC-ERG-1SJ101E Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-2SJ123 PANASONIC-ERG-2SJ123 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com