Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXBM2001 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # AXBM2001
Description  VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

AXBM2001 Datasheet(HTML) 4 Page - Zetex Semiconductors

  AXBM2001 Datasheet HTML 1Page - Zetex Semiconductors AXBM2001 Datasheet HTML 2Page - Zetex Semiconductors AXBM2001 Datasheet HTML 3Page - Zetex Semiconductors AXBM2001 Datasheet HTML 4Page - Zetex Semiconductors AXBM2001 Datasheet HTML 5Page - Zetex Semiconductors AXBM2001 Datasheet HTML 6Page - Zetex Semiconductors AXBM2001 Datasheet HTML 7Page - Zetex Semiconductors AXBM2001 Datasheet HTML 8Page - Zetex Semiconductors AXBM2001 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NTC Thermistor
The ZXBM200x series are designed to be
used in conjunction with an NTC type
thermistor with a value of 100k
at 25 C. The
thermistor is connected directly between the
SPD pin and Ground. The thermistor can
either be local i.e. part of the Fan or Blower
itself and positioned where it can easily
detect the air temperature, or it can be remote
to the device, perhaps positioned on a
motherboard or in an air duct.
An NTC thermistor has a non-linear
characteristic whereby there is a larger
change in resistance between 25 C and 30 C
than there is between 55 C and 60 C. See
Figure 3. However from Ohms Law when two
resistors are in parallel and one changes in a
linear fashion it will produce a resultant
non-linear resistance characteristic but with
the opposite curve to that of the thermistor.
See Figure 4. Now when these two effects are
put together the resultant characteristic seen
in Figure 3 is achieved.
The SPD pin on the ZXBM200x series
contains an internal resistor network of
19.5k
to an internal 2V rail and 52. 5k
to
Ground. The purpose of this is to set the
speed range for a 100k
NTC thermistor and
to help cancel out the thermistor’s
non-linearity against temperature.
The manner in which the non-linearity is
removed can be seen in Figure 14 where the
SPD voltage is linear with any slight non-
linearity in the speed response more likely
due to other motor characteristics.
It is also possible to use the ZXBM200x series
in conjunction with other lower values of NTC
thermistor, for example one with a value of
10k
at 25 C. In this case an external resistive
divider as shown in Figure 5 below is used to
set the control speed range. The ratio of R1
and R2 in this figure should be chosen to give
the desired speed range against temperature.
With careful selection of the R1 and R2, it is
possible for a linear response within ±1% to
be achievable.
If needed R1 and R2 can also be added when
using a 100k
thermistor in order to adjust
the speed range to match the particular
thermistor’s characteristics.
AN 36 - 4
Applications Note AN36
Issue1 - JULY 2002
Figure 3
Figure 4


Similar Part No. - AXBM2001

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXB030X43-SR LINEAGEPOWER-AXB030X43-SR Datasheet
567Kb / 19P
   18/20 - 30Vdc input; 3.0 - 6.0Vdc & 5.0 - 15.0Vdc Output; 30& 50W
AXB030X43-SRZ LINEAGEPOWER-AXB030X43-SRZ Datasheet
567Kb / 19P
   18/20 - 30Vdc input; 3.0 - 6.0Vdc & 5.0 - 15.0Vdc Output; 30& 50W
AXB050X43-SR LINEAGEPOWER-AXB050X43-SR Datasheet
567Kb / 19P
   18/20 - 30Vdc input; 3.0 - 6.0Vdc & 5.0 - 15.0Vdc Output; 30& 50W
AXB050X43-SRZ LINEAGEPOWER-AXB050X43-SRZ Datasheet
567Kb / 19P
   18/20 - 30Vdc input; 3.0 - 6.0Vdc & 5.0 - 15.0Vdc Output; 30& 50W
AXB070X43 LINEAGEPOWER-AXB070X43 Datasheet
629Kb / 14P
   20-30Vdc input; 5.0 - 15.0Vdc Output; 70W
More results

Similar Description - AXBM2001

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM2001 ZETEX-ZXBM2001 Datasheet
269Kb / 8P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
ZXBM2001 ZETEX-ZXBM2001_04 Datasheet
258Kb / 10P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2001 DIODES-ZXBM2001 Datasheet
234Kb / 10P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
List of Unclassifed Man...
AMC8500 ETC2-AMC8500 Datasheet
715Kb / 27P
   TWO PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
AMC8510 ETC2-AMC8510 Datasheet
306Kb / 3P
   SINGLE PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2004 DIODES-ZXBM2004 Datasheet
224Kb / 12P
   VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM2004 ZETEX-ZXBM2004 Datasheet
249Kb / 12P
   VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
ZXBM1016 ZETEX-ZXBM1016 Datasheet
252Kb / 12P
   High efficiency variable speed single-phase fan motor controller
logo
Diodes Incorporated
ZXBM1016 DIODES-ZXBM1016 Datasheet
266Kb / 12P
   High efficiency variable speed single-phase fan motor controller
logo
List of Unclassifed Man...
AMC8520 ETC2-AMC8520 Datasheet
92Kb / 2P
   SINGLE PHASE VARIABLE SPEED ADVANCED FAN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com