Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MHW9187N Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MHW9187N
Description  Gallium Arsenide CATV Amplifier Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MHW9187N Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MHW9187N Datasheet HTML 1Page - Freescale Semiconductor, Inc MHW9187N Datasheet HTML 2Page - Freescale Semiconductor, Inc MHW9187N Datasheet HTML 3Page - Freescale Semiconductor, Inc MHW9187N Datasheet HTML 4Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
RF Device Data
Freescale Semiconductor
MHW9187N
Information in this document is provided solely to enable system and software
implementers to use Freescale Semiconductor products. There are no express or
implied copyright licenses granted hereunder to design or fabricate any integrated
circuits or integrated circuits based on the information in this document.
Freescale Semiconductor reserves the right to make changes without further notice to
any products herein. Freescale Semiconductor makes no warranty, representation or
guarantee regarding the suitability of its products for any particular purpose, nor does
Freescale Semiconductor assume any liability arising out of the application or use of
any product or circuit, and specifically disclaims any and all liability, including without
limitation consequential or incidental damages. “Typical” parameters that may be
provided in Freescale Semiconductor data sheets and/or specifications can and do
vary in different applications and actual performance may vary over time. All operating
parameters, including “Typicals”, must be validated for each customer application by
customer’s technical experts. Freescale Semiconductor does not convey any license
under its patent rights nor the rights of others. Freescale Semiconductor products are
not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life,
or for any other application in which the failure of the Freescale Semiconductor product
could create a situation where personal injury or death may occur. Should Buyer
purchase or use Freescale Semiconductor products for any such unintended or
unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all
claims, costs, damages, and expenses, and reasonable attorney fees arising out of,
directly or indirectly, any claim of personal injury or death associated with such
unintended or unauthorized use, even if such claim alleges that Freescale
Semiconductor was negligent regarding the design or manufacture of the part.
Freescalet and the Freescale logo are trademarks of Freescale Semiconductor, Inc.
All other product or service names are the property of their respective owners.
 Freescale Semiconductor, Inc. 2006. All rights reserved.
How to Reach Us:
Home Page:
www.freescale.com
E-mail:
support@freescale.com
USA/Europe or Locations Not Listed:
Freescale Semiconductor
Technical Information Center, CH370
1300 N. Alma School Road
Chandler, Arizona 85224
+1-800-521-6274 or +1-480-768-2130
support@freescale.com
Europe, Middle East, and Africa:
Freescale Halbleiter Deutschland GmbH
Technical Information Center
Schatzbogen 7
81829 Muenchen, Germany
+44 1296 380 456 (English)
+46 8 52200080 (English)
+49 89 92103 559 (German)
+33 1 69 35 48 48 (French)
support@freescale.com
Japan:
Freescale Semiconductor Japan Ltd.
Headquarters
ARCO Tower 15F
1-8-1, Shimo-Meguro, Meguro-ku,
Tokyo 153-0064
Japan
0120 191014 or +81 3 5437 9125
support.japan@freescale.com
Asia/Pacific:
Freescale Semiconductor Hong Kong Ltd.
Technical Information Center
2 Dai King Street
Tai Po Industrial Estate
Tai Po, N.T., Hong Kong
+800 2666 8080
support.asia@freescale.com
For Literature Requests Only:
Freescale Semiconductor Literature Distribution Center
P.O. Box 5405
Denver, Colorado 80217
1-800-441-2447 or 303-675-2140
Fax: 303-675-2150
LDCForFreescaleSemiconductor@hibbertgroup.com
Document Number: MHW9187N
Rev. 5, 4/2006
RoHS-compliant and/or Pb-free versions of Freescale products have the functionality and electrical
characteristics of their non-RoHS-compliant and/or non-Pb-free counterparts. For further
information, see http://www.freescale.com or contact your Freescale sales representative.
For information on Freescale’s Environmental Products program, go to http://www.freescale.com/epp.


Similar Part No. - MHW9187N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW9187 MOTOROLA-MHW9187 Datasheet
275Kb / 4P
   GALLIUM ARSENIDE CATV AMPLIFIER MODULE
More results

Similar Description - MHW9187N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHW9247AN FREESCALE-MHW9247AN Datasheet
74Kb / 4P
   Gallium Arsenide CATV Amplifier Module
logo
Motorola, Inc
MHW9236 MOTOROLA-MHW9236 Datasheet
271Kb / 4P
   GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9267A MOTOROLA-MHW9267A Datasheet
246Kb / 4P
   Gallium Arsenide CATV Amplifier Module
MHW9186A MOTOROLA-MHW9186A Datasheet
78Kb / 4P
   Gallium Arsenide CATV Amplifier Module
MHW9207A MOTOROLA-MHW9207A Datasheet
245Kb / 4P
   Gallium Arsenide CATV Amplifier Module
MHW9227 MOTOROLA-MHW9227 Datasheet
271Kb / 4P
   GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9276 MOTOROLA-MHW9276 Datasheet
260Kb / 4P
   GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9206 MOTOROLA-MHW9206 Datasheet
274Kb / 4P
   GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9227A MOTOROLA-MHW9227A Datasheet
286Kb / 4P
   GALLIUM ARSENIDE CATV AMPLIFIER MODULE
logo
Freescale Semiconductor...
MHW10247AN FREESCALE-MHW10247AN Datasheet
70Kb / 4P
   Gallium Arsenide CATV Amplifier Module
MHW9188AN FREESCALE-MHW9188AN Datasheet
73Kb / 4P
   Gallium Arsenide CATV Amplifier Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com