Part Name
         Description
V436632Y24V

 256MB 144-PIN UNBUFFERED SDRAM SODIMM, 32M X 64 3.3VOLT ( 12 Page)


MOSEL
100% 
Zoom Out Zoom In
 7 page
background image
MOSEL VITELIC
V436632Y24V
7
V436632Y24V Rev. 1.2 March 2002
Standby and Refresh Currents1
TA = 0°C to 70°C, VCC = 3.3V ± 0.3V
Sym-
bol
Parameter
Test Conditions
75PC/75
10PC
Unit
Note
ICC1
Operating Current
Burst length = 4, CL = 3
tRC> = tRC(min),
tCK> = tCK(min), IO = 0 mA
2 Bank Interleave Operation
920
680
mA
1,2
ICC2P
Precharged Standby Current in
Power Down Mode
CKE< = VIL(max), tCK> = tCK(min)
16
16
mA
ICC2N
Precharged Standby Current in
Non-Power Down Mode
CKE> = VIH(min), tCK> = tCK(min), In-
put changed once in 3 cycles
160
120
mA
CS = High
ICC3P
Active Standby Current in Power
Down Mode
CKE< = VIL(max), tCK> = tCK(min)
80
80
mA
ICC3N
Active Standby Current in Non-Pow-
er Down Mode
CKE> = VIH(min), tCK> = tCK(min), In-
put changed one time
200
180
mA
CS = High
ICC4
Burst Operating Current
Burst length = Full Page,
tRC = Infinite, CL = 3,
tCK> = tCK(min), IO = 0 mA
2 Banks Activated
600
400
mA
1, 2
ICC5
Auto Refresh Current
tRC>= tRC(min)
1920
1760
mA
1,2
ICC6
Self Refresh Current
CKE = <0.2 V
Standard
24
24
mA
1,2
L-Version
13.6
13.6



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
V436516Y04V128MB 144-PIN UNBUFFERED SDRAM SODIMM 16MX64 3.3VOLT 1 2 3 4 5 MoreMosel Vitelic, Corp
V436664X24V512MB 144-PIN UNBUFFERED SDRAM SODIMM 64M X 64 3.3VOLT 1 2 3 4 5 MoreMosel Vitelic, Corp
EBD25EC8AKFA-5256MB Unbuffered DDR SDRAM DIMM 32M words X72 bits 1 Rank 1 2 3 4 5 MoreElpida Memory
EBD25UC8AKFA-5256MB Unbuffered DDR SDRAM DIMM 32M words X 64 bits 1 Rank 1 2 3 4 5 MoreElpida Memory
V436664Z24V512MB 144-PIN UNBUFFERED SDRAM SODIMM 64M x 64 3.3 VOLT 1 2 3 4 5 MoreMosel Vitelic, Corp
EBD25UC8AKFA-5-E256MB Unbuffered DDR SDRAM DIMM 32M words X 64 bits 1 Rank 1 2 3 4 5 MoreElpida Memory
V436632Z24V3.3 VOLT 32M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM 1 2 3 4 5 MoreMosel Vitelic, Corp
W3EG7232S-AD4256MB - 32Mx72 DDR SDRAM UNBUFFERED w/PLL 1 2 3 4 5 MoreWhite Electronic Designs Corporation
V826632G24S256 MB 200-PIN DDR UNBUFFERED SODIMM 2.5 VOLT 32M x 64 1 2 3 4 5 MoreMosel Vitelic, Corp
M368L3223CTL256MB DDR SDRAM MODULE Unbuffered 184pin DIMM 64-bit Non-ECC/Parity 1 2 3 4 5 MoreSamsung semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl