Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCPD-920X-50-100.000 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CCPD-920X-50-100.000
Description  Differential LVPECL Clock Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CCPD-920X-50-100.000 Datasheet(HTML) 1 Page - Crystek Corporation

  CCPD-920X-50-100.000 Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Differential LVPECL
Clock Oscillator
Specifications subject to change without notice.
Aging:
Designed to meet today's
requirements for 3.3V Differential
LVPECL applications. The CCPD-
920 is produced using our cost
sav i ng FR5 PCB and UM-1
overtone crystal technology. This
design offers considerable cost
sav i ngs ov er other HFF XO's
products. Also available in 14 pin
dip fully hermetic package.
9X14 mm SMD,
3.3V, LVPECL
CCPD-920 Model
50MHz to 150MHz
±20, ±25, ±50ppm (0°C to 70°C)
±25, ±50ppm (-40°C to 85°C)
0°C to 70°C
-40°C to 85°C
-55°C to 120°C
3.3V ± 0.3V
88mA Max
Differential LVPECL
45/55% Max @ 50% Vdd
1ns Max @ 20% to 80% Vdd
± 10% Max
into 50 ohms
"0" = Vcc-1.85V Min, Vcc-1.62V Max
"1" = Vcc-1.02V Min, Vcc-0.81V Max
200ns Max
1ms Typ., 2ms Max
0.5psec Typ., 1psec RMS Max
-65dBc/Hz Typical
-98dBc/Hz Typical
-125dBc/Hz Typical
-140dBc/Hz Typical
-145dBc/Hz Typical
Frequency Range:
Frequency Stability:
Temperature Range:
(Option X)
Storage:
Input Voltage:
Input Current:
Output:
Symmetry:
Rise/Fall Time:
Linearity:
Logic:
Terminated to Vdd-2V
Logic "0"
Logic "1"
Disable Time
Start-up Time
Phase Jitter:
12KHz to 80MHz
Phase Noise:
10Hz
100Hz
1KHz
10KHz
100KHz - 100MHz
TD-051101 Rev. B
CCPD-920 X - 25 - 100.000
Crystek Part Number Guide
#1 Crystek 9x14 SMD PECL OSC
#2 Model 920
#3 Temp. Range: Blank = 0/70°C, X=-40/85°C
#4 Stability: (see Table 1)
#5 Frequency in MHz: 3 or 6 decimal places
#1
#2
#3
#5
Example:
CCPD-920X-25-100.000 = 3.3V, 45/55, -40/85°C, 25ppm, 100.000 MHz
#4
20 = 0/70°C(±20ppm)
25 = 0/70°C (±25ppm)
50 = 0/70°C (±50ppm)
25 = -40/85°C (±25ppm)
50 = -40/85°C (±50ppm)
Stability Indicator:
Table 1
<3ppm 1st/yr, <1ppm every year thereafter
0.100
(2.54)
0.040
(1.01)
0.070
(1.77)
1
4
6
3
2
5
SUGGESTED PAD LAYOUT
0.280
(7.11)
0.050
(1.27)
0.200
(5.08)
0.090
(2.28)
Pad
Connection
1
2
3
4
5
6
N/C
E/D
GND
OUT
COUT
Vdd
Pin 2
Output Pin
Open
"0" level Vcc-1.620V Max
"1" level Vcc-1.025V Min
Active
Active
Disabled
Enable/Disable Function
Disabled State:
Pin 4 will assume a fixed level of logic "0"
Pin 5 will assume a fixed level of logic "1"
0.360
(9.14)
0.560
(14.2)
CRYSTEK
P/N
Frequency
Date Code
0.210
(5.3)
0.560
(14.2)
Bottom View
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t
RECOMMENDED REFLOW SOLDERING PROFILE
217°C
200°C
260°C
150°C
90 Secs. Max.
Ramp-Up
3°C/Sec Max.
Preheat
180 Secs. Max.
8 Minutes Max.
260°C for
10 Secs. Max.
Critical Temperature
Zone
Ramp-Down
6°C/Sec.
NOTE: Reflow Profile with 240°C peak also acceptable.


Similar Part No. - CCPD-920X-50-100.000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCPD-920 CRYSTEKCRYSTAL-CCPD-920_15 Datasheet
127Kb / 1P
   9횞14 mm SMD, 3.3V, LVPECL
More results

Similar Description - CCPD-920X-50-100.000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCPD-912 CRYSTEKCRYSTAL-CCPD-912 Datasheet
113Kb / 1P
   Differential LVPECL Clock Oscillator 9X14 mm SMD, 3.3V, LVPECL
CCPD-914 CRYSTEKCRYSTAL-CCPD-914 Datasheet
113Kb / 1P
   Differential LVPECL Clock Oscillator 9X14 mm SMD, 3.3V, LVPECL
CCPD-915 CRYSTEKCRYSTAL-CCPD-915 Datasheet
113Kb / 1P
   Differential LVPECL Clock Oscillator FR5 9X14 mm SMD, 3.3V, LVPECL
logo
Connor-Winfield Corpora...
PMXXX CONNOR-WINFIELD-PMXXX Datasheet
316Kb / 2P
   LVPECL Clock Oscillator
logo
Crystek Corporation
CCPD-024 CRYSTEKCRYSTAL-CCPD-024_15 Datasheet
116Kb / 3P
   LVPECL Clock Oscillator
CCPD-023 CRYSTEKCRYSTAL-CCPD-023_15 Datasheet
116Kb / 3P
   LVPECL Clock Oscillator
CCPD-034 CRYSTEKCRYSTAL-CCPD-034_15 Datasheet
311Kb / 3P
   LVPECL Clock Oscillator
logo
ON Semiconductor
NBXHGA053 ONSEMI-NBXHGA053 Datasheet
115Kb / 6P
   2.5/3.3 V, 50.00 MHz LVPECL Clock Oscillator LVPECL Differential Output
April, 2011 ??Rev. 0
NBXSBA024 ONSEMI-NBXSBA024_11 Datasheet
118Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator LVPECL Differential Output
April, 2011 ??Rev. 4
logo
Mercury United Electron...
HPK5761 MERCURY-HPK5761 Datasheet
314Kb / 4P
   Differential LVPECL Crystal Clock Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com