Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KHAU-11D16N-24 Datasheet(PDF) 1 Page - Tyco Electronics

Part # KHAU-11D16N-24
Description  General Purpose Dry Circuit to 5A Multicontact AC or DC Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

KHAU-11D16N-24 Datasheet(HTML) 1 Page - Tyco Electronics

  KHAU-11D16N-24 Datasheet HTML 1Page - Tyco Electronics KHAU-11D16N-24 Datasheet HTML 2Page - Tyco Electronics KHAU-11D16N-24 Datasheet HTML 3Page - Tyco Electronics KHAU-11D16N-24 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Coil Data @ 25
°C
Voltage: From 6 to 120VDC, and 6 to 240VAC, 50/60 Hz.
Nom. Power: DC coils - 0.9 watt; 0.5 watt minimum operate @ 25
°C.
AC coils - 1.2 VA; 0.55 VA minimum operate @ 25
°C.
Max. Power: DC coils - 2.0 watts @ 25
°C.
Duty Cycle: Continuous.
Initial Breakdown Voltage: 500V rms, 60 Hz.
Operate Data @ 25
°C
Must-Operate Voltage: DC: 75% of nominal voltage.
AC: 85% of nominal voltage.
Operate Time: 13 milliseconds typical @ nominal voltage (excluding
bounce).
Release Time: 6 milliseconds typical @ nominal voltage (excluding
bounce).
Environmental Data
Temperature Range: -45
°C to +70°C operate.
-60
°C to +130°C storage.
Mechanical Data
Mountings: #3-48 stud, sockets with printed circuit or solder terminals,
or bracket plate with #6-32 threaded stud.
Termination: Printed circuit or solder/socket terminals.
Printed circuit terminals are available for KHS on a special
order basis.
Enclosures: See Ordering Information table.
Weight: 1.6 oz. approx. (45g).
File E22575
File LR15734
KHA series
General Purpose
Dry Circuit to 5A
Multicontact
AC or DC Relay
KHS
KHAU
Features
• Miniature size from 2 pole to 4 pole.
• KHAU is produced on an automated line, while KHU is produced
manually. Form, fit and function of the two versions are identical.
• KHS hermetically sealed version UL Approved for Class 1 Division 2
hazardous locations.
• Various applications include process control, photocopier, and data
processing.
• Push-to-test and inidcator options available.
• Various contact materials available for specific load requirements.
Contact Data @ 25
°C
Arrangements: 2 Form C (DPDT), 4 Form C (4PDT).
Expected Life: 10 million operations, mechanical; 100,000 operations min.
at rated loads. Ratings are based on tests of relays with
ungrounded frames.
Initial Breakdown Voltage: 500V rms, 60 Hz., between open contacts.
1240V rms, 60 Hz., between all other
elements.
Contact Ratings
Resistive Rating
Minimum
Maximum
1
Silver
100mA @
3A @
12VAC/12VDC
120VAC/28VDC
2*
Silver-cadmium
500mA @
5A @
oxide
12VAC/12VDC
120VAC/28VDC
3
Gold-silver-nickel
10mA @
2A @
12VAC/12VDC
120VAC/28VDC
6
Bifurcated cross bar,
Dry circuit
1A @
gold overlay silver
120VAC/28VDC
8
Gold diffused silver
50mA @
3A @
12VAC/12VDC
120VAC/28VDC
Note: Relays should only carry a maximum of 15 amps continuously for all poles combined.
KHS Contact Ratings
Class I Division II Hazardous Location:
5A@28VDC/120VAC
UL 508 (Industrial Control):
3A@28VDC/120VAC; 1/10 HP @ 120VAC.
Contact
Code
Material
Coil Data
DC Coils
AC Coils
Resistance
Nominal
Resistance
Nominal
Nominal
in Ohms
Inductance
in Ohms
AC Current
Voltage
±10% @
in Henrys
±15%
in mA
250C
5
32
.072
6
40
.08
10.5
200
12
160
.28
43
100
24
650
1.0
160
52
48
2,600
4.5
668
25
110 *
11,000
17.0
120 *
3,900
11.0
240
12,000
6.0
*Note: For 220 and 240VDC, use series dropping 5W resistor of 11,000
Ω.


Similar Part No. - KHAU-11D16N-24

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KHA TEC-KHA Datasheet
325Kb / 3P
   Two and four pole form C contact arrangements
logo
Pepperl+Fuchs Inc.
KHA6-SH-EX1 PF-KHA6-SH-EX1 Datasheet
1Mb / 5P
   Switch Amplifier
2021-12-20
More results

Similar Description - KHAU-11D16N-24

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393143-0 MACOM-2-1393143-0 Datasheet
125Kb / 2P
   General Purpose 3 to 10 Amp, Multicontact AC or DC Relay
logo
List of Unclassifed Man...
PME261 ETC2-PME261 Datasheet
49Kb / 3P
   General purpose AC/DC
logo
Tyco Electronics
PCLH-202A1S000 MACOM-PCLH-202A1S000 Datasheet
319Kb / 4P
   3A, 5A, 10A, 15A General Purpose Miniature Relay
PCL MACOM-PCL Datasheet
320Kb / 4P
   3A, 5A, 10A, 15A General Purpose Miniature Relay
logo
AIMTEC
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_16 Datasheet
597Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_13 Datasheet
637Kb / 11P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ_16 Datasheet
670Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-50120AZ AIMTEC-AMEOR60-50120AZ Datasheet
977Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEPR60-AZ AIMTEC-AMEPR60-AZ Datasheet
558Kb / 11P
   up to 5A | AC-DC LED driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com