Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCO-030H-10-49.152 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CCO-030H-10-49.152
Description  8 & 14 Pin Dip, 3.3V, HCMOS Clock Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CCO-030H-10-49.152 Datasheet(HTML) 1 Page - Crystek Corporation

  CCO-030H-10-49.152 Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-02076 Rev.H
PWR
Supply
mA
M
VM
OSC.
pin 1
pin 8
or 14
pin 4
or 7
pin 5
or 8
O/P Load
incl Probe Cl
OUT
High Impedance
GND or "LOW"
Oscillation
OPEN or "HIGH"
GND
OUT
Vdd
Specifications subject to change without notice.
Aging:
Designed to provide a
low cost solution to a
broad base of frequency
timing applications.
8 & 14 Pin Dip,
3.3V, HCMOS
CCO-030S & 030 Models
Function pin 1
Output pin
Open
"1" level 2.4V Min
"0" level 0.4V Max
Active
Active
High Z
Tri-State Function
30KHz to 200MHz
±10ppm to ±100ppm
0°C to 70°C
-20°C to 70°C
-40°C to 85°C
-55°C to 120°C
3.3V ± 0.3V
10-60mA (freq. dependent)
HCMOS
45/55% Max @ 50% Vdd
15ns Typ, 20ns Max (30-500KHz)
4ns Typ, 10ns Max (501KHz-79MHz)
1.5ns Typ, 3ns Max (80-200MHz)
"0" = 10% Vdd Max
"1" = 90% Vdd Min
15pF Max
30pF Max (up to 80MHz)
Frequency Range:
Frequency Stability:
Temperature Range:
Operating:
(Option M)
(Option X)
Storage:
Input Voltage:
Input Current:
Output:
Symmetry:
Rise/Fall Time:
Logic:
Load:
(Option H)
CCO-030 T X H - 25 - 49.152
Crystek Part Number Guide
#1 Crystek Clock Osc.
#2 Model (030 or 030S)
#3 Tristate: Blank= no Tristate, T= Tristate
#4 Temp. Range: Blank= 0/70°C, M= -20/70°C, X= -40/85°C
#5 Load: Blank= standard, H= 30pF
#6 Stability: (see Table 1)
#7 Frequency in MHz: 3 or 6 decimal places
#1
#2
#5
#3 #4
#7
Example:
CCO-030TX-25-25.000 = (full size) 3.3V Tristate, -40/85°C, 45/55, 25ppm, 25.000 MHz
CCO-030ST-50-19.660800 = (half size) 3.3V Tristate, 0/70, 45/55, 50ppm, 19.660800 MHz
#6
Blank (std)
± 100ppm
50
± 50ppm
25
± 25ppm
20
± 20ppm
10
± 10ppm
0/70
-20/70
-40/85
**
**
**
**
**
**
**
**
**
Stability Indicator:
Table 1
<3ppm 1st/yr, 1ppm every year thereafter
Clock Oscillator
18
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t
CCO-030
CRYSTEK
Part Number
Frequency
Date Code
0.750
(19.05)
0.820
(20.83)
0.450
(11.43)
0.520
(13.21)
0.600
(15.24)
0.300
(7.62)
1
14
7
8
0.216
(5.50)
0.260
(6.60)
0.216
(5.50)
0.260
(6.60)
0.300
(7.62)
0.300
(7.62)
Pin
1
Pin
8
Pin
4
Pin
5
CRYSTEK
P/N
Frequency
DC
0.450
(11.43)
0.520
(13.21)
CCO-030S


Similar Part No. - CCO-030H-10-49.152

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCO-030 CRYSTEKCRYSTAL-CCO-030 Datasheet
65Kb / 1P
   8 & 14 Pin Dip, 3.3V, HCMOS
More results

Similar Description - CCO-030H-10-49.152

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
N33XX CRYSTEKCRYSTAL-N33XX Datasheet
104Kb / 1P
   Clock Oscillator 14 Pin Dip, 3.3V, HCMOS
S33XX CRYSTEKCRYSTAL-S33XX Datasheet
106Kb / 1P
   Clock Oscillator 8 Pin Dip, 3.3V, HCMOS
CCO-030 CRYSTEKCRYSTAL-CCO-030 Datasheet
65Kb / 1P
   8 & 14 Pin Dip, 3.3V, HCMOS
CCO-014014S CRYSTEKCRYSTAL-CCO-014014S Datasheet
116Kb / 1P
   8 & 14 Pin Dip, 5V, HCMOS/TTL Clock Oscillator
logo
Connor-Winfield Corpora...
HC13R8G CONNOR-WINFIELD-HC13R8G Datasheet
140Kb / 2P
   5.0V 14 Pin DIP HCMOS Clock Oscillator
HC54R8RG CONNOR-WINFIELD-HC54R8RG Datasheet
168Kb / 2P
   5.0V 14 Pin DIP HCMOS Clock Oscillator
logo
Crystek Corporation
CVXO-030S CRYSTEKCRYSTAL-CVXO-030S Datasheet
119Kb / 1P
   Voltage Controlled Crystal Oscillator 8 & 14 Pin Dip, 3.3V, HCMOS
logo
Connor-Winfield Corpora...
HTFL2-20.00M CONNOR-WINFIELD-HTFL2-20.00M Datasheet
117Kb / 2P
   3.3V HCMOS TCXO 14 Pin DIP Crystal Oscillator
logo
Crystek Corporation
N32XX CRYSTEKCRYSTAL-N32XX Datasheet
105Kb / 1P
   Clock Oscillator 14 Pin Dip, 5V, HCMOS/TTL
S32XX CRYSTEKCRYSTAL-S32XX Datasheet
105Kb / 1P
   Clock Oscillator 8 Pin Dip, 5V, HCMOS/TTL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com