Part Name
         Description
LBS70A22

 70MHz SAW Filter 2MHz Bandwidth ( 3 Page)


SIPAT
100% 
Zoom Out Zoom In
   
 2 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS70A22
Rev. Date
2006-4-28
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 2/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
70MHz SAW Filter
2MHz Bandwidth
Part Number: LBS70A22
Package Dimension
Input
1
Output
5
Ground
2,3,4,6
Package: DIP3512
Unit: mm
35.00±0.5
0.45±0.05
25.40±0.2
2.54±0.2
2.54±0.2



Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LBS70A1470MHz SAW Filter 2MHz Bandwidth 1 2 3 SIPAT Co,Ltd
LBS70A1870MHz SAW Filter 2MHz Bandwidth 1 2 3 SIPAT Co,Ltd
LB070DS1270MHz SAW Filter 7.2MHz Bandwidth 1 2 3 SIPAT Co,Ltd
LBS70A0570MHz SAW Filter 2.2MHz Bandwidth 1 2 3 SIPAT Co,Ltd
LBS70A1070MHz SAW Filter 2.1MHz Bandwidth 1 2 3 SIPAT Co,Ltd
LBS70A1370MHz SAW Filter 1MHz Bandwidth 1 2 3 SIPAT Co,Ltd
SF0140BA03110S140 MHz SAW Filter 14 MHz Bandwidth 1 2 3 Integrated Circuit Systems
SF0400BA02520S400 MHz IF SAW Filter 160 KHz Bandwidth 1 2 Integrated Circuit Systems
SF0140BA03114S140 MHz SAW Filter 16 MHz Bandwidth 1 2 3 Integrated Circuit Systems
SF0426CN02357S426 MHz SAW Bandpass Filter 5.16 MHz bandwidth 1 2 Integrated Circuit Systems

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl