Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3631E1R2KT Datasheet(PDF) 3 Page - Tyco Electronics

Part # 3631E1R2KT
Description  Shielded SMD Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3631E1R2KT Datasheet(HTML) 3 Page - Tyco Electronics

  3631E1R2KT Datasheet HTML 1Page - Tyco Electronics 3631E1R2KT Datasheet HTML 2Page - Tyco Electronics 3631E1R2KT Datasheet HTML 3Page - Tyco Electronics 3631E1R2KT Datasheet HTML 4Page - Tyco Electronics 3631E1R2KT Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Shielded SMD Power Inductors
Type 3631 Series
Literature No. 1773153
Issued: 08-05
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Dimensions
A, B, C Series
Series
A ±0.3
B ±0.3
C ±0.5
D ±0.2
E (typ)
F (ref)
G (ref)
H (ref)
3631A
12.7
12.7
5.0
5.0
8.1
6.0
7.0
4.0
3631B
12.7
12.7
6.0
5.0
8.1
6.0
7.0
4.0
3631C
12.7
12.7
8.0
5.0
8.1
6.0
7.0
4.0
Electrical Characteristics -
3631D Series
Inductance
Inductance
Tolerance
Test Freq.
R.D.C. (m
Ω)
Irms
Isat
Code
(µH)
(Hz)
Max.
(A)
(A)
1R2
1.20
±30%
100K
8.0
9.20
9.80
2R4
2.40
±30%
100K
11.5
7.80
8.00
3R5
3.50
±30%
100K
13.0
7.50
7.60
4R7
4.70
±30%
100K
15.5
6.80
7.00
6R1
6.10
±30%
100K
17.0
6.60
6.80
7R6
7.60
±30%
100K
19.0
6.00
6.20
100
10.0
±20%
1K
20.0
5.50
5.50
120
12.0
±20%
1K
23.0
5.20
5.00
150
15.0
±20%
1K
27.0
5.00
4.60
180
18.0
±20%
1K
36.0
4.20
3.90
220
22.0
±20%
1K
43.0
4.00
3.70
270
27.0
±20%
1K
45.0
3.60
3.30
330
33.0
±20%
1K
60.0
3.00
2.80
390
39.0
±20%
1K
70.0
2.80
2.70
470
47.0
±20%
1K
86.0
2.60
2.50
560
56.0
±20%
1K
100.0
2.30
2.20
680
68.0
±20%
1K
110.0
2.10
2.10
820
82.0
±20%
1K
145.0
1.95
1.90
101
100.0
±20%
1K
180.0
1.70
1.70


Similar Part No. - 3631E1R2KT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3631 BOURNS-3631 Datasheet
46Kb / 1P
   VDSL POTS Splitter
logo
List of Unclassifed Man...
36310 ETC2-36310 Datasheet
226Kb / 1P
   Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
logo
3M Electronics
36310-3200-008 3M-36310-3200-008 Datasheet
219Kb / 4P
   Shielded Compact Ribbon (SCR) Connectors
June 28, 2007
logo
SCHOTT CORPORATION
36313 SCHOTT-36313 Datasheet
17Kb / 1P
   TRANSFORMER, ADSL
logo
List of Unclassifed Man...
36315 ETC2-36315 Datasheet
226Kb / 1P
   Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
More results

Similar Description - 3631E1R2KT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com