Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3EHG1-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 3EHG1-2
Description  Smallest Filtered Power Entry Modules with Metric Fuseholders
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3EHG1-2 Datasheet(HTML) 1 Page - Tyco Electronics

  3EHG1-2 Datasheet HTML 1Page - Tyco Electronics 3EHG1-2 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORCOM Product Guide
Smallest Filtered Power Entry Modules with Metric Fuseholders
The GG series power entry modules combine the functions
of a general purpose RFI filter with an IEC power cord con-
nector and single or dual metric fusing, in the smallest pos-
sible panel space. A choice of .250” terminals or wire
leads is available for the load-side terminations.
For maximum cost effectiveness, 6 amp models should be
used for all applications rated 6 amps or less, unless the
higher performance of the 3 amp models, or the much
higher performance of the 1 amp models, is needed.
Models with C-suffix additionally incorporate a ground
choke1 to isolate the equipment chassis from external
ground at RF frequencies.
HG Series
A medical version of our GG series, these filters offer the
same compact design but reduce the line-to-ground
capacitance in order to meet UL 2601 patient care
requirements.
Specifications
Maximum leakage current,each line-to-ground
HG Models
GG Models
@ 120 VAC 60 Hz:
2
µA
.25 mA
@ 250 VAC 50 Hz:
5
µA
.42 mA
Hipot rating (one minute):
line-to-ground
1550 VAC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage (max.):
250 VAC
Fuse (not included):
Accepts one 5x20mm fuse
(-1 models) or two 5 x 20 mm
fuses (-2 models)
Terminals:
.250 [6.35mm] terminals (G1)
5" wire leads (EGG8)
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating
.01
.05
.10 .15
.5
1
5
10
30
GG/GS Models
1A
12
23
29
32
41
47
50
50
55
3A
10
15
19
30
36
48
50
53
6A
1
4
10
16
22
36
40
50
HG Models
1A
12
23
29
32
40
40
28
22
18
3A
10
15
19
25
26
22
21
21
6A
410
14
18
18
14
14
14
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating
.01
.15
.5
1
3
5
10
30
GG/GS Models
1A
1
3
14
23
41
47
50
44
3A
1
2
11
14
25
38
44
40
6A
1
2
10
13
23
33
39
42
HG Models
1A
1
3
26
35
35
35
27
20
3A
1
2
30
30
30
30
30
30
6A
1
2
30
30
30
30
30
30
102
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.cor.com
Revised 03-04
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
1-508-992-4495
are metric equivalents.
to change.
Germany:
49-89-6089-0
GG/HG Series
GG Series
HG1/GG1
GG8
Electrical Schematics
GG/GS/HG
GG-C
LINE
Note 1
Note 2
LOAD
LINE
Note 1
Note 2
LOAD
Resistor location for reference only.
Note 1: Depicts single fuse for -1 models.
Note 2: For HG delete line-to-ground capacitors.
CAUTION: DO NOT ATTEMPT TO OPERATE A SINGLE-FUSED MODEL WITHOUT THE
FUSE DOOR IN PLACE!
UL Recognized
CSA Certified
VDE Approved


Similar Part No. - 3EHG1-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3EHG1-2 MACOM-3EHG1-2 Datasheet
71Kb / 2P
   Smallest Filtered Power Entry Modules with Metric Fuseholders
3EHG1-2 MACOM-3EHG1-2 Datasheet
288Kb / 3P
   Smallest Power Entry Module with Metric Fuse Holders
More results

Similar Description - 3EHG1-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EGG1-1 MACOM-1EGG1-1_1 Datasheet
71Kb / 2P
   Smallest Filtered Power Entry Modules with Metric Fuseholders
1EGG1-1 MACOM-1EGG1-1_11 Datasheet
288Kb / 3P
   Smallest Power Entry Module with Metric Fuse Holders
logo
Schaffner International...
FN-280 SCHAFFNER-FN-280 Datasheet
535Kb / 5P
   Compact filtered power entry module
FN-390 SCHAFFNER-FN-390 Datasheet
619Kb / 5P
   Versatile Filtered Power Entry Module
logo
List of Unclassifed Man...
FN281-6-06 ETC2-FN281-6-06 Datasheet
917Kb / 5P
   Compact Filtered Power Entry Module
logo
Schaffner International...
FN-370 SCHAFFNER-FN-370 Datasheet
1Mb / 5P
   Versatile Filtered Power Entry Module
FN-380 SCHAFFNER-FN-380 Datasheet
743Kb / 5P
   Versatile Filtered Power Entry Module
logo
Tyco Electronics
CCM1300 MACOM-CCM1300 Datasheet
182Kb / 2P
   Power Entry Modules
logo
Schurter Inc.
8843 SCHURTER-8843 Datasheet
86Kb / 2P
   POWER ENTRY MODULES
logo
Maxim Integrated Produc...
MAX8520 MAXIM-MAX8520 Datasheet
605Kb / 19P
   Smallest TEC Power Drivers for Optical Modules
Rev 0; 10/02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com