Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KHAU-11A18B-12 Datasheet(PDF) 3 Page - Tyco Electronics

Part # KHAU-11A18B-12
Description  General Purpose Dry Circuit to 5A Multicontact AC or DC Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

KHAU-11A18B-12 Datasheet(HTML) 3 Page - Tyco Electronics

  KHAU-11A18B-12 Datasheet HTML 1Page - Tyco Electronics KHAU-11A18B-12 Datasheet HTML 2Page - Tyco Electronics KHAU-11A18B-12 Datasheet HTML 3Page - Tyco Electronics KHAU-11A18B-12 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
+ = Polarity for LED indicator.
.859 MAX.
(21.82)
1 2 3
4
5 6 7
8
9 10 11 12
.421
(10.69)
1.109 MAX.
(28.17)
.525
(13.34)
.263
(6.68)
.168
(4.27)
.022
(.56)
.265
(6.73)
.750
(19.05)
.000 - .010
(.00 - .25)
.312
(7.92)
#3-48
THREAD
.25
(6.4)
1.281 MAX.
(32.54)
.250 + .015
(6.35
± .38)
#3-48 THREAD
1.281 MAX.
(32.54)
.312 + .031
(7.92
± .79)
.281 REF.
(7.14)
1.156 MAX.
(29.36)
.525 REF.
(13.34)
.263 REF.
(6.68)
.45 REF.
(11.4)
.910 MAX.
(23.11)
.022 REF
(.56)
Wiring Diagrams (Bottom Views)
PC Board Layout (Bottom View)
Outline Dimensions
Mounting Code 1 - KHAU only.
Mounting Code 1 - KHS only.
PC terminal models have rivet, not stud.
Max. seated height in 27E006 socket is
1.37" (34.8mm).
2 & 4 Pole
2 & 4 Pole
Class 1 Div. 2 Group A, B, C & D Hazards
Mounting Code 1 - Neon Indicator, Push-To-Test.
.160
(4.06)
14
PLACES
.070 DIA.
(1.78)
.410
(10.41)
.660
(16.76)
.175
(4.45)
.350
(8.89)
.525
(13.34)
For KHAE Relays
with PC terminals
and sockets with
PC terminals
13
4
8
12
1
5
9
14
4
8
12
3
7
11
2
6
10
1
5
9
13
14
-
+
-
+
2 Pole
4 Pole
Printed Circuit
Terminals
.180 DIA. BOSSES
(4.57)
.265
± .046
(6.73
± 1.17)
1 2 3
4
5 6 7
8
9 10 11 12
.859 MAX.
(21.82)
.168
± 020
(4.27
± .51)
.168
(4.27)
.421
± .046
(10.69
± 1.17)
.525
(13.34)
.263
(6.68)
.313
(7.95)
.797
± .020
(20.24
± .51)
.040
± .010
(1.02
± .25)
.250
(6.35)
.125 DIA.
(3.18)
1.281 MAX.
(32.54)
1.600 MAX WITH
INDICATOR LAMP
(38.10)
#3-48 THREAD
.312
± .031
(7.92
± .79)
.219
(5.56)
.050 DIA.
TYPICAL
(1.27)
.15
(3.81)
Printed circuit terminal thickness .022 (.558)
.200 (5.08) terminal length available on special order
.112
(2.84)
.052 REF.
(1.32)
.047
REF.
(1.19)
.750
(19.05)


Similar Part No. - KHAU-11A18B-12

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KHA TEC-KHA Datasheet
325Kb / 3P
   Two and four pole form C contact arrangements
logo
Pepperl+Fuchs Inc.
KHA6-SH-EX1 PF-KHA6-SH-EX1 Datasheet
1Mb / 5P
   Switch Amplifier
2021-12-20
More results

Similar Description - KHAU-11A18B-12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393143-0 MACOM-2-1393143-0 Datasheet
125Kb / 2P
   General Purpose 3 to 10 Amp, Multicontact AC or DC Relay
logo
List of Unclassifed Man...
PME261 ETC2-PME261 Datasheet
49Kb / 3P
   General purpose AC/DC
logo
Tyco Electronics
PCLH-202A1S000 MACOM-PCLH-202A1S000 Datasheet
319Kb / 4P
   3A, 5A, 10A, 15A General Purpose Miniature Relay
PCL MACOM-PCL Datasheet
320Kb / 4P
   3A, 5A, 10A, 15A General Purpose Miniature Relay
logo
AIMTEC
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_16 Datasheet
597Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_13 Datasheet
637Kb / 11P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ_16 Datasheet
670Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-50120AZ AIMTEC-AMEOR60-50120AZ Datasheet
977Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEPR60-AZ AIMTEC-AMEPR60-AZ Datasheet
558Kb / 11P
   up to 5A | AC-DC LED driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com