Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3EGS1-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 3EGS1-2
Description  Smallest Filtered Power Entry Modules with Metric Fuseholders
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3EGS1-2 Datasheet(HTML) 2 Page - Tyco Electronics

  3EGS1-2 Datasheet HTML 1Page - Tyco Electronics 3EGS1-2 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORCOM Product Guide
Smallest Filtered Power Entry Modules with Metric Fuseholders (Continued)
Case Styles
Case Dimensions
AB
C
D
E
± .015
Part No.
(max)
(max)
(max)
(max)
±.38
EGG1-1/EGG1-2/
1.66
1.13
1.29
1.417
1.76
EHG1-2
42.2
28.7
32.8
36.0
44.7
EGG8-1/EGG8-2
2.02
1.13
1.29
1.417
1.76
51.1
28.7
32.8
36.0
44.7
EGG1C-1/EGG1C-2 2.02
1.13
1.29
1.417
1.76
62.2
28.7
32.8
36.0
44.7
EGG8C-1/EGG8C-2 2.02
1.13
1.29
1.417
1.76
51.1
28.7
32.8
36.0
44.7
EGS1-1/EGS1-2
1.50
1.13
1.29
1.46
1.42
38.1
28.7
32.5
36.0
36.1
*HG 1-2 models same as GG 1-2.
103
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.cor.com
Revised 03-04
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
1-508-992-4495
are metric equivalents.
to change.
Germany:
49-89-6089-0
GG/HG Series
GG1/HG1
GG8
A
D
E
C
B
1.22
[30.9]
EGS
B
D
E
A
C
Blue
Green/Yellow
Brown
D
E
A
B
C
.6
15.2
Recommended Panel Cutout
1.30
33.0
.138
3.5
Dia.
.138
3.5
R
1.14
29.0
1.417
36.0
Front or
back
mounting.
Typical dimensions:
Terminals: .250 [6.35] (3)
Holes: .07 [1.8] Dia.
Mounting Holes: .126 [3.20] Dia. (2)
Typical dimensions:
Wire leads: 5.0 [127.0] Min. 18 AWG Mounting Holes: .126 [3.20] Dia. (2)
Part Number
RFI Filter Type
Current Rating3
Metric Fuseholders
Load Side Terminations
1EGG1-1
General Purpose2
1
1
Terminals
1EGG1-2
General Purpose
1
2
Terminals
1EGG8-1
General Purpose
1
1
Wire Leads
1EGG8-2
General Purpose
1
2
Wire Leads
1EGS1-1
General Purpose
1
1
Terminals
1EGS1-2
General Purpose
1
2
Terminals
3EGG1-1
General Purpose
3
1
Terminals
3EGG1-2
General Purpose
3
2
Terminals
3EGG8-1
General Purpose
3
1
Wire Leads
3EGG8-2
General Purpose
3
2
Wire Leads
3EGS1-1
General Purpose
3
1
Terminals
3EGS1-2
General Purpose
3
2
Terminals
6EGG1-1
General Purpose
6
1
Terminals
6EGG1-2
General Purpose
6
2
Terminals
6EGG8-1
General Purpose
6
1
Wire Leads
6EGG8-2
General Purpose
6
2
Wire Leads
6EGS1-1
General Purpose
6
1
Terminals
6EGS1-2
General Purpose
6
2
Terminals
1EHG1-2
Medical
1
2
Terminals
3EHG1-2
Medical
3
2
Terminals
6EHG1-2
Medical
6
2
Terminals
1 Ground choke available on general purpose models. Add suffix (1EGG1C-1). Does not include EGS models.
2 General purpose filter for susceptibility applications.
3 Current rating @120 VAC and 250 VAC.
GG/HG
1.29
32.76
.010
.25
R
1.18
29.97
for panel thickness
.032-.080 [
.81-2.03]
Snap-In Version (EGS)


Similar Part No. - 3EGS1-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3EGS1-2 MACOM-3EGS1-2 Datasheet
71Kb / 2P
   Smallest Filtered Power Entry Modules with Metric Fuseholders
3EGS1-2 MACOM-3EGS1-2 Datasheet
288Kb / 3P
   Smallest Power Entry Module with Metric Fuse Holders
More results

Similar Description - 3EGS1-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EGG1-1 MACOM-1EGG1-1_1 Datasheet
71Kb / 2P
   Smallest Filtered Power Entry Modules with Metric Fuseholders
1EGG1-1 MACOM-1EGG1-1_11 Datasheet
288Kb / 3P
   Smallest Power Entry Module with Metric Fuse Holders
logo
Schaffner International...
FN-280 SCHAFFNER-FN-280 Datasheet
535Kb / 5P
   Compact filtered power entry module
FN-390 SCHAFFNER-FN-390 Datasheet
619Kb / 5P
   Versatile Filtered Power Entry Module
logo
List of Unclassifed Man...
FN281-6-06 ETC2-FN281-6-06 Datasheet
917Kb / 5P
   Compact Filtered Power Entry Module
logo
Schaffner International...
FN-370 SCHAFFNER-FN-370 Datasheet
1Mb / 5P
   Versatile Filtered Power Entry Module
FN-380 SCHAFFNER-FN-380 Datasheet
743Kb / 5P
   Versatile Filtered Power Entry Module
logo
Tyco Electronics
CCM1300 MACOM-CCM1300 Datasheet
182Kb / 2P
   Power Entry Modules
logo
Schurter Inc.
8843 SCHURTER-8843 Datasheet
86Kb / 2P
   POWER ENTRY MODULES
logo
Maxim Integrated Produc...
MAX8520 MAXIM-MAX8520 Datasheet
605Kb / 19P
   Smallest TEC Power Drivers for Optical Modules
Rev 0; 10/02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com