Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYT56 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYT56
Description  Fast Avalanche Sinterglass Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT56 Datasheet(HTML) 2 Page - Vishay Siliconix

  BYT56 Datasheet HTML 1Page - Vishay Siliconix BYT56 Datasheet HTML 2Page - Vishay Siliconix BYT56 Datasheet HTML 3Page - Vishay Siliconix BYT56 Datasheet HTML 4Page - Vishay Siliconix BYT56 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 86032
Rev. 1.6, 13-Apr-05
BYT56.
Vishay Semiconductors
Maximum Thermal Resistance
Tamb = 25 °C, unless otherwise specified
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Value
Unit
Junction ambient
l = 10 mm, TL = constant
RthJA
25
K/W
on PC board with spacing
25 mm
RthJA
70
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 3 A
VF
1.4
V
Reverse current
VR = VRRM
IR
5
µA
VR = VRRM, Tj = 150 °C
IR
150
µA
Reverse recovery time
IF = 0.5 A, IR = 1 A, iR = 0.25 A
trr
100
ns
Figure 1. Max. Thermal Resistance vs. Lead Length
Figure 2. Forward Current vs. Forward Voltage
0
10
20
30
40
94 9462
ll
TL= constant
l - Lead Length ( mm )
0
5
10
15
25
30
20
0.001
0.01
0.1
1
10
100
16365
0
0.5
1.0
1.5
2.0
2.5
3.0
VF - Forward Voltage(V)
Tj =25°C
Tj =175°C
Figure 3. Max. Average Forward Current vs. Ambient Temperature
Figure 4. Reverse Current vs. Junction Temperature
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
16366
0
20 40 60 80 100 120 140 160 180
Tamb - Ambient Temperature ( ° C)
RthJA= 25 K/W
l=10mm
RthJA= 70 K/W
PCB:d=25mm
VR =VRRM
half sinewave
16367
1
10
100
1000
25
75
50
100
125
150
175
Tj – Junction Temperature (
°C)
VR =VRRM


Similar Part No. - BYT56

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT56 VISHAY-BYT56 Datasheet
42Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYT56A VISHAY-BYT56A Datasheet
42Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
logo
Galaxy Semi-Conductor H...
BYT56A BILIN-BYT56A Datasheet
92Kb / 2P
   HIGH EFFICIENCY ECTIFIERS
logo
EIC discrete Semiconduc...
BYT56A EIC-BYT56A Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
BYT56A VISHAY-BYT56A Datasheet
103Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 30-Jul-10
More results

Similar Description - BYT56

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYW72 VISHAY-BYW72_10 Datasheet
106Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYM36 VISHAY-BYM36 Datasheet
149Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.6, 12-Aug-04
BYM36A VISHAY-BYM36A Datasheet
107Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYV37 VISHAY-BYV37_10 Datasheet
378Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 31-Mar-10
BYV16-TAP VISHAY-BYV16-TAP Datasheet
130Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BY203-20S-TR VISHAY-BY203-20S-TR Datasheet
128Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BYV38-TAP VISHAY-BYV38-TAP Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
logo
New Jersey Semi-Conduct...
BY268 NJSEMI-BY268 Datasheet
128Kb / 2P
   Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BY203-20STAP VISHAY-BY203-20STAP Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BY268 VISHAY-BY268_V01 Datasheet
136Kb / 4P
   Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV12 VISHAY-BYV12_10 Datasheet
452Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 30-Jul-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com