Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE427PA4330JR05 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PHE427PA4330JR05
Description  Double metallized film pulse capacitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE427PA4330JR05 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PHE427PA4330JR05 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHE427PA4330JR05 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE427PA4330JR05 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHE427PA4330JR05 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE427PA4330JR05 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE427PA4330JR05 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE427PA4330JR05 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
222
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
g
V/µs
0.2 m/s
400 VDC/220 VAC
PHE427
Not
for
new
design
LEAD SPACING 7.5 MM
0.00068
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1200
160
PHE427KK3680JR05
0.00082
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1200
160
PHE427KK3820JR05
0.0010
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1200
160
PHE427KK4100JR05
0.0012
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1200
160
PHE427KK4120JR05
0.0015
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1200
160
PHE427KK4150JR05
0.0018
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1200
160
PHE427KK4180JR05
0.0022
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1200
160
PHE427KK4220JR05
0.0027
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1200
160
PHE427KK4270JR05
0.0033
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1200
160
PHE427KK4330JR05
0.0039
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1200
160
PHE427KK4390JR05
0.0047
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1200
160
PHE427KK4470JR05
0.0056
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1200
160
PHE427KK4560JR05
0.0068
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1200
160
PHE427KK4680JR05
0.0082
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1200
160
PHE427KK4820JR05
0.010
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1200
160
PHE427KK5100JR05
0.012
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1200
160
PHE427KK5120JR05
0.015
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
1200
160
PHE427KK5150JR05
0.018
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
1200
160
PHE427KK5180JR05
0.022
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
1200
160
PHE427KK5220JR05
0.027
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
1200
160
PHE427KK5270JR05
0.033
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
1200
160
PHE427KK5330JR05
0.039
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
1200
160
PHE427KK5390JR05
0.047
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
1200
160
PHE427KK5470JR05
LEAD SPACING 10 MM
0.0082
4.0
8.0
13.0
10.0
1000
900
0.6
600
142
PHE427KA4820JR05
0.010
4.0
9.0
13.0
10.0
1000
900
0.6
600
142
PHE427KA5100JR05
0.012
4.0
9.0
13.0
10.0
1000
900
0.6
600
142
PHE427KA5120JR05
0.015
4.0
9.0
13.0
10.0
1000
900
0.9
600
142
PHE427KA5150JR05
0.018
4.5
10.5
13.0
10.0
1000
800
0.9
600
122
PHE427KA5180JR05
0.022
5.0
11.0
13.0
10.0
800
700
1.0
600
116
PHE427KA5220JR05
0.027
5.0
11.0
13.0
10.0
800
700
1.0
600
116
PHE427KA5270JR05
LEAD SPACING 15 MM
0.033
5.5
10.5
18.0
15.0
1000
600
1.5
1000
99
PHE427KB5330JR06
0.039
5.5
10.5
18.0
15.0
1000
600
1.5
1000
99
PHE427KB5390JR06
0.047
5.5
12.5
18.0
15.0
1000
600
1.7
1000
99
PHE427KB5470JR06
0.056
6.5
12.5
18.0
15.0
1000
500
2.0
1000
86
PHE427KB5560JR06
0.068
6.5
12.5
18.0
15.0
1000
500
2.0
1000
83
PHE427KB5680JR06
0.082
7.5
14.5
18.0
15.0
800
400
2.7
1000
74
PHE427KB5820JR06
0.10
8.0
15.0
18.0
15.0
600
400
3.0
1000
71
PHE427KB6100JR06
0.12
8.5
16.0
18.0
15.0
600
400
3.4
1000
67
PHE427KB6120JR06
LEAD SPACING 22.5 MM
0.12
6.5
14.5
26.0
22.5
234
3.2
600
58
PHE427KD6120JR06L2
0.15
7.0
16.5
26.0
22.5
216
3.9
600
52
PHE427KD6150JR06L2
0.18
8.0
16.0
26.0
22.5
186
4.3
600
53
PHE427KD6180JR06L2
0.22
9.0
18.5
26.0
22.5
168
5.6
600
48
PHE427KD6220JR06L2
0.27
10.5
19.0
26.0
22.5
264
6.7
600
45
PHE427KD6270JR06L2
0.33
11.0
21.5
26.0
22.5
253
8.0
600
42
PHE427KD6330JR06L2
0.39
11.0
21.5
26.0
22.5
253
8.0
600
40
PHE427KD6390JR06L2
LEAD SPACING 27.5 MM
0.33
10.5
20.5
31.5
27.5
216
8.8
500
37
PHE427KF6330JR06L2
0.39
10.5
20.5
31.5
27.5
216
8.8
500
37
PHE427KF6390JR06L2
0.47
10.5
20.5
31.5
27.5
216
8.8
500
37
PHE427KF6470JR06L2
0.56
11.5
22.5
31.5
27.5
198
10.6
500
34
PHE427KF6560JR06L2
0.68
14.5
24.5
31.5
27.5
153
14.5
500
32
PHE427KF6680JR06L2
0.82
14.5
24.5
31.5
27.5
153
19.7
500
28
PHE427KF6820JR06L2
1.0
17.5
28.0
31.5
27.5
126
19.7
500
27
PHE427KF7100JR06L2


Similar Part No. - PHE427PA4330JR05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE426DJ4100JR05 ETC2-PHE426DJ4100JR05 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426DJ4100JR05 KEMET-PHE426DJ4100JR05 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE426DJ4120JR05 ETC2-PHE426DJ4120JR05 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
More results

Similar Description - PHE427PA4330JR05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE450 ETC2-PHE450 Datasheet
95Kb / 12P
   Double metallized film pulse capacitor
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com