Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

84134230 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 84134230
Description  SIMM Series Input Modules
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84134230 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  84134230 Datasheet HTML 1Page - List of Unclassifed Manufacturers 84134230 Datasheet HTML 2Page - List of Unclassifed Manufacturers 84134230 Datasheet HTML 3Page - List of Unclassifed Manufacturers 84134230 Datasheet HTML 4Page - List of Unclassifed Manufacturers 84134230 Datasheet HTML 5Page - List of Unclassifed Manufacturers 84134230 Datasheet HTML 6Page - List of Unclassifed Manufacturers 84134230 Datasheet HTML 7Page - List of Unclassifed Manufacturers 84134230 Datasheet HTML 8Page - List of Unclassifed Manufacturers 84134230 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
SIMM Series Output Modules
* 6.2 mm wide and 65 mm deep
* DIN Rail mounted
* LED input status indicator
* Bridges enable quick linking of common voltage
* Identification zone on front face
* IP20
84145001
84145004
84145005
84145010
84145011
84145015
Nominal voltage
24Vdc
110Vac/dc
230Vac
5Vdc
24Vdc
230Vac
Operating voltage range
10-44Vdc
70-130Vac/dc
90-230Vac
4-5.5Vdc
10-44Vdc
90-230Vac
Max input current
6 mA
7 mA
8.5 mA
6 mA
6 mA
7mA
Drop out voltage
5Vdc
30Vac/dc
40Vac
2Vdc
3Vdc
40Vac
Operating voltage range
5-48Vdc
5-48Vdc
5-48Vdc
5-48Vdc
5-48Vdc
5-48Vdc
Max current
0.5A
0.5A
0.5A
2A
2A
2A
Output Type
Transistor
Transistor
Transistor
Transistor
Transistor
Transistor
Operating temperature range
-20 to 60°C
-20 to 60°C
-20 to 60°C
-20 to 60°C
-20 to 60°C
-20 to 60°C
Storage temperature range
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
Turn-On time
20 us
30 ms
45 ms
1 ms
1 ms
1 ms
Turn-Off time
100 us
20 ms
15 ms
5 ms
5 ms
10 ms
Switching frequency
1k Hz
10 Hz
10 Hz
10 Hz
10 Hz
10 Hz
Weight
1.13 oz
1.13 oz
1.13 oz
1.06 oz
1.06 oz
1.06 oz
84145020
84145021
84145024
84145025
84145031
Nominal voltage
5Vdc
24Vdc
110Vac/dc
230Vac
24Vdc
Operating voltage range
4-6.2Vdc
10-44Vdc
70-130Vac/dc
140-250Vac
10-44Vdc
Max input current
6mA
6mA
6mA
7mA
6 mA
Drop out voltage
2Vdc
3Vdc
35Vac/dc
80Vac
3Vdc
Operating voltage range
24-250Vac
24-250Vac
24-250Vac
24-250Vac
24-250Vac
Max current
0.5A
0.5A
0.5A
0.5A
1A
Output Type
Triac
Triac
Triac
Triac
Triac
Operating temperature range
-20 to 60°C
-20 to 60°C
-20 to 60°C
-20 to 60°C
-20 to 60°C
Storage temperature range
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
Turn-On time
10 ms
10 ms
10 ms
10 ms
8.33 ms
Turn-Off time
10 ms
10 ms
10 ms
10 ms
8.33 ms
Switching frequency
20 Hz
20 Hz
20 Hz
20 Hz
20 Hz
Weight
1.13 oz
1.13 oz
1.13 oz
1.13 oz
.95 oz
Derating Curves:
Dimensions:
84145001 / 004 / 005
84145001 / 004 / 005
Solid State Output:
84145010 / 011 / 015
84145020 / 021 / 024 / 025
84145010 / 011 / 015
84145020 / 021 / 024 / 025
84145031
84145031
General Characteristics
Input Characteristics (at ambient 25 C°)
Output Characteristics (at ambient 25 C°)
Part numbers
Part numbers
General Characteristics
Input Characteristics (at ambient 25 C°)
Output Characteristics (at ambient 25 C°)
Products and specifications subject to change without notice.
Consult factory for applications. www.crouzet-usa.com


Similar Part No. - 84134230

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
84134230H CRYDOM-84134230H Datasheet
673Kb / 8P
   AC Output SSRs
More results

Similar Description - 84134230

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
SM-IAC5 CRYDOM-SM-IAC5 Datasheet
458Kb / 4P
   SM SERIES INPUT MODULES
SMI-AC5 CRYDOM-SMI-AC5 Datasheet
580Kb / 4P
   SM SERIES INPUT MODULES
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
   C Series Analog Input Modules
logo
List of Unclassifed Man...
DI-8B45 ETC1-DI-8B45 Datasheet
318Kb / 2P
   Frequency Input Modules
logo
Grayhill, Inc
70M-IDC5 GRAYHILL-70M-IDC5 Datasheet
117Kb / 2P
   DC Input Modules
70-IAC5 GRAYHILL-70-IAC5 Datasheet
117Kb / 2P
   AC Input Modules
logo
Tyco Electronics
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
   Input/Output Modules
logo
List of Unclassifed Man...
SCM5B37 ETC-SCM5B37 Datasheet
29Kb / 2P
   Thermocouple Input Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com