Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3292 Datasheet(PDF) 2 Page - Crystek Corporation

Part # C3292
Description  5x7mm SMD HCMOS Clock Oscillator 5.0 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

C3292 Datasheet(HTML) 2 Page - Crystek Corporation

  C3292 Datasheet HTML 1Page - Crystek Corporation C3292 Datasheet HTML 2Page - Crystek Corporation C3292 Datasheet HTML 3Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HCMOS Clock Oscillator
5.0 Volts
C32xx 5x7mm SMD
Rev.: F
Date: 03-06-08
Frequency Range:
1.544 to 106.250Mhz
Frequency Stability Options(ppm):
±10, ±20, ±25, ±50, ±100
Temperature Range: (standard)
0°C to +70°C
(Option M)
-20°C to +70°C
(Option E)
-40°C to +85°C
Storage:
-55°C to 120°C
Input Voltage:
5.0V ± 0.5V
Input Current:
60mA Max
Output:
HCMOS/TTL
Symmetry:
40/60% Max @ 50%Vdd
(Option)
45/55% Max @ 50% Vdd
Rise/Fall Time:
6nsec Max @ 20% to 80% Vdd
Logic:
“0”= 10% Vdd Max
“1”= 90% Vdd Min.
Disable Time
200nSec Max
Start-up Time
1mSec Typ., 2mSec Max
Load:
50pF/10TTL Max
Jitter RMS:
12KHz~20MHz
0.5psec Typ., 1psec Max
Sub-harmonics:
None
Aging:
<3ppm 1st/yr, <1ppm every year thereafter
PART NUMBER GUIDE
Symmetry 40/60%
Part Number
Stability
C*3290
±100ppm
C*3292
±50ppm
C*3291
±25ppm
C*3298
±20ppm
C3297
±10ppm
Symmetry 45/55%
Part Number
Stability
C*3990
±100ppm
C*3992
±50ppm
C*3991
±25ppm
C*3998
±20ppm
C3997
±10ppm
Example:C3292-44.736MHz
Intermediate Temp: CM3292-44.736MHz
Extended Temp: CE3292-44.736MHz
C = 0°C to 70°C
*CM = -20°C to 70°C
*CE = -40°C to 85°C


Similar Part No. - C3292

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320 KEMET-C320 Datasheet
580Kb / 40P
   MILITARY SPECIFCATIONS ON BACK
C320 KEMET-C320 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
C320 KEMET-C320 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
logo
KEC(Korea Electronics)
C3202 KEC-C3202 Datasheet
46Kb / 1P
   SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE(PCT PROCESS)
logo
Connor-Winfield Corpora...
C32020.0M CONNOR-WINFIELD-C32020.0M Datasheet
90Kb / 2P
   Ultra-Miniature Precision TCXO / VCTCXO
More results

Similar Description - C3292

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
C33XX CRYSTEKCRYSTAL-C33XX Datasheet
562Kb / 3P
   5x7mm SMD HCMOS Clock Oscillator 3.3 Volts
CCPD-023 CRYSTEKCRYSTAL-CCPD-023 Datasheet
593Kb / 3P
   5x7mm SMD LVPECL Clock Oscillator 2.5 Volts
CCLD-023 CRYSTEKCRYSTAL-CCLD-023 Datasheet
598Kb / 3P
   5x7mm SMD LVDS Clock Oscillator 2.5 Volts
CCLD-034 CRYSTEKCRYSTAL-CCLD-034 Datasheet
596Kb / 3P
   5x7mm SMD LVDS Clock Oscillator 3.3 Volts
CCPD-033 CRYSTEKCRYSTAL-CCPD-033 Datasheet
596Kb / 3P
   LVPECL Clock Oscillator 5x7mm SMD 3.3 Volts
CCLD-024 CRYSTEKCRYSTAL-CCLD-024 Datasheet
596Kb / 3P
   5x7mm SMD LVDS Clock Oscillator 2.5 Volts
CCPD-024 CRYSTEKCRYSTAL-CCPD-024 Datasheet
597Kb / 3P
   5x7mm SMD LVPECL Clock Oscillator 2.5 Volts
CCLD-033 CRYSTEKCRYSTAL-CCLD-033 Datasheet
597Kb / 3P
   5x7mm SMD LVDS Clock Oscillator 3.3 Volts
CCPD-034 CRYSTEKCRYSTAL-CCPD-034 Datasheet
594Kb / 3P
   LVPECL Clock Oscillator 5x7mm SMD 3.3 Volts
logo
List of Unclassifed Man...
CCLD-033 ETC2-CCLD-033 Datasheet
597Kb / 3P
   5x7mm SMD LVDS Clock Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com