Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC503PBG1-30Q-A3 Datasheet(PDF) 4 Page - Cree, Inc

Part # LC503PBG1-30Q-A3
Description  SPECIFICATION FOR COTCO LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LC503PBG1-30Q-A3 Datasheet(HTML) 4 Page - Cree, Inc

  LC503PBG1-30Q-A3 Datasheet HTML 1Page - Cree, Inc LC503PBG1-30Q-A3 Datasheet HTML 2Page - Cree, Inc LC503PBG1-30Q-A3 Datasheet HTML 3Page - Cree, Inc LC503PBG1-30Q-A3 Datasheet HTML 4Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4/4
Format #: COTCO-D-074
REV.4
Document No. SPE/LC503PBG1-30Q-A3
Rev. No.
03
G
Grra
ap
ph
hs
s
AMBIENT TEMPERATURE (Tjmax=105 C)
FIG.5 MAXIMUM FORWARD DC CURRENT VS
100.0
0
20.0
0.0
60.0
40.0
80.0
IF(mA)
20
10
30
40
50
Ta( C)
FIG.3 RELATIVE LUMINOUS INTENSITY VS.
100.0
4.0
20.0
FORWARD CURRENT
1.0
0.0
0.0
2.0
3.0
60.0
40.0
80.0
5.0
If(mA)
FIG.2 REVERSE CURRENT VS.
REVERSE VOLTAGE.
-20
Vr(V)
-40
-50
-30
-40.0
Ir(uA)
-50.0
-20.0
-30.0
-10.0
-10
0
0.0
500
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
WAVELENGTH.
25%
300
0%
400
50%
100%
75%
600
700
WL(nm)
Half Power
WL=38nm
Domi WL= 505nm
Ie(%)
-30
FIG.6 FAR FIELD PATTERN
-90
-60
0
30
60
0
50% Power Angle : 30
0%
90
20%
20%
40%
40%
80%
80%
60%
60%
100%
100%
60.0
40.0
80.0
0.0
20.0
4.2
3.0
3.4
3.8
5.0
4.6
Vf(V)
100.0
If (mA)
FORWARD VOLTAGE.
FIG.1 FORWARD CURRENT VS.
Items
Signatures
Date
Revision History
Prepared by
LiuZM
2006-03-31
Rev. No
Date
Change Description
Checked by
Aldosin
2006-03-31
02
2005-07-05 Release.
Approved by
David
2006-03-31
03
2006-03-31 Cancel VF bin.
FCN#
FCN20060081
Data is subject to change without prior notice; please refer to COTCO Website for the latest version.
Copyright@2002 Cotco International Ltd.


Similar Part No. - LC503PBG1-30Q-A3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC503PBG1-30Q-A MARKTECH-LC503PBG1-30Q-A Datasheet
209Kb / 2P
   5mm Green InGaN Ultra Bright LED
More results

Similar Description - LC503PBG1-30Q-A3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC512THR1-25Q MARKTECH-LC512THR1-25Q Datasheet
111Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566AYL4-70G-MT MARKTECH-LO566AYL4-70G-MT Datasheet
63Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566PBL4-70H-MT MARKTECH-LO566PBL4-70H-MT Datasheet
47Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LO566TYL4-70G-MT MARKTECH-LO566TYL4-70G-MT Datasheet
68Kb / 3P
   SPECIFICATION FOR COTCO LED LAMP
LS1-TRO1-01-MT MARKTECH-LS1-TRO1-01-MT Datasheet
190Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
logo
List of Unclassifed Man...
LC512TWN1-25G-A1 ETC2-LC512TWN1-25G-A1 Datasheet
165Kb / 5P
   SPECIFICATION FOR COTCO LED LAMP
logo
Marktech Corporate
LC503AHR2-30Q-A-MT MARKTECH-LC503AHR2-30Q-A-MT Datasheet
225Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LC503AYL1-15P-A-MT MARKTECH-LC503AYL1-15P-A-MT Datasheet
229Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LC512TYL1-25Q-A-MT MARKTECH-LC512TYL1-25Q-A-MT Datasheet
188Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
LD-300CBL2-C5-MT MARKTECH-LD-300CBL2-C5-MT Datasheet
117Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com