Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ABT18245A Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABT18245A
Description  SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT18245A Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74ABT18245A Datasheet HTML 6Page - Texas Instruments SN74ABT18245A Datasheet HTML 7Page - Texas Instruments SN74ABT18245A Datasheet HTML 8Page - Texas Instruments SN74ABT18245A Datasheet HTML 9Page - Texas Instruments SN74ABT18245A Datasheet HTML 10Page - Texas Instruments SN74ABT18245A Datasheet HTML 11Page - Texas Instruments SN74ABT18245A Datasheet HTML 12Page - Texas Instruments SN74ABT18245A Datasheet HTML 13Page - Texas Instruments SN74ABT18245A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
SN54ABT18245A, SN74ABT18245A
SCAN TEST DEVICES
WITH 18-BIT BUS TRANSCEIVERS
SCBS110H – AUGUST 1992 – REVISED FEBRUARY 1999
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
bypass register
The bypass register is a 1-bit scan path that can be selected to shorten the length of the system scan path,
reducing the number of bits per test pattern that must be applied to complete a test operation. During
Capture-DR, the bypass register captures a logic 0. The bypass register order of scan is shown in
Figure 4.
Bit 0
TDO
TDI
Figure 4. Bypass Register Order of Scan
device-identification register
The device-identification register (IDR) is 32 bits long. It can be selected and read to identify the manufacturer,
part number, and version of this device.
During Capture-DR, the binary value 00010000000000000101000000101111 (1000502F, hex) is captured in
the IDR to identify this device as Texas Instruments SN54/74ABT18245A. The IDR order of scan is from TDI
through bits 31–0 to TDO. Table 2 shows the IDR bits and their significance.
Table 2. Device-Identification Register Configuration
IDR BIT
NUMBER
IDENTIFICATION
SIGNIFICANCE
IDR BIT
NUMBER
IDENTIFICATION
SIGNIFICANCE
IDR BIT
NUMBER
IDENTIFICATION
SIGNIFICANCE
31
VERSION3
27
PARTNUMBER15
11
MANUFACTURER10†
30
VERSION2
26
PARTNUMBER14
10
MANUFACTURER09†
29
VERSION1
25
PARTNUMBER13
9
MANUFACTURER08†
28
VERSION0
24
PARTNUMBER12
8
MANUFACTURER07†
23
PARTNUMBER11
7
MANUFACTURER06†
22
PARTNUMBER10
6
MANUFACTURER05†
21
PARTNUMBER09
5
MANUFACTURER04†
20
PARTNUMBER08
4
MANUFACTURER03†
19
PARTNUMBER07
3
MANUFACTURER02†
18
PARTNUMBER06
2
MANUFACTURER01†
17
PARTNUMBER05
1
MANUFACTURER00†
16
PARTNUMBER04
0
LOGIC1†
15
PARTNUMBER03
14
PARTNUMBER02
13
PARTNUMBER01
12
PARTNUMBER00
† Note that for TI products, bits 11–0 of the device-identification register always contain the binary value 000000101111
(02F, hex).


Similar Part No. - SN74ABT18245A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT18245A TI-SN74ABT18245A Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN74ABT18245A TI-SN74ABT18245A Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN74ABT18245ADGG TI-SN74ABT18245ADGG Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN74ABT18245ADGGR TI-SN74ABT18245ADGGR Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN74ABT18245ADL TI-SN74ABT18245ADL Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
More results

Similar Description - SN74ABT18245A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT18245A TI-SN54ABT18245A Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_06 Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18640 TI-SN54ABT18640 Datasheet
400Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_08 Datasheet
832Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A Datasheet
549Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_07 Datasheet
802Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
74ABTH182652APMG4 TI1-74ABTH182652APMG4 Datasheet
580Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABTH18652A TI-SN54ABTH18652A Datasheet
575Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABT18652 TI-SN54ABT18652 Datasheet
169Kb / 11P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABT18245 TI1-SN54ABT18245 Datasheet
435Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com