Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI91871 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI91871
Description  300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91871 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI91871 Datasheet HTML 1Page - Vishay Siliconix SI91871 Datasheet HTML 2Page - Vishay Siliconix SI91871 Datasheet HTML 3Page - Vishay Siliconix SI91871 Datasheet HTML 4Page - Vishay Siliconix SI91871 Datasheet HTML 5Page - Vishay Siliconix SI91871 Datasheet HTML 6Page - Vishay Siliconix SI91871 Datasheet HTML 7Page - Vishay Siliconix SI91871 Datasheet HTML 8Page - Vishay Siliconix SI91871 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Si91871
Vishay Siliconix
www.vishay.com
2
Document Number: 72012
S-51147—Rev. F, 20-Jun-05
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings
Input Voltage, VIN to GND
−6.0 to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VSD (See Detailed Description)
−0.3 V to VIN
. . . . . . . . . . . . . . . . . . . . . . . . . .
Output Current, IOUT
Short Circuit Protected
. . . . . . . . . . . . . . . . . . . . . . . . . .
Output Voltage, VOUT
0.3 V to VIN + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package Power Dissipation, (Pd)b
2.3 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance (qJA)a
55_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
R(qJA)a
8_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Junction Temperature, TJ(max)
150_C
. . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature, TSTG
−65_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Device mounted with all leads soldered or welded to PC board.
b.
Derate 20 mW/_C above TA = 25_C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Input Voltage, VIN
2 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage, VSD
0 V to VIN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Current
0 to 300 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
CIN, COUTa (Ceramic)
2.2 mF
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
CEB (Ceramic)
0.01 mF
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature, TA
−40_C to 85_C
. . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
−40_C to 125_C
. . . . . . . . . . . . . . . . . . .
Notes
a.
Maximum ESR of COUT: 0.2 W.
SPECIFICATIONS
Test Conditions Unless Specified
TA = 25_C, VIN = VOUT(nom) + 1 V
C
C
Limits
−40 to 85_C
Parameter
Symbol
()
IOUT = 1 mA, CIN = 2 mF, COUT = 2.0 mF
VSD = 1.5 V
Tempa
Minb
Typc
Maxb
Unit
Start-Up BP Current
IOUT
ON/OFF = High
Room
1
mA
Input Voltage Range
VIN
Full
2
6
V
VOUT w 18 V
Room
−2.0
1
2.0
Output Voltage Accuracy
1 mA v IOUT v 300 mA
VOUT w 1.8 V
Full
−3.0
1
3.0
%
Output Voltage Accuracy
1 mA v IOUT v 300 mA
VOUT = 1 2 V 1 5 V
Room
−2.5
1
2.5
%
VOUT = 1.2 V, 1.5 V
Full
−3.5
1
3.5
Line Regulation (VOUT v 3 V)
Full
−0.06
0.18
Line Regulation
(3.0 V < VOUT v3.6 V)
DVOUT 100
DVIN VOUT(nom)
From VIN = VOUT(nom) + 1 V to VOUT(nom) + 2 V
Full
0
0.3
%/V
Line Regulation (5-V Version)
IN
OUT(nom)
From VIN = 5.5 V to 6 V
Full
0
0.4
IOUT = 1 mA
Room
1
Dt V lt
dg
IOUT = 50 mA
Room
45
80
Dropout Voltaged, g
(VOUT(nom) w 2.6 V)
IOUT = 50 mA
Full
50
90
(VOUT(nom) w 2.6 V)
IOUT = 300 mA
Room
300
350
VIN − VOUT
IOUT = 300 mA
Full
415
mV
IN
OUT
IOUT = 50 mA
Room
65
100
Dropout Voltaged, g
(VOUT(
) t 26 V VIN w
IOUT = 50 mA
Full
120
(VOUT(nom) t 2.6 V, VIN w
2 V)
IOUT = 300 mA
Room
400
520
2 V)
IOUT = 300 mA
Full
570
IOUT = 0 mA
Room
100
150
Ground Pin Currente, g
IOUT = 0 mA
Full
180
Ground Pin Currente, g
(VOUT(nom) v 3 V)
IOUT = 300 mA
Room
130
200
IGND
IOUT = 300 mA
Full
330
mA
IGND
IOUT = 0 mA
Room
110
170
mA
Ground Pin Currente
IOUT = 0 mA
Full
200
Ground Pin Currente
(VOUT(nom) u 3 V)
IOUT = 300 mA
Room
150
225
IOUT = 300 mA
Full
275
Peak Output current
IO(peak)
VOUT w 0.95 x VOUT(nom). tPW = 2 ms
Full
400
mA


Similar Part No. - SI91871

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91871 VISHAY-SI91871 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91871 VISHAY-SI91871 Datasheet
143Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
18-Jul-08
SI91871DMP-12-T1 VISHAY-SI91871DMP-12-T1 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91871DMP-15-T1 VISHAY-SI91871DMP-15-T1 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91871DMP-18-T1 VISHAY-SI91871DMP-18-T1 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
More results

Similar Description - SI91871

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91871 VISHAY-SI91871 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91871 VISHAY-SI91871_V01 Datasheet
143Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
18-Jul-08
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
SI91845 VISHAY-SI91845 Datasheet
126Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. B, 29-Mar-04
SI91844 VISHAY-SI91844 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
logo
ON Semiconductor
NCP164C ONSEMI-NCP164C Datasheet
566Kb / 15P
   LDO Regulator, 300mA, Low Dropout Voltage, Ultra Low Noise, High PSRR with Power Good
January, 2020 ??Rev. 1
NCP164 ONSEMI-NCP164 Datasheet
365Kb / 10P
   LDO Regulator, 300mA, Low Dropout Voltage, Ultra Low Noise, High PSRR with Power Good
April, 2020 ??Rev. 0
NCV8164 ONSEMI-NCV8164 Datasheet
423Kb / 13P
   LDO Regulator, 300mA, Low Dropout Voltage, Ultra Low Noise, High PSRR with Power Good
February, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com