Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3FTH9401F038 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 3FTH9401F038
Description  through-hole or SMD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3FTH9401F038 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  3FTH9401F038 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3FTH9401F038 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3FTH9401F038 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3FTH9401F038 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3FTH9401F038 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3FTH9401F038 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
mec Industriparken 23 . P.o. Box 26 . DK-2750 Ballerup . Denmark
Tel.: +45 44 97 33 66 . Fax: +45 44 68 15 14 . E-mail: danmec@mec.dk . www.mec.dk.
Through-hole Version
3A
3C
3E
3F
For
w/LED for
For
w/LED for
w/LED for
1A/1B/1M
1C/1H
1D/1K/1N/1P/1S/1T/
1U/1V/1X/1GA/1GC
1K1116/1T/1U/1V
Standard Versions
3ATL6
3ATL600/20/40/80
3CTL6/3CTL9
3ETL9-H*
3FTL6
3FTL623/44/88
3ATH9
3CTH9
3ETH9-H*
3FTH9
*
3E available in 6 standard heights: 08.0, 09.5, 10.4, 11.0, 12.0, 15.0 mm
Other heights between 08.0 and 15.0 mm are available upon request
Specials: Gold contacts, quiet version and actuation force other than 3.0N
Surface Mount Versions
Right Angle Versions
3A
3C
3E
3F
3C
3F
3ASH9/3ASH9R
3CSH9/3CSH9R
3ESH9/3ESH9R
3FSH9 / 3FSH9R
3CTL6RAS
3FTL6RAS
For
For
For
1D/1K/1P/1S
Operating Force
Circuit diagram
(Typical example)
basic switch modules
0.3
Min.10.16
Max12.5
7.6
±0.5
0.8
0.3
Min.10.16
Max12.5
0.5
0.3
Min.10.16
Max12.5
7.6
±0.5
Ø6.5
0.8
0.3
Ø 6.5
7.6
±0.5
0.8
0.3
Min.10.16
Max12.5
7.6
±0.5
Ø 6.5
0.8
0.3
Min. 10.16
Max 12.5
0.5
0.3
Min.10.16
Max12.5
0.5
14
7.6
±0.5
0.8
14
Ø6.5
7.6
±0.5
0.8
14
Ø6.5
7.6
±0.5
0.8
14
Ø 6.5
7.6
±0.5
0.8
12
11
6
12
01
3
2
1
0
4
Force (N)
Travel (mm)
-
+
2
4
1
3
1E/1F/1N/1Q/1R/1S/1X
1A/1B/1M
1D/1K/1N/1P/1S/1T/
1U/1V/1X/1GA/1GC
Recommended PCB layout
MULTIMEC
MULTIMEC
MULTIMEC
top view
Surface-mount solder pad
Right Angle Version
Optional LED
Ø= 0.9
2.54
10.16
2.5
12.5
Ø1.0(3X)
7.62
3FTL600/20/40/80/
2040/8020/8040
Min.10.16
Max12.5
top view
multimec Cross Section
DIMENSIONS (mm) Unless otherwise specified, all tolerances
±0.2
multimec®


Similar Part No. - 3FTH9401F038

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3FTH9 ETC1-3FTH9 Datasheet
33Kb / 1P
   through-hole or SMD / 50mA/24VDC / single pole/momentary
3FTH9 ETC2-3FTH9 Datasheet
126Kb / 7P
   through-hole or SMD
More results

Similar Description - 3FTH9401F038

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5GTH920011TS16 ETC2-5GTH920011TS16 Datasheet
1Mb / 3P
   through-hole or SMD
AQC09-242 ETC2-AQC09-242 Datasheet
102Kb / 5P
   Through-hole or SMD
1T09 ETC2-1T09 Datasheet
126Kb / 7P
   through-hole or SMD
3FTL6 ETC1-3FTL6 Datasheet
33Kb / 1P
   through-hole or SMD / 50mA/24VDC / single pole/momentary
logo
Delta Electronics, Inc.
V48SH DELTA-V48SH Datasheet
798Kb / 14P
   SMD and through-hole versions
S48SP DELTA-S48SP Datasheet
448Kb / 14P
   SMD and Through-hole versions
V48SR1R825 DELTA-V48SR1R825 Datasheet
832Kb / 14P
   SMD and through-hole versions
logo
Bourns Electronic Solut...
7914 BOURNS-7914_10 Datasheet
393Kb / 2P
   SMD & Through-hole Sealed Key Switch
logo
Visual Communications C...
LFB012CTP VCC-LFB012CTP Datasheet
143Kb / 2P
   for use with surface-mount or through-hole LEDs
LFC012CTP VCC-LFC012CTP Datasheet
118Kb / 2P
   for use with surface-mount or through-hole LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com