Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY54FCT374CTLMB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CY54FCT374CTLMB
Description  8-BIT REGISTERS WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY54FCT374CTLMB Datasheet(HTML) 4 Page - Texas Instruments

  CY54FCT374CTLMB Datasheet HTML 1Page - Texas Instruments CY54FCT374CTLMB Datasheet HTML 2Page - Texas Instruments CY54FCT374CTLMB Datasheet HTML 3Page - Texas Instruments CY54FCT374CTLMB Datasheet HTML 4Page - Texas Instruments CY54FCT374CTLMB Datasheet HTML 5Page - Texas Instruments CY54FCT374CTLMB Datasheet HTML 6Page - Texas Instruments CY54FCT374CTLMB Datasheet HTML 7Page - Texas Instruments CY54FCT374CTLMB Datasheet HTML 8Page - Texas Instruments CY54FCT374CTLMB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CY54FCT374T, CY74FCT374T
8-BIT REGISTERS
WITH 3-STATE OUTPUTS
SCCS022A – MAY 1994 – REVISED OCTOBER 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
CY54FCT374T
CY74FCT374T
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
IIN = –18 mA
–0.7
–1.2
V
VIK
VCC = 4.75 V,
IIN = –18 mA
–0.7
–1.2
V
VCC = 4.5 V,
IOH = –12 mA
2.4
3.3
VOH
VCC 475 V
IOH = –32 mA
2
V
VCC = 4.75 V
IOH = –15 mA
2.4
3.3
VOL
VCC = 4.5 V,
IOL = 32 mA
0.3
0.55
V
VOL
VCC = 4.75 V,
IOL = 64 mA
0.3
0.55
V
Vhys
All inputs
0.2
0.2
V
II
VCC = 5.5 V,
VIN = VCC
5
µA
II
VCC = 5.25 V,
VIN = VCC
5
µA
IIH
VCC = 5.5 V,
VIN = 2.7 V
±1
µA
IIH
VCC = 5.25 V,
VIN = 2.7 V
±1
µA
IIL
VCC = 5.5 V,
VIN = 0.5 V
±1
µA
IIL
VCC = 5.25 V,
VIN = 0.5 V
±1
µA
Ioff
VCC = 0 V,
VOUT = 4.5 V
±1
±1
µA
IOS‡
VCC = 5.5 V,
VOUT = 0 V
–60
–120
–225
mA
IOS‡
VCC = 5.25 V,
VOUT = 0 V
–60
–120
–225
mA
IOZH
VCC = 5.5 V,
VIN = 2.7 V
10
µA
IOZH
VCC = 5.25 V,
VIN = 2.7 V
10
µA
IOZL
VCC = 5.5 V,
VIN = 0.5 V
–10
µA
IOZL
VCC = 5.25 V,
VIN = 0.5 V
–10
µA
ICC
VCC = 5.5 V,
VIN ≤ 0.2 V,
VIN ≥ VCC – 0.2 V
0.1
0.2
mA
ICC
VCC = 5.25 V,
VIN ≤ 0.2 V,
VIN ≥ VCC – 0.2 V
0.1
0.2
mA
∆ICC
VCC = 5.5 V, VIN = 3.4 V§, f1 = 0, Outputs open
0.5
2
mA
∆ICC
VCC = 5.25 V, VIN = 3.4 V§, f1 = 0, Outputs open
0.5
2
mA
† Typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus and/or
sample-and-hold techniques are preferable to minimize internal chip heating and more accurately reflect operational values. Otherwise, prolonged
shorting of a high output can raise the chip temperature well above normal and cause invalid readings in other parametric tests. In any sequence
of parameter tests, IOS tests should be performed last.
§ Per TTL-driven input (VIN = 3.4 V); all other inputs at VCC or GND


Similar Part No. - CY54FCT374CTLMB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT374CTLMB TI-CY54FCT374CTLMB Datasheet
198Kb / 15P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - CY54FCT374CTLMB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT374T TI-CY54FCT374T Datasheet
198Kb / 15P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
CY54FCT574T TI-CY54FCT574T Datasheet
313Kb / 12P
[Old version datasheet]   8-BIT REGISTERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV595A RENESAS-HD74LV595A_15 Datasheet
135Kb / 16P
   8-bit Shift Registers with 3-state Outputs
logo
Hitachi Semiconductor
HD74LV595A HITACHI-HD74LV595A Datasheet
82Kb / 19P
   8-bit Shift Registers with 3-state Outputs
logo
Renesas Technology Corp
HD74LV595A RENESAS-HD74LV595A Datasheet
109Kb / 14P
   8-bit Shift Registers with 3-state Outputs
logo
Advanced Micro Devices
AM25LS374A AMD-AM25LS374A Datasheet
313Kb / 5P
   8-Bit Registers with Three-State Outputs
logo
Texas Instruments
SN54ALS299 TI1-SN54ALS299_16 Datasheet
741Kb / 17P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54ALS299 TI-SN54ALS299 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299 Datasheet
108Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299_08 Datasheet
519Kb / 13P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com