Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL440-6X006 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL440-6X006
Description  Optocoupler, Phototriac Output, Low Input Current
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL440-6X006 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL440-6X006 Datasheet HTML 1Page - Vishay Siliconix IL440-6X006 Datasheet HTML 2Page - Vishay Siliconix IL440-6X006 Datasheet HTML 3Page - Vishay Siliconix IL440-6X006 Datasheet HTML 4Page - Vishay Siliconix IL440-6X006 Datasheet HTML 5Page - Vishay Siliconix IL440-6X006 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 83631
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.6, 18-Jan-08
3
IL440
Optocoupler, Phototriac Output,
Low Input Current
Vishay Semiconductors
Note
Test voltage must be applied within dV/dt rating of 0.13 V/µs.
Notes
(1) According to DIN EN 60747-5-2(VDE 0884)/ DIN EN 60747-5-5 pending (see figure 1). This optocoupler is suitable for safe electrical isolation
only within the safety ratings. Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
(2) The device is used for protective separation agains electrical shock within the maximum safety ratings. This must be ensured by protective
circuits in the applications.
Note
As per IEC60747-5-2, § 7.4.3.8.1, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with the
safety ratings shall be ensured by means of prodective circuits.
IFT AND BLOCKING VOLTAGE SELECTION
BIN NUMBER
BV (V) MAXIMUM at IDRM = 500 nA
IFT MAXIMUM at VT = 6 V, RL = 150 Ω
IL440-4
400
15
IL440-5
400
10
IL440-6
400
5.0
MAXIMUM SAFETY RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT (2)
Forward voltage
IS, INPUT
130
mA
OUTPUT
Power dissipation
PS, OUTPUT
300
mW
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
(according to IEC 68 part 1)
55/100/21
Pollution degree
DIN VDE 0109
2
Comparative tracking index
CTI
175
VIOTM
8000
Vpeak
VIORM
890
Vpeak
Insulation resistance at 25 °C
VIO = 500 V
RIS
≥ 1012
Ω
Insulation resistance at TS
VIO = 500 V
RIS
≥ 109
Ω
Insulation resistance at 100 °C
VIO = 500 V
RIS
≥ 1011
Ω
Partial discharge test voltage
Method a,
Vpd = VIORM x 1.875
Vpd
1669
Vpeak
PSO
500
mW
ISI
250
mA
TSI
175
°C
Clearance distance
standard DIP-6
7
mm
Creepage distance
standard DIP-6
7mm
Clearance distance
400 mil DIP-6
8
mm
Creepage distance
400 mil DIP-6
8
mm


Similar Part No. - IL440-6X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL440-6X006 VISHAY-IL440-6X006 Datasheet
96Kb / 5P
   Optocoupler, Pgototriac Output, Low Input Current
Rev. 1.5, 26-Oct-04
More results

Similar Description - IL440-6X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL420 VISHAY-IL420_12 Datasheet
169Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.0, 29-Mar-11
VO4258H VISHAY-VO4258H Datasheet
129Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 29-Feb-12
IL4216-X001 VISHAY-IL4216-X001 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 20-Oct-10
IL420 VISHAY-IL420_13 Datasheet
168Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.1, 11-Jun-13
VO4257 VISHAY-VO4257 Datasheet
107Kb / 8P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 03-Nov-08
VO4254 VISHAY-VO4254_12 Datasheet
137Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.7, 13-Apr-12
VO4258 VISHAY-VO4258_V01 Datasheet
181Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
VO4254 VISHAY-VO4254 Datasheet
125Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
IL420 VISHAY-IL420 Datasheet
271Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 26-Apr-04
VO4256 VISHAY-VO4256_V01 Datasheet
230Kb / 11P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com