Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3282A Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # PE3282A
Description  1.1 GHz/510 MHz Dual Fractional-N PLL IC for Frequency Synthesis
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE3282A Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  PE3282A Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE3282A Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE3282A Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE3282A Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE3282A Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE3282A Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE3282A Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE3282A Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE3282A Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PE3282A
4
Document 70/0002~07B
Table 5. DC Characteristics
VDD = 3.0 V, –40° C < TA < 85° C, unless specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD
Operational supply current;
PLL1 (RF) enabled
PLL2 (IF) enabled
PLL1 and PLL2 enabled
VDD = 2.7 to 3.6 V
5.5
3.0
8.5
mA
mA
mA
Istby
Total standby current
25
mA
Digital inputs: Clock, Data, LE
VIH
High level input voltage
VDD = 2.7 to 3.6 V
0.7 x VDD
V
VIL
Low level input voltage
VDD = 2.7 to 3.6 V
0.3 x VDD
V
IIH
High level input current
VIH = VDD = 3.6 V
–1
+1
mA
IIL
Low level input current
VIL = 0, VDD = 3.6 V
–1
+1
mA
Reference Divider input: fr
IIHR
Input current
VIH = VDD = 3.6 V
+100
mA
IILR
Input current
VIL = 0, VDD = 3.6 V
–100
mA
Digital output: foLD
VOLD
Output voltage LOW
Iout = 1 mA
0.4
V
VOHD
Output voltage HIGH
Iout = –1 mA
VDD – 0.4
V
Charge Pump outputs: CP1, CP2
ICP - Source
Drive current
VCP = VDD/2, TA = 25° C
–70
mA
ICP - Sink
70
mA
ICPL
Leakage current
0.5 < VCP < VDD - 0.5 V
–5
5
nA
ICP - Source
vs.
ICP - Sink
Sink vs. source mismatch
VCP = VDD/2, TA = 25° C
20
%
ICP vs. TA
Output current vs. temperature
VCP = VDD/2 + 85° C
–18
%
VCP = VDD/2 - 40° C
+8
%
ICP vs. VCP
Output current magnitude variation vs.
voltage
0.5 < VCP < VDD - 0.5 V,
TA = 25° C
20
%


Similar Part No. - PE3282A

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3282 PASTERNACK-PE3282 Datasheet
237Kb / 1P
   CABLE ASSEMBLY RG58C/U MINI UHF MALE TO N MALE
PE3282LF PASTERNACK-PE3282LF Datasheet
247Kb / 1P
   CABLE ASSEMBLY RG58C/U MINI UHF MALE TO N MALE(LEAD FREE)
More results

Similar Description - PE3282A

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3291 PEREGRINE-PE3291 Datasheet
238Kb / 15P
   1200 MHz / 550 MHz Dual Fractional-N FlexiPower??PLL for Frequency Synthesis
logo
List of Unclassifed Man...
PE3293 ETC-PE3293 Datasheet
266Kb / 18P
   1.8GHz/550MHz Dual Fractional-N Ultra-Low Spurious PLL for Frequency Synthesis
logo
Motorola, Inc
MC145193 MOTOROLA-MC145193 Datasheet
250Kb / 24P
   1.1 GHZ PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB15F8XUL FUJITSU-MB15F8XUL Datasheet
201Kb / 6P
   Fractional-N / Integer dual PLL Frequency Synthesizers
logo
ATMEL Corporation
ATA5749 ATMEL-ATA5749 Datasheet
600Kb / 26P
   Fractional-N PLL Transmitter IC
ATA5749 ATMEL-ATA5749_09 Datasheet
606Kb / 26P
   Fractional-N PLL Transmitter IC
ATA5749 ATMEL-ATA5749_14 Datasheet
1,013Kb / 26P
   Fractional-N PLL Transmitter IC
logo
Fuji Electric
E421371 FUJI-E421371 Datasheet
323Kb / 29P
   Fractional-N PLL Frequency Synthesizer
logo
ATMEL Corporation
ATA5749C ATMEL-ATA5749C_14 Datasheet
1,013Kb / 26P
   Fractional-N PLL Transmitter IC
ATA5749 ATMEL-ATA5749_10 Datasheet
693Kb / 26P
   Fractional-N PLL Transmitter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com