Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V436616Y24VXXG-10PC Datasheet(PDF) 10 Page - Mosel Vitelic, Corp

Part # V436616Y24VXXG-10PC
Description  3.3 VOLT 16M x 64 HIGH PERFORMANCE SDRAM UNBUFFERED SODIMM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V436616Y24VXXG-10PC Datasheet(HTML) 10 Page - Mosel Vitelic, Corp

Back Button V436616Y24VXXG-10PC Datasheet HTML 4Page - Mosel Vitelic, Corp V436616Y24VXXG-10PC Datasheet HTML 5Page - Mosel Vitelic, Corp V436616Y24VXXG-10PC Datasheet HTML 6Page - Mosel Vitelic, Corp V436616Y24VXXG-10PC Datasheet HTML 7Page - Mosel Vitelic, Corp V436616Y24VXXG-10PC Datasheet HTML 8Page - Mosel Vitelic, Corp V436616Y24VXXG-10PC Datasheet HTML 9Page - Mosel Vitelic, Corp V436616Y24VXXG-10PC Datasheet HTML 10Page - Mosel Vitelic, Corp V436616Y24VXXG-10PC Datasheet HTML 11Page - Mosel Vitelic, Corp V436616Y24VXXG-10PC Datasheet HTML 12Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
V436616Y24V Rev. 1.0 January 2002
MOSEL VITELIC
V436616Y24V
Package Diagram
144 Pin SODIMM
V43644YO4V(C)TG-10PC-04
2.661
1.00
0.039
0.140
0.787
1
Pin 2 on Backside
3.3V
Pin 144 on Backside
28
29
143
NOTE:
1. All dimensions in inches.
Tolerances
±0.005 unless otherwise specified.


Similar Part No. - V436616Y24VXXG-10PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436616Y24VATG-75 MOSEL-V436616Y24VATG-75 Datasheet
254Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V436616Y24VATG-75PC MOSEL-V436616Y24VATG-75PC Datasheet
257Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
More results

Similar Description - V436616Y24VXXG-10PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436616Y24VATG-75 MOSEL-V436616Y24VATG-75 Datasheet
254Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V436616Y24VATG-75PC MOSEL-V436616Y24VATG-75PC Datasheet
257Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V436516Z04VATG-10PC MOSEL-V436516Z04VATG-10PC Datasheet
72Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SODIMM
V436516Z04VTG-75 MOSEL-V436516Z04VTG-75 Datasheet
152Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V436416S04V MOSEL-V436416S04V Datasheet
65Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V436416S04VCTG-75 MOSEL-V436416S04VCTG-75 Datasheet
278Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516S04VATG-75 MOSEL-V436516S04VATG-75 Datasheet
179Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516S04VATG-75PC MOSEL-V436516S04VATG-75PC Datasheet
287Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516S04VTG-10PC MOSEL-V436516S04VTG-10PC Datasheet
62Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43644Y04VTG-10PC MOSEL-V43644Y04VTG-10PC Datasheet
147Kb / 10P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com