Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQW1608AR15JG00 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # LQW1608AR15JG00
Description  CHIP COIL
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQW1608AR15JG00 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button LQW1608AR15JG00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQW1608AR15JG00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQW1608AR15JG00 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LQW1608AR15JG00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LQW1608AR15JG00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQW1608AR15JG00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LQW1608AR15JG00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LQW1608AR15JG00 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LQW1608AR15JG00 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
4
This is the PDF file of catalog No.O05E-5.
No.O05E5.pdf 00.3.15
!SPECIFICATIONS
LQH1N
LQH1NR15K04
0.15
20
0.39
T40%
250
LQH1NR22K04
0.22
0.43
T40%
250
240
LQH1NR33K04
0.33
0.45
T40%
230
LQH1NR47K04
0.47
25MHz
0.83
T40%
200
215
LQH1NR56K04
0.56
T10
30
0.61
T40%
180
200
LQH1NR68K04
0.68
0.67
T40%
160
190
LQH1NR82K04
0.82
0.73
T40%
120
185
LQH1N1R0K04
1.0
0.49
T30%
100
175
LQH1N1R2K04
1.2
0.9
T30%
90
165
LQH1N1R5K(J)04
1.5
10MHz
1.0
T30%
75
155
LQH1N1R8K(J)04
1.8
1.6
T30%
60
150
LQH1N2R2K(J)04
2.2
0.7
T30%
50
140
LQH1N2R7K(J)04
2.7
0.55
T30%
43
135
LQH1N3R3K(J)04
3.3
0.61
T30%
38
130
LQH1N3R9K(J)04
3.9
35
1.5
T30%
35
125
Y25
LQH1N4R7K(J)04
4.7
1MHz
8MHz
1.7
T30%
31
120
to
LQH1N5R6K(J)04
5.6
1.8
T30%
28
115
W85D
LQH1N6R8K(J)04
6.8
2.0
T30%
25
110
LQH1N8R2K(J)04
8.2
2.2
T30%
23
105
LQH1N100K(J)04
10
T10
2.5
T30%
20
100
LQH1N120K(J)04
12
(
T5)
5MHz
2.7
T30%
18
95
LQH1N150K(J)04
15
3.0
T30%
16
90
LQH1N180K(J)04
18
3.4
T30%
15
LQH1N220K(J)04
22
3.1
T30%
14
85
LQH1N270K(J)04
27
3.4
T30%
13
LQH1N330K(J)04
33
3.8
T30%
12
80
LQH1N390K(J)04
39
7.2
T30%
11
55
LQH1N470K(J)04
47
40
2.5MHz
8.0
T30%
10
LQH1N560K(J)04
56
8.9
T30%
9.0
50
LQH1N680K(J)04
68
9.9
T30%
8.5
LQH1N820K(J)04
82
11
T30%
7.5
45
LQH1N101K(J)04
100
12
T30%
7.0
Part Number
Inductance
Q
Nominal
Value(
µH)
Tolerance
(%)
Test
Frequency
Nominal
Value(min.)
Test
Frequency
DC Resistance
(
Ω)
Self-resonant
Frequency
(MHz min.)
Allowable
Current
(mA)
Operating
Temp. Range


Similar Part No. - LQW1608AR15JG00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW15A MURATA-LQW15A Datasheet
105Kb / 5P
   Chip Inductors (Chip Coils) for High Frequency Horizontal Wire Wound
LQW15AN10NG00 MURATA-LQW15AN10NG00 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQW15AN10NG00 MURATA-LQW15AN10NG00 Datasheet
76Kb / 2P
   Inductance
LQW15AN10NG00B MURATA-LQW15AN10NG00B Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound
LQW15AN10NG00B MURATA-LQW15AN10NG00B Datasheet
76Kb / 2P
   Inductance
More results

Similar Description - LQW1608AR15JG00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE21CCNR47MELL MURATA1-DFE21CCNR47MELL Datasheet
392Kb / 9P
   CHIP COIL(CHIP INDUCTORS)
LQH2HNHR56K03L MURATA1-LQH2HNHR56K03L Datasheet
564Kb / 10P
   Chip Coil (Chip Inductors)
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Superworld Electronics
CCM0504200NFG SUPERWORLD-CCM0504200NFG Datasheet
140Kb / 4P
   Chip Common Mode Choke Coil
logo
Murata Manufacturing Co...
LQM2HPN4R7MGCL MURATA-LQM2HPN4R7MGCL Datasheet
68Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HPJ0 MURATA-LQM2HPJ0 Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
Abracon Corporation
ACCC-0805 ABRACON-ACCC-0805 Datasheet
243Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
ACCC-1206 ABRACON-ACCC-1206 Datasheet
242Kb / 2P
   MULTILAYER CHIP COMMON MODE CHOKE COIL
08.24.07
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com