Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC4351 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4351
Description  High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4351 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD74HC4351 Datasheet HTML 5Page - Texas Instruments CD74HC4351 Datasheet HTML 6Page - Texas Instruments CD74HC4351 Datasheet HTML 7Page - Texas Instruments CD74HC4351 Datasheet HTML 8Page - Texas Instruments CD74HC4351 Datasheet HTML 9Page - Texas Instruments CD74HC4351 Datasheet HTML 10Page - Texas Instruments CD74HC4351 Datasheet HTML 11Page - Texas Instruments CD74HC4351 Datasheet HTML 12Page - Texas Instruments CD74HC4351 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
Power Dissipation Capacitance
(Notes 6, 7) 4352
CPD
-
-
5
-
74
-----
pF
HCT TYPES
Propagation Delay,
Switch In to Switch Out
tPLH, tPHL
CL = 50pF
0
4.5
-
-
7
-
9
-
11
ns
-4.5
4.5
-
-
5
-
7
-
8
ns
Maximum Switch Turn “ON”
Delay 4351
E1, E2, LE to VOS
tPZH, tPZL
CL = 50pF
0
4.5
-
-
75
-
94
-
113
ns
-4.5
4.5
-
-
60
-
75
-
90
ns
CL = 15pF
-
5
-
35
-----
ns
Maximum Switch Turn “ON”
Delay 4351
Sn to VOS
tPZH, tPZL
CL = 50pF
0
4.5
-
-
75
-
94
-
113
ns
-4.5
4.5
-
-
60
-
75
-
90
ns
CL = 15pF
-
5
-
35
-----
ns
Maximum Switch Turn “OFF”
Delay 4351
E1 to VOS
tPHZ, tPLZ
CL = 50pF
0
4.5
-
-
55
-
69
-
83
ns
-4.5
4.5
-
-
40
-
50
-
60
ns
CL = 15pF
-
5
-
23
-----
ns
Maximum Switch Turn “OFF”
Delay 4351
E2 to VOS
tPHZ, tPLZ
CL = 50pF
0
4.5
-
-
60
-
75
-
90
ns
-4.5
4.5
-
-
50
-
63
-
75
ns
CL = 15pF
-
5
-
23
-----
ns
Maximum Switch Turn “OFF”
Delay 4351
LE to VOS
tPHZ, tPLZ
CL = 50pF
0
4.5
-
-
60
-
75
-
90
ns
-4.5
4.5
-
-
55
-
69
-
83
ns
Maximum Switch Turn “OFF”
Delay 4351
Sn to VOS
tPHZ, tPLZ
CL = 50pF
0
4.5
-
-
65
-
81
-
98
ns
-4.5
4.5
-
-
55
-
69
-
83
ns
CL = 15pF
-
5
-
23
-----
ns
Setup Time 4351
Sn to LE
CL = 50pF
0
4.5
-
-
12
-
15
-
18
ns
-4.5
4.5
-
-
14
-
18
-
21
ns
Hold Time 4351 and 4352
Sn to LE
CL = 50pF
0
4.5
5
-
-
5
-
5
-
ns
-4.5
4.5
5
-
-
5
-
5
-
ns
Pulse Width 4351
LE
tW
CL = 50pF
0
4.5
25
-
-
31
-
28
-
ns
-4.5
4.5
25
-
-
31
-
38
-
ns
Input (Control) Capacitance
CI
-
----
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 6, 7) 4351
CPD
-
-
5
-
52
-----
pF
NOTES:
6. CPD is used to determine the dynamic power consumption, per package.
7. PD =CPD VCC
2 f
i + Σ (CL +CS)VCC
2 f
o where fi = input frequency, fo = output frequency, CL = output load capacitance, CS = switch
capacitance, VCC = supply voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VEE
(V)
VCC
(V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54HC4351, CD74HC4351, CD74HCT4351, CD74HC4352


Similar Part No. - CD74HC4351

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351 TI-CD74HC4351 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351E TI-CD74HC4351E Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351E TI-CD74HC4351E Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351E TI-CD74HC4351E Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results

Similar Description - CD74HC4351

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI1-CD54HC4051_15 Datasheet
1Mb / 45P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com