Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74ACT163M Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT163M
Description  4-BIT SYNCHRONOUS BINARY COUNTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT163M Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74ACT163M Datasheet HTML 2Page - Texas Instruments CD74ACT163M Datasheet HTML 3Page - Texas Instruments CD74ACT163M Datasheet HTML 4Page - Texas Instruments CD74ACT163M Datasheet HTML 5Page - Texas Instruments CD74ACT163M Datasheet HTML 6Page - Texas Instruments CD74ACT163M Datasheet HTML 7Page - Texas Instruments CD74ACT163M Datasheet HTML 8Page - Texas Instruments CD74ACT163M Datasheet HTML 9Page - Texas Instruments CD74ACT163M Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CD54ACT163, CD74ACT163
4-BIT SYNCHRONOUS BINARY COUNTERS
SCHS300B – APRIL 2000 – REVISED MARCH 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 2)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 2)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): E package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
M package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 4)
TA = 25°C
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
VCC
Supply voltage
4.5
5.5
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
2
V
VIL
Low-level input voltage
0.8
0.8
0.8
V
VI
Input voltage
0
VCC
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
0
VCC
V
IOH
High-level output current
–24
–24
–24
mA
IOL
Low-level output current
24
24
24
mA
∆t/∆v
Input transition rise or fall rate
10
10
10
ns
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - CD74ACT163M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT163M TI-CD74ACT163M Datasheet
142Kb / 10P
[Old version datasheet]   CD54ACT161 CD74ACT161
More results

Similar Description - CD74ACT163M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD54AC161 TI-CD54AC161 Datasheet
383Kb / 15P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC161 TI-SN54HC161 Datasheet
642Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Fairchild Semiconductor
DM74LS161A FAIRCHILD-DM74LS161A Datasheet
103Kb / 10P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD74AC161ME4 TI-CD74AC161ME4 Datasheet
553Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A Datasheet
440Kb / 20P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com