Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

403C2XLM Datasheet(PDF) 2 Page - CTS Corporation

Part # 403C2XLM
Description  Surface Mount Quartz Crystal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

403C2XLM Datasheet(HTML) 2 Page - CTS Corporation

  403C2XLM Datasheet HTML 1Page - CTS Corporation 403C2XLM Datasheet HTML 2Page - CTS Corporation 403C2XLM Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document No. 008-0288-0
Page 2 - 3
Rev. F
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model 403
3.2x2.5mm Low Cost
Surface Mount Crystal
ELECTRICAL CHARACTERISTICS
PARAMETER
VALUE
Operating Mode
Fundamental
Crystal Cut
AT-Cut
Frequency Range
12.0 MHz to 50.0 MHz
± 30 ppm Standard
(± 10 ppm, ± 15 ppm and ± 20 ppm Available)
Frequency Stability Tolerance
± 50 ppm Standard
(Operating Temperature Range, Referenced to 25°C Reading)
(± 10 ppm, ± 15 ppm, ± 20 ppm, ± 30 ppm and ± 40 ppm Available)
-20°C to +70°C Standard
(-40°C to +85°C Available)
Aging
± 3 ppm/year Maximum
Storage Temperature Range
-55°C to +125°C
Equivalent Series Resistance
See ESR Table
Load Capacitance or Resonance Mode
See Ordering Information
5.0 pF Maximum
(3.0 pF Typical)
Drive Level
10 µW Typical, 100 µW Maximum
Reflow Condition, per JEDEC J-STD-020
+255°C ± 5°C, 10 Seconds Maximum
Shunt Capacitance (C0)
Frequency Tolerance @ 25°C
Operating Temperature Range
EQUIVALENT SERIES RESISTANCE TABLE
FREQUENCY RANGE
MODE of OSCILLATION ESR Maximum
12.00 MHz - 13.999 MHz
Fundamental
150 Ohms
14.00 MHz - 15.999 MHz
Fundamental
100 Ohms
16.00 MHz - 19.999 MHz
Fundamental
80 Ohms
20.00 MHz - 50.00 MHz
Fundamental
60 Ohms
MECHANICAL SPECIFICATIONS
MARKING INFORMATION
1. XX.XX – Frequency marked with 2 significant
digits after the decimal.
2. C – CTS and Pin 1 identifier.
3. YWW – Date Code, Y – Last Digit of Year,
WW – Week.
4. Complete CTS part number, frequency value
and date code information must appear on reel
and box labels.
NOTES
1. Termination pads (e4), barrier-plating is nickel
(Ni) with gold (Au) flash plate.
2. Terminations #2, #4 and the metal lid are
connected internally. End user may connect
these pins to circuit ground.
SUGGESTED SOLDER PAD GEOMETRY
0.085 [2.15]
0.061 [1.55]
0.039 [1.00]
Key:
[mm]
Inch
0.035 [0.90]
12
3
4
PACKAGE DRAWING
( 0.7 )
0.028
#2
Bottom View
Top View
2
1
4
3
( 0.8 )
0.031
( 1.0 )
0.039
0.047
( 1.2 )
( 0.80 )
MAX
( 3.20 ±0.20 )
0.126 ±0.008
0.031
( 2.50 ±0.20 )
0.098 ±0.008
Key:
( MM )
Inch
#2
#3
#4
#1
XX.XX
CYWW


Similar Part No. - 403C2XLM

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
403C35D24M00000 CTS-403C35D24M00000 Datasheet
137Kb / 3P
   Surface Mount Quartz Crystal
logo
International Rectifier
403CMQ IRF-403CMQ Datasheet
126Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
403CMQ SENSITRON-403CMQ Datasheet
185Kb / 4P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
403CMQ SMC-403CMQ Datasheet
224Kb / 4P
   Guard ring for enhanced ruggedness and long term reliability
logo
International Rectifier
403CMQ080 IRF-403CMQ080 Datasheet
126Kb / 5P
   SCHOTTKY RECTIFIER
More results

Similar Description - 403C2XLM

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
405 CTS-405 Datasheet
135Kb / 3P
   Surface Mount Quartz Crystal
ATP-SM CTS-ATP-SM_06 Datasheet
118Kb / 4P
   Surface Mount Quartz Crystal
405C35D48M00000 CTS-405C35D48M00000 Datasheet
125Kb / 3P
   Surface Mount Quartz Crystal
407 CTS-407 Datasheet
155Kb / 3P
   Surface Mount Quartz Crystal
445W21AXXMXXXXX CTS-445W21AXXMXXXXX Datasheet
108Kb / 2P
   Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX11VSM STATEK-CX11VSM Datasheet
104Kb / 2P
   Surface Mount Quartz Crystal
logo
CTS Corporation
405C11A19M20000 CTS-405C11A19M20000 Datasheet
125Kb / 3P
   Surface Mount Quartz Crystal
logo
List of Unclassifed Man...
JXE75 ETC1-JXE75 Datasheet
63Kb / 2P
   Surface Mount Quartz Crystal
logo
CTS Corporation
425 CTS-425 Datasheet
136Kb / 3P
   Surface Mount Quartz Crystal
403C35D24M00000 CTS-403C35D24M00000 Datasheet
137Kb / 3P
   Surface Mount Quartz Crystal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com