Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1538SDPG-13 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP1538SDPG-13
Description  18V 3A 300KHz BUCK CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1538SDPG-13 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP1538SDPG-13 Datasheet HTML 6Page - Diodes Incorporated AP1538SDPG-13 Datasheet HTML 7Page - Diodes Incorporated AP1538SDPG-13 Datasheet HTML 8Page - Diodes Incorporated AP1538SDPG-13 Datasheet HTML 9Page - Diodes Incorporated AP1538SDPG-13 Datasheet HTML 10Page - Diodes Incorporated AP1538SDPG-13 Datasheet HTML 11Page - Diodes Incorporated AP1538SDPG-13 Datasheet HTML 12Page - Diodes Incorporated AP1538SDPG-13 Datasheet HTML 13Page - Diodes Incorporated AP1538SDPG-13 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AP1538
18V 3A 300KHz BUCK CONVERTER
AP1538
Rev.
2
10 of 14
JUNE 2008
www.diodes.com
© Diodes Incorporated
Top Side Layout Guide
Bottom Side Layout Guide
Functional Description
(Continued)
Use vias to conduct the heat into the backside of
PCB layer. The heat sink at output (SW) pins should
be allowed for maximum solder-painted area.
Keep the gap of exposed pads from short circuit.
Recommended exposed-pads gap: 30~40mil
(0.75~1mm)
Brown: IC exposed pads.
Red: recommended layout.


Similar Part No. - AP1538SDPG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1538SDPG-13 DIODES-AP1538SDPG-13 Datasheet
312Kb / 13P
   18V 3A 300KHz BUCK CONVERTER
AP1538 Rev. 5
More results

Similar Description - AP1538SDPG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1538 DIODES-AP1538_09 Datasheet
312Kb / 13P
   18V 3A 300KHz BUCK CONVERTER
AP1538 Rev. 5
AP1530SG-13 DIODES-AP1530SG-13 Datasheet
259Kb / 12P
   18V 3A 300KHz BUCK CONVERTER
AP1530 DIODES-AP1530_09 Datasheet
259Kb / 12P
   18V 3A 300KHz BUCK CONVERTER
AP1530 Rev. 7
AP1539_0910 DIODES-AP1539_0910 Datasheet
306Kb / 13P
   18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 4
logo
Global Mixed-mode Techn...
G5503 GMT-G5503 Datasheet
160Kb / 1P
   300KHz, 3A Buck Converter
logo
Diodes Incorporated
AP1539 DIODES-AP1539 Datasheet
239Kb / 12P
   18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 2
logo
Anachip Corp
AP1518 ANACHIP-AP1518 Datasheet
193Kb / 12P
   300KHz, 3A PWM Buck DC/DC Converter
logo
Sanken electric
NR120E SANKEN-NR120E Datasheet
759Kb / 13P
   3A, 18V, Buck Regulator
logo
Rohm
BD86123AEFJ ROHM-BD86123AEFJ Datasheet
452Kb / 20P
   4.5V to 18V, 3A 1ch Synchronous Buck Converter
BD95835EFJ ROHM-BD95835EFJ Datasheet
585Kb / 23P
   4.5V to 18V, 3A 1ch Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com