Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD934215MIT Datasheet(PDF) 11 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 7Page - STMicroelectronics PSD934215MIT Datasheet HTML 8Page - STMicroelectronics PSD934215MIT Datasheet HTML 9Page - STMicroelectronics PSD934215MIT Datasheet HTML 10Page - STMicroelectronics PSD934215MIT Datasheet HTML 11Page - STMicroelectronics PSD934215MIT Datasheet HTML 12Page - STMicroelectronics PSD934215MIT Datasheet HTML 13Page - STMicroelectronics PSD934215MIT Datasheet HTML 14Page - STMicroelectronics PSD934215MIT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 89 page
background image
11/89
PSD834F2V
PIN DESCRIPTION
Table 4 describes the signal names and signal
functions of the PSD.
Table 4. Pin Description (for the PLCC52 package1)
Pin Name
Pin
Type
Description
ADIO0-7
30-37
I/O
This is the lower Address/Data port. Connect your MCU address or address/data bus
according to the following rules:
1. If your MCU has a multiplexed address/data bus where the data is multiplexed with the
lower address bits, connect AD0-AD7 to this port.
2. If your MCU does not have a multiplexed address/data bus, or you are using an
80C251 in page mode, connect A0-A7 to this port.
3. If you are using an 80C51XA in burst mode, connect A4/D0 through A11/D7 to this
port.
ALE or AS latches the address. The PSD drives data out only if the read signal is active
and one of the PSD functional blocks was selected. The addresses on this port are
passed to the PLDs.
ADIO8-15
39-46
I/O
This is the upper Address/Data port. Connect your MCU address or address/data bus
according to the following rules:
1. If your MCU has a multiplexed address/data bus where the data is multiplexed with the
lower address bits, connect A8-A15 to this port.
2. If your MCU does not have a multiplexed address/data bus, connect A8-A15 to this
port.
3. If you are using an 80C251 in page mode, connect AD8-AD15 to this port.
4. If you are using an 80C51XA in burst mode, connect A12/D8 through A19/D15 to this
port.
ALE or AS latches the address. The PSD drives data out only if the read signal is active
and one of the PSD functional blocks was selected. The addresses on this port are
passed to the PLDs.
CNTL0
47
I
The following control signals can be connected to this port, based on your MCU:
1. WR – active Low Write Strobe input.
2. R_W – active High read/active Low write input.
This port is connected to the PLDs. Therefore, these signals can be used in decode and
other logic equations.
CNTL1
50
I
The following control signals can be connected to this port, based on your MCU:
1. RD – active Low Read Strobe input.
2. E – E clock input.
3. DS – active Low Data Strobe input.
4. PSEN – connect PSEN to this port when it is being used as an active Low read signal.
For example, when the 80C251 outputs more than 16 address bits, PSEN is actually the
read signal.
This port is connected to the PLDs. Therefore, these signals can be used in decode and
other logic equations.
CNTL2
49
I
This port can be used to input the PSEN (Program Select Enable) signal from any MCU
that uses this signal for code exclusively. If your MCU does not output a Program Select
Enable signal, this port can be used as a generic input. This port is connected to the
PLDs.
Reset
48
I
Resets I/O Ports, PLD macrocells and some of the Configuration Registers. Must be Low
at Power-up.


Similar Part No. - PSD934215MIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD934215MIT STMICROELECTRONICS-PSD934215MIT Datasheet
1Mb / 103P
   Flash In-System Programmable ISP Peripherals For 8-bit MCUs
More results

Similar Description - PSD934215MIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD835G2 STMICROELECTRONICS-PSD835G2_04 Datasheet
1Mb / 102P
   Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PSD835G2V STMICROELECTRONICS-PSD835G2V_07 Datasheet
983Kb / 118P
   Flash PSD, 3 V supply, for 8-bit MCUs 4 Mbit 256 Kbit dual Flash memories and 64 Kbit SRAM
logo
Silicon Storage Technol...
SST31LF041 SST-SST31LF041 Datasheet
310Kb / 26P
   4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
logo
STMicroelectronics
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M39208 STMICROELECTRONICS-M39208 Datasheet
218Kb / 30P
   Single Chip 2 Mbit Flash and 64 Kbit Parallel EEPROM Memory
logo
Silicon Storage Technol...
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
logo
STMicroelectronics
M48Z35 STMICROELECTRONICS-M48Z35_10 Datasheet
432Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35 STMICROELECTRONICS-M48Z35_11 Datasheet
414Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35AV-10PC1 STMICROELECTRONICS-M48Z35AV-10PC1 Datasheet
146Kb / 20P
   256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com