Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE427KR7180JR06L2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PHE427KR7180JR06L2
Description  Double metallized film pulse capacitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE427KR7180JR06L2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PHE427KR7180JR06L2 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHE427KR7180JR06L2 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE427KR7180JR06L2 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHE427KR7180JR06L2 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE427KR7180JR06L2 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE427KR7180JR06L2 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE427KR7180JR06L2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
220
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
g
V/µs
0.2 m/s
160 VDC/100 VAC
LEAD SPACING 10 MM
250 VDC/160 VAC
Not
for
new
design
PHE427
0.047
5.0
11.0
13.0
10.0
800
700
1.0
400
116
PHE427FA5470JR05
0.056
5.0
11.0
13.0
10.0
800
700
1.0
400
116
PHE427FA5560JR05
0.068
5.0
11.0
13.0
10.0
800
700
1.0
400
115
PHE427FA5680JR05
LEAD SPACING 15 MM
0.082
5.5
10.5
18.0
15.0
1000
600
1.5
200
100
PHE427FB5820JR06
0.10
5.5
10.5
18.0
15.0
1000
600
1.5
200
98
PHE427FB6100JR06
0.12
5.5
12.5
18.0
15.0
1000
600
1.7
200
85
PHE427FB6120JR06
0.15
6.5
12.5
18.0
15.0
1000
500
2.0
200
82
PHE427FB6150JR06
0.18
7.5
14.5
18.0
15.0
800
400
2.7
200
74
PHE427FB6180JR06
0.22
7.5
14.5
18.0
15.0
800
400
2.7
200
72
PHE427FB6220JR06
0.27
8.5
16.0
18.0
15.0
600
400
3.4
200
65
PHE427FB6270JR06
0.33
8.5
16.0
18.0
15.0
600
400
3.4
200
64
PHE427FB6330JR06
LEAD SPACING 22.5 MM
0.22
6.5
14.5
26.0
22.5
234
3.2
100
58
PHE427FD6220JR06L2
0.27
7.0
16.5
26.0
22.5
216
3.9
100
53
PHE427FD6270JR06L2
0.33
7.0
16.5
26.0
22.5
216
3.9
100
52
PHE427FD6330JR06L2
0.39
8.0
16.0
26.0
22.5
186
4.3
100
52
PHE427FD6390JR06L2
0.47
8.0
16.0
26.0
22.5
186
4.3
100
52
PHE427FD6470JR06L2
0.56
9.0
18.5
26.0
22.5
168
5.6
100
46
PHE427FD6560JR06L2
0.68
9.0
18.5
26.0
22.5
168
5.6
100
46
PHE427FD6680JR06L2
0.82
11.0
21.5
26.0
22.5
253
8.0
100
40
PHE427FD6820JR06L2
1.0
11.0
21.5
26.0
22.5
253
8.0
100
39
PHE427FD7100JR06L2
LEAD SPACING 27.5 MM
1.0
10.5
20.5
31.5
27.5
216
8.8
60
37
PHE427FF7100JR06L2
1.2
11.5
22.5
31.5
27.5
198
10.6
60
34
PHE427FF7120JR06L2
1.5
11.5
22.5
31.5
27.5
198
10.6
60
34
PHE427FF7150JR06L2
1.8
17.5
28.0
31.5
27.5
126
19.7
60
28
PHE427FF7180JR06L2
2.2
17.5
28.0
31.5
27.5
126
19.7
60
27
PHE427FF7220JR06L2
LEAD SPACING 37.5 MM
1.8
13.0
24.0
41.0
37.5
140
16.6
50
27
PHE427FR7180JR06L2
2.2
15.0
26.0
41.0
37.5
119
20.8
50
26
PHE427FR7220JR06L2
2.7
15.0
26.0
41.0
37.5
119
20.8
50
25
PHE427FR7270JR06L2
3.3
15.0
26.0
41.0
37.5
119
20.8
50
25
PHE427FR7330JR06L2
3.9
16.5
32.0
41.0
37.5
105
28.1
50
21
PHE427FR7390JR06L2
4.7
16.5
32.0
41.0
37.5
105
28.1
50
20
PHE427FR7470JR06L2
5.6
19.0
36.0
41.0
37.5
91
36.5
50
18
PHE427FR7560JR06L2
6.8
19.0
36.0
41.0
37.5
91
36.5
50
18
PHE427FR7680JR06L2
LEAD SPACING 7.5 MM
0.00068
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
800
160
PHE427HK3680JR05
0.00082
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
800
160
PHE427HK3820JR05
0.0010
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
800
160
PHE427HK4100JR05
0.0012
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
800
160
PHE427HK4120JR05
0.0015
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
800
160
PHE427HK4150JR05
0.0018
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
800
160
PHE427HK4180JR05
0.0022
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
800
160
PHE427HK4220JR05
0.0027
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
800
160
PHE427HK4270JR05
0.0033
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
800
160
PHE427HK4330JR05
0.0039
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
800
160
PHE427HK4390JR05
0.0047
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
800
160
PHE427HK4470JR05
0.0056
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
800
160
PHE427HK4560JR05
0.0068
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
800
160
PHE427HK4680JR05
0.0082
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
800
160
PHE427HK4820JR05
0.010
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
800
160
PHE427HK5100JR05


Similar Part No. - PHE427KR7180JR06L2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE426DJ4100JR05 ETC2-PHE426DJ4100JR05 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426DJ4100JR05 KEMET-PHE426DJ4100JR05 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE426DJ4120JR05 ETC2-PHE426DJ4120JR05 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
More results

Similar Description - PHE427KR7180JR06L2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE450 ETC2-PHE450 Datasheet
95Kb / 12P
   Double metallized film pulse capacitor
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com