Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

84137182 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 84137182
Description  SIMM Series Input Modules
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84137182 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  84137182 Datasheet HTML 1Page - List of Unclassifed Manufacturers 84137182 Datasheet HTML 2Page - List of Unclassifed Manufacturers 84137182 Datasheet HTML 3Page - List of Unclassifed Manufacturers 84137182 Datasheet HTML 4Page - List of Unclassifed Manufacturers 84137182 Datasheet HTML 5Page - List of Unclassifed Manufacturers 84137182 Datasheet HTML 6Page - List of Unclassifed Manufacturers 84137182 Datasheet HTML 7Page - List of Unclassifed Manufacturers 84137182 Datasheet HTML 8Page - List of Unclassifed Manufacturers 84137182 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
SIMM Series Input Modules
* 6.2 mm wide and 65 mm deep
* DIN Rail mounted
* LED input status indicator
* Bridges enable quick linking of common voltage
* Identification zone on front face
* IP20
84145061
84145062
84145064
84145066
84145071
Nominal voltage
24Vac/dc
24Vac/dc
120
240
5 - 28
Operating voltage range
19.2-30Vac/dc
19.2-30Vac/dc
95-121Vac/dc
195-253Vac/dc
19.2-30Vac/dc
Max input current
20 mA
20 mA
5 mA
5 mA
20 mA
Max Voltage
30Vac/36Vdc
30Vac/36Vdc
30Vac/36Vdc
30Vac/36Vdc
30Vac/36Vdc
Max current
50 mA
50 mA
50 mA
50 mA
50 mA
Operating temperature range
-25 to 60°C
-25 to 60°C
-25 to 60°C
-25 to 60°C
-25 to 60°C
Storage temperature range
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
Turn-On time
8 ms
8 ms
8 ms
8 ms
8 ms
Turn-Off time
10 ms
10 ms
10 ms
10 ms
10 ms
Switching frequency
10 Hz
10 Hz
10 Hz
10 Hz
10 Hz
Mechanical Life (operations)
> 10 x 10
6
> 10 x 10
6
> 10 x 10
6
> 10 x 10
6
> 10 x 10
6
Electrical Life (number of operation)
6 x 10
6
6 x 10
6
6 x 10
6
6 x 10
6
6 x 10
6
Weight
1.23 oz
1.23 oz
1.23 oz
1.23 oz
1.23 oz
Contact Material
Contact Arrangement
SPDT
SPDT
SPDT
SPDT
SPST (N.O.)
Note: Exceeding the value given for the output relay current will remove the gold plating
from the contacts and therefore we cannot guarantee correct operation at low currents.
Dimensions:
SPDT
SPST
Wiring Diagram and Thermal Curves:
Accessories
84145061 / 062 / 064 / 066
84145050
84145052
Front Panel marker ( 88 per bag )
10 postion jumper - Blue
84145071
84145051
84145053
2 Pole "Common" Jumper
10 postion jumper - Red
AgSnO2 gold plated
Input Characteristics (at ambient 25 C°)
General characteristics
Part numbers
Output characteristics (at ambient 25 C°)
Products and specifications subject to change without notice.
Consult factory for applications assistance. www.crouzet-usa.com


Similar Part No. - 84137182

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
84137182H CRYDOM-84137182H Datasheet
673Kb / 8P
   AC Output SSRs
More results

Similar Description - 84137182

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
SM-IAC5 CRYDOM-SM-IAC5 Datasheet
458Kb / 4P
   SM SERIES INPUT MODULES
SMI-AC5 CRYDOM-SMI-AC5 Datasheet
580Kb / 4P
   SM SERIES INPUT MODULES
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
   C Series Analog Input Modules
logo
List of Unclassifed Man...
DI-8B45 ETC1-DI-8B45 Datasheet
318Kb / 2P
   Frequency Input Modules
logo
Grayhill, Inc
70M-IDC5 GRAYHILL-70M-IDC5 Datasheet
117Kb / 2P
   DC Input Modules
70-IAC5 GRAYHILL-70-IAC5 Datasheet
117Kb / 2P
   AC Input Modules
logo
Tyco Electronics
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
   Input/Output Modules
logo
List of Unclassifed Man...
SCM5B37 ETC-SCM5B37 Datasheet
29Kb / 2P
   Thermocouple Input Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com