Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

84137122 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 84137122
Description  SIMM Series Input Modules
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84137122 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  84137122 Datasheet HTML 1Page - List of Unclassifed Manufacturers 84137122 Datasheet HTML 2Page - List of Unclassifed Manufacturers 84137122 Datasheet HTML 3Page - List of Unclassifed Manufacturers 84137122 Datasheet HTML 4Page - List of Unclassifed Manufacturers 84137122 Datasheet HTML 5Page - List of Unclassifed Manufacturers 84137122 Datasheet HTML 6Page - List of Unclassifed Manufacturers 84137122 Datasheet HTML 7Page - List of Unclassifed Manufacturers 84137122 Datasheet HTML 8Page - List of Unclassifed Manufacturers 84137122 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
4/23
4
To order, specify:
Part number
Accessory
Exemple: Two-phase solid state relay 25 A 84 130 210 - DIN rail adaptor 26 532 764
2
1
Standard products
Standard products,
non stocked
2
Part numbers
Two-phase relays 25 A
Switching
Output
Input
Connection
voltage
voltage
diagram
Zero voltage
24 - 280 V a
4 - 15 V c
B
84 130 210
Instantaneous
24 - 280 V a
4 - 15 V c
B
84 130 211
Two-phase relays 40 A
Switching
Output
Input
Connection
voltage
voltage
diagram
Zero voltage
24 - 280 V a
4 - 15 V c
D
84 130 230
Instantaneous
24 - 280 V a
4 - 15 V c
D
84 130 231
Zero voltage
36 - 530 V a
4 - 15 V c
D
84 130 240
Instantaneous
36 - 530 V a
4 - 15 V c
D
84 130 241
Zero voltage
24 - 280 V a
4 - 15 V c
C
84 130 250
Instantaneous
24 - 280 V a
4 - 15 V c
C
84 130 251
Zero voltage
36 - 530 V a
4 - 15 V c
C
84 130 260
Instantaneous
36 - 530 V a
4 - 15 V c
C
84 130 261
Zero voltage
24 - 280 V a
4 - 15 V c
B
84 130 270
Instantaneous
24 - 280 V a
4 - 15 V c
B
84 130 271
Zero voltage
36 - 530 V a
4 - 15 V c
A
84 130 280
Instantaneous
36 - 530 V a
4 - 15 V c
A
84 130 281
Accessories (see catalogue pages 4/30 to 4/32)
Heatsinks
Heat transfer compound
18 373 112
DIN rail adaptor
26 532 764
Quick-blow fuses
Thermal dissipation curves
Two-phase (dual) solid state relays - GD range
+
-
+
-
A1
A2
B1
B2
Output specifications
Voltage range (Vrms max)
24-280
24-280
36-530
Peak voltage (t=1 min.) (Vpeak)
600
600
1200
Maximum current (Vpeak)
25
40
40
Maximum current(mArms)
7
7
7
Minimum current (mArms)
100
100
100
Max. 1-cycle surge
250
500
500
T=25°C (A peak)
Max. 1-second surge
67
145
135
T=25°C (A peak)
On-state voltage drop
1.6
1.6
1.6
at Imax and T=25°C (Vpeak)
I2t (t=10ms) A2s
260
1260
1260
Thermal resistance -
1.5
0.25
0.25
Junction to casing (°C/W)
Static (off-state) dv/dt (Vµs)
500
500
500
Supply frequency range (Hz)
47-63
47-63
47-63
cos
ϕ (Zero voltage)
> 0.5
> 0.5
> 0.5
Input specifications
Input voltage(V)
4-15
c
c
Drop-out voltage (V c)1
Maximum current
32
--
(at Vmax) (mA)
Response time (close)
Zero voltage switching (ms)
10
Instantaneous switching (ms)
0,1
Response time (open)
Zero voltage switching (ms)
10
Instantaneous switching (ms)
10
Characteristics
Operating temperature (°C)
-20 à +80
Storage temperature (°C)
-40 à +100
Input to output insulation voltage (Vrms) 4000
Breakdown voltage (Vrms)
2500
Input/output capacitance (pF)
8
5
5
Material
Casing
Self-extinguishing
(UL 94 V0)
Baseplate
Aluminium
Weight (g)
450
Equivalent circuits
s
For controlling three-phase supplies
s
Controls two or three phases of the supply
s
Applied to star or delta-connected two-phase
resistances with neutral not connected
s
Rating 25 A and 40 A
s
Output voltages from 24 to 280 V and 36 to 530 V
s
Back-to-back SCRs
s
Zero voltage switching
s
Input to output insulation voltage: 4000 V
s
Protection by RC filter
s
UL - cUL approval and CE marking
1
0
5
10
15
20
25
0
10
20
25
304050
60
70
80
°C
0,5
°C/W
1
°C/W
2 °C/W
5 °C/W
25 A
0
5
10
15
5
° C/W
2° C/W
1,5
° C/W
20
25
30
35
40
0
10
20
25
304050
60
70
80
40 A
°C


Similar Part No. - 84137122

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
84137122H CRYDOM-84137122H Datasheet
673Kb / 8P
   AC Output SSRs
More results

Similar Description - 84137122

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
SM-IAC5 CRYDOM-SM-IAC5 Datasheet
458Kb / 4P
   SM SERIES INPUT MODULES
SMI-AC5 CRYDOM-SMI-AC5 Datasheet
580Kb / 4P
   SM SERIES INPUT MODULES
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
   C Series Analog Input Modules
logo
List of Unclassifed Man...
DI-8B45 ETC1-DI-8B45 Datasheet
318Kb / 2P
   Frequency Input Modules
logo
Grayhill, Inc
70M-IDC5 GRAYHILL-70M-IDC5 Datasheet
117Kb / 2P
   DC Input Modules
70-IAC5 GRAYHILL-70-IAC5 Datasheet
117Kb / 2P
   AC Input Modules
logo
Tyco Electronics
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
   Input/Output Modules
logo
List of Unclassifed Man...
SCM5B37 ETC-SCM5B37 Datasheet
29Kb / 2P
   Thermocouple Input Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com