Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HRF-ROC09325-B Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # HRF-ROC09325-B
Description  Radio On A Chip 300 - 928 MHz FSK Transceiver Frequency Agile With SPI Bus Interface
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HRF-ROC09325-B Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  HRF-ROC09325-B Datasheet HTML 1Page - Honeywell Solid State Electronics Center HRF-ROC09325-B Datasheet HTML 2Page - Honeywell Solid State Electronics Center HRF-ROC09325-B Datasheet HTML 3Page - Honeywell Solid State Electronics Center HRF-ROC09325-B Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HRF-ROC09325
Preliminary
Web Site:
www.mysoiservices.com
Honeywell
Email:
mysoiservices@honeywell.com
Solid State Electronics Center
12001 State Highway 55
2002 09325
Published February 2002
Page 4
Plymouth, Minnesota 55441-4799
1-800-323-8295
Engineering Evaluation Board
Engineering Evaluation Board
The engineering evaluation board provides for a RS232
connection using a PIC microcontroller as the interface
between the HRF-ROC09325 and the RS232 port. Using
the software provided and a PC, control of test data,
operating frequency, power levels and all internal
registers
is
available
for
early
product
development/prototyping.
The board operates from a
single +6 to +9 volt supply and provides separate RF
Rx/Tx ports.
Ordering Information
Ordering Number
Product
HRF-ROC09325-B
HRF-ROC09325-T
HRF-ROC09325-E
Delivered In Chip Tubes
Delivered On Tape And Reel
2
Engineering Evaluation Board
Note 2: Contact Honeywell for details
Honeywell reserves the right to make changes to improve reliability, function or design. Honeywell does not assume
any liability arising out of the application or use of any product or circuit described herein; neither does it convey any
license under its patent rights nor the rights of others.
ROC09325


Similar Part No. - HRF-ROC09325-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HRF-ROC093XC ETC1-HRF-ROC093XC Datasheet
212Kb / 5P
   Radio On A Chip 860-928 MHz Frequency Agile With SPI Bus Interface
HRF-ROC093XC-K ETC1-HRF-ROC093XC-K Datasheet
212Kb / 5P
   Radio On A Chip 860-928 MHz Frequency Agile With SPI Bus Interface
HRF-ROC093XC-T ETC1-HRF-ROC093XC-T Datasheet
212Kb / 5P
   Radio On A Chip 860-928 MHz Frequency Agile With SPI Bus Interface
More results

Similar Description - HRF-ROC09325-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HRF-ROC093XC ETC1-HRF-ROC093XC Datasheet
212Kb / 5P
   Radio On A Chip 860-928 MHz Frequency Agile With SPI Bus Interface
logo
AMI SEMICONDUCTOR
AMIS-53000 AMI-AMIS-53000 Datasheet
3Mb / 99P
   Frequency Agile Transceiver
AMIS-53050 AMI-AMIS-53050 Datasheet
3Mb / 107P
   Frequency Agile Transceiver
logo
ATMEL Corporation
AT86RF212 ATMEL-AT86RF212_10 Datasheet
3Mb / 172P
   single-chip RF transceiver provides a complete radio interface
AT86RF211 ATMEL-AT86RF211 Datasheet
582Kb / 48P
   FSK Transceiver for ISM Radio Applications
logo
STMicroelectronics
M950X0-W STMICROELECTRONICS-M950X0-W Datasheet
823Kb / 46P
   Compatible with SPI bus serial interface
August 2014 Rev 13
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
639Kb / 36P
   RF Agile Transceiver
Rev. F
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
   RF Agile Transceiver
Rev. SpC
logo
RF Monolithics, Inc
TXC100 RFM-TXC100 Datasheet
527Kb / 11P
   Single chip OOK/ASK/FSK Transmitter IC in the 300~450 MHz frequency range.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com