Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCDT1102G Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCDT1102G
Description  Optocoupler, Phototransistor Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCDT1102G Datasheet(HTML) 3 Page - Vishay Siliconix

  TCDT1102G Datasheet HTML 1Page - Vishay Siliconix TCDT1102G Datasheet HTML 2Page - Vishay Siliconix TCDT1102G Datasheet HTML 3Page - Vishay Siliconix TCDT1102G Datasheet HTML 4Page - Vishay Siliconix TCDT1102G Datasheet HTML 5Page - Vishay Siliconix TCDT1102G Datasheet HTML 6Page - Vishay Siliconix TCDT1102G Datasheet HTML 7Page - Vishay Siliconix TCDT1102G Datasheet HTML 8Page - Vishay Siliconix TCDT1102G Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83535
778
Rev. 1.6, 16-May-08
TCDT1100/TCDT1100G
Vishay Semiconductors
Optocoupler, Phototransistor Output
Note
According to DIN EN 60747-5-5 (see figure 1). This optocoupler is suitable for safe electrical isolation only within the safety ratings. Compliance
with the safety ratings shall be ensured by means of suitable protective circuits.
Fig. 1 - Derating Diagram
Fig. 2 - Test Pulse Diagram for Sample Test According to
DIN EN 60747-5-5/DIN EN 60747-; IEC60747
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
VCE = 5 V, IF = 10 mA
TCDT1100
CTR
40
%
TCDT1100G
CTR
%
TCDT1101
CTR
40
80
%
TCDT1101G
CTR
%
TCDT1102
CTR
63
125
%
TCDT1102G
CTR
%
TCDT1103
CTR
100
200
%
TCDT1103G
CTR
%
MAXIMUM SAFETY RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward current
IF
130
mA
OUTPUT
Power dissipation
Pdiss
265
mW
COUPLER
Rated impulse voltage
VIOTM
6kV
Safety temperature
Tsi
150
°C
INSULATION RATED PARAMETERS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Partial discharge test voltage -
routine test
100 %, ttest = 1 s
Vpd
1.6
kV
Partial discharge test voltage -
lot test (sample test)
tTr = 60 s, ttest = 10 s,
(see figure 2)
VIOTM
6kV
Vpd
1.3
kV
Insulation resistance
VIO = 500 V
RIO
1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
1011
Ω
VIO = 500 V, Tamb = 150 °C
(construction test only)
RIO
109
Ω
0
25
50
75
125
0
50
100
150
200
300
Tsi - Safety Temperature (°C)
150
94 9182
100
250
Phototransistor
Psi (mW)
IR-diode
Isi (mA)
t
13930
t1, t2 = 1 to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
VPd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2


Similar Part No. - TCDT1102G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCDT1102G VISHAY-TCDT1102G Datasheet
139Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
More results

Similar Description - TCDT1102G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCDT1110 VISHAY-TCDT1110_08 Datasheet
153Kb / 8P
   Optocoupler, Phototransistor Output
Rev. 1.8, 16-May-08
CNY17 VISHAY-CNY17_05 Datasheet
129Kb / 9P
   Optocoupler, Phototransistor Output,
Rev. 1.5, 09-Nov-05
TCET1201 VISHAY-TCET1201_V02 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2023
K817P VISHAY-K817P Datasheet
235Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.7, 26-Oct-04
ILD621 VISHAY-ILD621_07 Datasheet
176Kb / 10P
   Optocoupler, Phototransistor Output
Rev. 1.5, 20-Dec-07
TCET1204 VISHAY-TCET1204_V01 Datasheet
151Kb / 8P
   Optocoupler, Phototransistor Output
01-Jan-2022
CNY74-2H VISHAY-CNY74-2H_08 Datasheet
161Kb / 8P
   Optocoupler, Phototransistor Output,Multichannel
Rev. 1.5, 07.-Dec-07
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com