Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE427HA5220JR05 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PHE427HA5220JR05
Description  Double metallized film pulse capacitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE427HA5220JR05 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PHE427HA5220JR05 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHE427HA5220JR05 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE427HA5220JR05 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHE427HA5220JR05 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE427HA5220JR05 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE427HA5220JR05 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE427HA5220JR05 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
221
PHE427
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
g
V/µs
0.2 m/s
250 VDC/160 VAC
LEAD SPACING 7.5 MM
Not
for
new
design
0.012
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
800
160
PHE427HK5120JR05
0.015
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
800
160
PHE427HK5150JR05
0.018
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
800
160
PHE427HK5180JR05
0.022
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
800
160
PHE427HK5220JR05
0.027
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
800
160
PHE427HK5270JR05
0.033
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
800
160
PHE427HK5330JR05
0.039
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
800
160
PHE427HK5390JR05
0.047
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
800
160
PHE427HK5470JR05
0.056
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
800
160
PHE427HK5560JR05
0.068
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
800
160
PHE427HK5680JR05
LEAD SPACING 10 MM
0.015
4.0
9.0
13.0
10.0
1000
900
0.6
400
142
PHE427HA5150JR05
0.018
4.0
9.0
13.0
10.0
1000
900
0.6
400
142
PHE427HA5180JR05
0.022
4.0
9.0
13.0
10.0
1000
900
0.6
400
142
PHE427HA5220JR05
0.027
4.0
9.0
13.0
10.0
1000
900
0.6
400
139
PHE427HA5270JR05
0.033
4.5
10.5
13.0
10.0
1000
800
0.9
400
121
PHE427HA5330JR05
0.039
5.0
11.0
13.0
10.0
800
700
1.0
400
116
PHE427HA5390JR05
LEAD SPACING 15 MM
0.047
5.5
10.5
18.0
15.0
1000
600
1.5
600
100
PHE427HB5470JR06
0.056
5.5
10.5
18.0
15.0
1000
600
1.5
600
100
PHE427HB5560JR06
0.068
5.5
10.5
18.0
15.0
1000
600
1.5
600
98
PHE427HB5680JR06
0.082
5.5
12.5
18.0
15.0
1000
600
1.7
600
86
PHE427HB5820JR06
0.10
6.5
12.5
18.0
15.0
1000
500
2.0
600
83
PHE427HB6100JR06
0.12
7.5
14.5
18.0
15.0
800
400
2.7
600
74
PHE427HB6120JR06
0.15
7.5
14.5
18.0
15.0
800
400
2.7
600
73
PHE427HB6150JR06
0.18
8.5
16.0
18.0
15.0
600
400
3.4
600
67
PHE427HB6180JR06
0.22
8.5
16.0
18.0
15.0
600
400
3.4
600
65
PHE427HB6220JR06
LEAD SPACING 22.5 MM
0.18
6.5
14.5
26.0
22.5
234
3.2
400
58
PHE427HD6180JR06L2
0.22
7.0
16.5
26.0
22.5
216
3.9
400
53
PHE427HD6220JR06L2
0.27
7.0
16.5
26.0
22.5
216
3.9
400
52
PHE427HD6270JR06L2
0.33
9.0
18.5
26.0
22.5
168
5.6
400
48
PHE427HD6330JR06L2
0.39
9.0
18.5
26.0
22.5
168
5.6
400
46
PHE427HD6390JR06L2
0.47
9.0
18.5
26.0
22.5
168
5.6
400
46
PHE427HD6470JR06L2
0.56
11.0
21.5
26.0
22.5
253
8.0
400
41
PHE427HD6560JR06L2
0.68
11.0
21.5
26.0
22.5
253
8.0
400
40
PHE427HD6680JR06L2
LEAD SPACING 27.5 MM
0.56
10.5
20.5
31.5
27.5
216
8.0
300
38
PHE427HF6560JR06L2
0.68
10.5
20.5
31.5
27.5
216
8.0
300
38
PHE427HF6680JR06L2
0.82
11.5
22.5
31.5
27.5
198
10.6
300
34
PHE427HF6820JR06L2
1.0
11.5
22.5
31.5
27.5
198
10.6
300
34
PHE427HF7100JR06L2
1.2
14.5
24.5
31.5
27.5
153
14.5
300
31
PHE427HF7120JR06L2
1.5
14.5
24.5
31.5
27.5
153
14.5
300
30
PHE427HF7150JR06L2
1.8
17.5
28.0
31.5
27.5
126
19.7
300
27
PHE427HF7180JR06L2
2.2
17.5
28.0
31.5
27.5
126
19.7
300
26
PHE427HF7220JR06L2
LEAD SPACING 37.5 MM
1.5
13.0
24.0
41.0
37.5
140
16.6
200
27
PHE427HR7150JR06L2
1.8
15.0
26.0
41.0
37.5
119
20.8
200
25
PHE427HR7180JR06L2
2.2
16.5
32.0
41.0
37.5
105
28.1
200
22
PHE427HR7220JR06L2
2.7
16.5
32.0
41.0
37.5
105
28.1
200
22
PHE427HR7270JR06L2
3.3
16.5
32.0
41.0
37.5
105
28.1
200
20
PHE427HR7330JR06L2
3.9
19.0
36.0
41.0
37.5
91
36.5
200
18
PHE427HR7390JR06L2
4.7
19.0
36.0
41.0
37.5
91
36.5
200
18
PHE427HR7470JR06L2


Similar Part No. - PHE427HA5220JR05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE426DJ4100JR05 ETC2-PHE426DJ4100JR05 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426DJ4100JR05 KEMET-PHE426DJ4100JR05 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
List of Unclassifed Man...
PHE426DJ4120JR05 ETC2-PHE426DJ4120JR05 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
More results

Similar Description - PHE427HA5220JR05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE450 ETC2-PHE450 Datasheet
95Kb / 12P
   Double metallized film pulse capacitor
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com