Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2135JPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRS2135JPBF
Description  3-PHASE BRIDGE DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2135JPBF Datasheet(HTML) 4 Page - International Rectifier

  IRS2135JPBF Datasheet HTML 1Page - International Rectifier IRS2135JPBF Datasheet HTML 2Page - International Rectifier IRS2135JPBF Datasheet HTML 3Page - International Rectifier IRS2135JPBF Datasheet HTML 4Page - International Rectifier IRS2135JPBF Datasheet HTML 5Page - International Rectifier IRS2135JPBF Datasheet HTML 6Page - International Rectifier IRS2135JPBF Datasheet HTML 7Page - International Rectifier IRS2135JPBF Datasheet HTML 8Page - International Rectifier IRS2135JPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.irf.com
4
IRS2133/IRS2135 (J&S)PbF
Static Electrical Characteristics – (Continued)
VBIAS (VCC, VBS1,2,3) = 15 V, unless otherwise specified and TA = 25 °C. All static parameters other than IO and VO are
referenced to VSS and are applicable to all six channels (HIN1,2,3 & LIN1,2,3). The VO and IO parameters are
referenced to COM and VS1,2,3 and are applicable to the respective output leads: HO1,2,3 or LO1,2,3.
Symbol
Definition
Min. Typ. Max. Units Test Conditions
VOS
Amplifier input offset voltage
10
mV
CA+ = 0.2 V,
CA- = CAO
IIN,AMP
Amplifier input bias current
50
nA
CA+ = CA- = 2.5 V
CMRR
Amplifier common mode rejection ratio
TBD
80
CA+ = 0.1 V & 5 V,
CA- = CAO
PSRR
Amplifier power supply rejection ratio
TBD
75
dB
CA+ = 0.2 V,
CA- = CAO,
VCC = 10 V & 20 V
VOH,AMP
Operational amplifier high level output voltage
4.9
5.2
5.4
V
CA+ = 1 V, CA- = 0 V
VOL,AMP
Operational amplifier low level output voltage
30
mV
CA+ = 0 V, CA- = 1 V
ISRC,AMP
Operational amplifier output source current
4
7
CA+ = 1 V, CA- = 0 V,
CAO = 4 V
ISNK,AMP
Operational amplifier output sink current
1
2.1
CA+ = 0 V, CA- = 1 V,
CAO = 2 V
IO+,AMP
Operational amplifier output high short circuit
current
10
CA+ = 5 V, CA- = 0 V,
CAO = 0 V
IO-,AMP
Operational amplifier output low short circuit
current
4
mA
CA+ = 0 V, CA- = 5 V,
CAO = 5 V
Dynamic Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15 V, VS1,2,3 = VSS , TA = 25 °C and CL = 1000 pF unless otherwise specified.
Symbol
Definition
Min. Typ. Max. Units Test Conditions
ton
Turn-on propagation delay
400
500
700
toff
Turn-off propagation delay
400
500
700
t r
Turn-on rise time
80
125
tf
Turn-off fall time
35
55
VIN = 0 V & 5 V
VS1,2,3 = 0 V to 600 V
tsd
SD to output shutdown propagation delay
400
550
750
titrip
ITRIP to output shutdown propagation delay
400
660
920
tbl
ITRIP blanking time
400
tflt
ITRIP to FAULT propagation delay
350
550
870
tflt, in
Input filter time ( HIN, LIN, and SD)
325
tfltclr
FLT-CLR to FAULT clear time
600
850 1100
DT
Deadtime (LS turn-off to HS turn-on & HS turn-
off to LS turn-on)
150
230
350
ns
SR+
Operational amplifier slew rate (+)
5
10
SR-
Operational amplifier slew rate (-)
2.4
3.2
V/µs
1 V step input
NOTE:
For high side PWM, HIN pulse width must be > 1 µs.
PRELIMINARY


Similar Part No. - IRS2135JPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2130 IRF-IRS2130 Datasheet
524Kb / 22P
   3-PHASE BRIDGE DRIVER
IRS21303 IRF-IRS21303 Datasheet
524Kb / 22P
   3-PHASE BRIDGE DRIVER
IRS21303D IRF-IRS21303D Datasheet
537Kb / 23P
   3-PHASE BRIDGE DRIVER
IRS21303DJPBF IRF-IRS21303DJPBF Datasheet
537Kb / 23P
   3-PHASE BRIDGE DRIVER
IRS21303DPBF IRF-IRS21303DPBF Datasheet
537Kb / 23P
   3-PHASE BRIDGE DRIVER
More results

Similar Description - IRS2135JPBF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com