Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3FTH9001E004 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 3FTH9001E004
Description  through-hole or SMD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3FTH9001E004 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  3FTH9001E004 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3FTH9001E004 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3FTH9001E004 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3FTH9001E004 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3FTH9001E004 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3FTH9001E004 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
mec . Industriparken 23 . P.o. Box 26 . DK-2750 Ballerup . Denmark
Tel.: +45 44 97 33 66 . Fax: +45 44 68 15 14 . Web: www.mec.dk. . E-mail: danmec@mec.dk
How to order
Dimensions (w/LED)
Dimensions (through-hole)
Switch
Cap
Mounting
T through-hole
S surface mount
00 blue
02 green
03 grey
04 yellow
06 white
08 red
09 black
L6 low temp.
H9 high temp.
Standard versions:
3FTL6
3FTH9
3FSH9
3FSH9R
3F
1
+P
Switch
Ordering example: 3 FTL680 + 1Q091
1Q
Mounting
T through-hole
00 blue
03 grey
08 red
09 black
Lens
1 transparent
L6 low temp.
H9 high temp.
Standard versions:
3F
T
1
+
1R
Technical Data:
- through-hole or SMD
- 50mA/24VDC
- single pole/momentary
- 10.000.000 operations life time
- IP67 sealing
- temperature range:
low temp:
high temp:
3F + 1P/1Q/1R
Min.10.16
Max12.5
12.5
6.5
10.1
Ø = 0.9
2.54
10.16
PCB layout
Min. 10.16
Max 12.5
6.5
10.1
Ø = 0.9
2.54
10.16
PCB layout
(top view)
Dimensions (SMD)
14.0
12.5
7.6
6.5
10.1
2.5
12.5
PCB layout
12.5
3FTL600
3FTL620
3FTL640
3FTL680
3FTL62040
3FTL68020
3FTL68040
LED
00 blue
20 green
40 yellow
80 red
2040 green/yellow
8020 red/green
8040 red/yellow
7.6
± 0.5
7.6
± 0.5
0.3
0.8
0.8
0.3
0.8
-40/+115ºC
-40/+160ºC
12


Similar Part No. - 3FTH9001E004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3FTH9 ETC1-3FTH9 Datasheet
33Kb / 1P
   through-hole or SMD / 50mA/24VDC / single pole/momentary
3FTH9 ETC2-3FTH9 Datasheet
126Kb / 7P
   through-hole or SMD
More results

Similar Description - 3FTH9001E004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5GTH920011TS16 ETC2-5GTH920011TS16 Datasheet
1Mb / 3P
   through-hole or SMD
AQC09-242 ETC2-AQC09-242 Datasheet
102Kb / 5P
   Through-hole or SMD
1T09 ETC2-1T09 Datasheet
126Kb / 7P
   through-hole or SMD
3FTL6 ETC1-3FTL6 Datasheet
33Kb / 1P
   through-hole or SMD / 50mA/24VDC / single pole/momentary
logo
Delta Electronics, Inc.
V48SH DELTA-V48SH Datasheet
798Kb / 14P
   SMD and through-hole versions
S48SP DELTA-S48SP Datasheet
448Kb / 14P
   SMD and Through-hole versions
V48SR1R825 DELTA-V48SR1R825 Datasheet
832Kb / 14P
   SMD and through-hole versions
logo
Bourns Electronic Solut...
7914 BOURNS-7914_10 Datasheet
393Kb / 2P
   SMD & Through-hole Sealed Key Switch
logo
Visual Communications C...
LFB012CTP VCC-LFB012CTP Datasheet
143Kb / 2P
   for use with surface-mount or through-hole LEDs
LFC012CTP VCC-LFC012CTP Datasheet
118Kb / 2P
   for use with surface-mount or through-hole LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com