Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2135PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS2135PBF
Description  3-PHASE BRIDGE DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2135PBF Datasheet(HTML) 3 Page - International Rectifier

  IRS2135PBF Datasheet HTML 1Page - International Rectifier IRS2135PBF Datasheet HTML 2Page - International Rectifier IRS2135PBF Datasheet HTML 3Page - International Rectifier IRS2135PBF Datasheet HTML 4Page - International Rectifier IRS2135PBF Datasheet HTML 5Page - International Rectifier IRS2135PBF Datasheet HTML 6Page - International Rectifier IRS2135PBF Datasheet HTML 7Page - International Rectifier IRS2135PBF Datasheet HTML 8Page - International Rectifier IRS2135PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.irf.com
3
IRS2133/IRS2135 (J&S)PbF
Static Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15 V, unless otherwise specified and TA = 25 °C. All static parameters other than IO and VO are
referenced to VSS and are applicable to all six channels (HIN1,2,3 & LIN1,2,3). The VO and IO parameters are
referenced to COM and VS1,2,3 and are applicable to the respective output leads: HO1,2,3 or LO1,2,3.
Symbol
Definition
Min. Typ. Max. Units Test Conditions
VIH
Logic “0” input voltage (OUT = LO)
2.2
VIL
Logic “1” input voltage (OUT = HI)
0.8
VFCLR,IH
Logic “0” fault clear input voltage
2.2
VFCLR,IL
Logic “1” fault clear input voltage
0.8
VSD,TH+
SD input positive going threshold
1.6
1.9
2.2
VSD,TH-
SD input negative going threshold
1.4
1.7
2.0
V
VIT,TH+
ITRIP input positive going threshold
470
570
670
VIT,TH-
ITRIP input negative going threshold
360
460
560
mV
VOH
High level output voltage, VBIAS - VO
1
V
VIN = 0 V, Io = 20 mA
VOL
Low level output voltage, VO
400
mV
VIN = 5 V, Io = 20 mA
ILK
Offset supply leakage current IRS213(3,5)
50
VB1,2,3 = VS1,2,3 =
600 V
IQBS
Quiescent VBS supply current
45
70
µA
IQCC
Quiescent VCC supply current
3
5
mA
VIN = 0 V or 5 V
VIN = 0 V or 5 V
IIN+
Logic “1” input bias current (OUT = HI)
150
200
VIN = 0 V
IIN-
Logic “0” input bias current (OUT = LO)
110
150
VIN = 5 V
ISD+
“High” shutdown bias current
5
10
µA
SD = 5 V
ISD-
“Low” shutdown bias current
100
nA
SD = 0 V
IITRIP+
“High” ITRIP bias current
5
10
µA
ITRIP = 5 V
IITRIP-
“Low” ITRIP bias current
100
nA
ITRIP = 0 V
IFLTCLR+
“High” fault clear input bias current
150
200
FLT-CLR = 0 V
IFLTCLR-
“Low” fault clear input bias current
110
150
µA
FLT-CLR = 5 V
IRS2133
7.6
8.6
9.6
VBSUV+
VBS supply undervoltage positive
going threshold
IRS2135
9.2
10.4 11.6
IRS2133
7.2
8.2
9.2
VBSUV-
VBS supply undervoltage negative
going threshold
IRS2135
8.3
9.4
10.5
IRS2133
0.4
VBSUVH
VBS supply undervoltage lockout
hysteresis
IRS2135
1
IRS2133
7.6
8.6
9.6
VCCUV+
VCC supply undervoltage positive
going threshold
IRS2135
9.2
10.4 11.6
IRS2133
7.2
8.2
9.2
VCCUV-
VCC supply undervoltage negative
going threshold
IRS2135
8.3
9.4
10.5
IRS2133
0.4
VCCUVH
VCC supply undervoltage lockout
hysteresis
IRS2135
1
V
Ron, FLT
FAULT low on-resistance
55
75
IO+
Output high short circuit pulsed current
200
250
VOUT = 0 V, VIN = 0 V
PW ≤ 10 µs
IO-
Output low short circuit pulsed current
420
500
mA
VOUT = 15 V,
VIN = 5 V
PW ≤ 10 µs
PRELIMINARY


Similar Part No. - IRS2135PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2130 IRF-IRS2130 Datasheet
524Kb / 22P
   3-PHASE BRIDGE DRIVER
IRS21303 IRF-IRS21303 Datasheet
524Kb / 22P
   3-PHASE BRIDGE DRIVER
IRS21303D IRF-IRS21303D Datasheet
537Kb / 23P
   3-PHASE BRIDGE DRIVER
IRS21303DJPBF IRF-IRS21303DJPBF Datasheet
537Kb / 23P
   3-PHASE BRIDGE DRIVER
IRS21303DPBF IRF-IRS21303DPBF Datasheet
537Kb / 23P
   3-PHASE BRIDGE DRIVER
More results

Similar Description - IRS2135PBF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com