Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8844BEQAADJ Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME8844BEQAADJ
Description  750mA CMOS LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8844BEQAADJ Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME8844BEQAADJ Datasheet HTML 3Page - Analog Microelectronics AME8844BEQAADJ Datasheet HTML 4Page - Analog Microelectronics AME8844BEQAADJ Datasheet HTML 5Page - Analog Microelectronics AME8844BEQAADJ Datasheet HTML 6Page - Analog Microelectronics AME8844BEQAADJ Datasheet HTML 7Page - Analog Microelectronics AME8844BEQAADJ Datasheet HTML 8Page - Analog Microelectronics AME8844BEQAADJ Datasheet HTML 9Page - Analog Microelectronics AME8844BEQAADJ Datasheet HTML 10Page - Analog Microelectronics AME8844BEQAADJ Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AME, Inc.
7
AME8844
750mA CMOS LDO
Rev.E.01
The AME8844 family of CMOS regulators contain a
PMOS pass transistor, voltage reference, error amplifier,
over-current protection, and thermal shutdown.
The P-channel pass transistor receives data from the
error amplifier, over-current shutdown, and thermal pro-
tection circuits. During normal operation, the error ampli-
fier compares the output voltage to a precision reference.
Over-current and Thermal shutdown circuits become ac-
tive when the junction temperature exceeds 140oC, or
the current exceeds 2.2A. During thermal shutdown, the
output voltage remains low. Normal operation is restored
when the junction temperature drops below 120oC.
The AME8844 behaves like a current source when the
load reaches 2.2A. However, if the load impedance drops
below 0.3 ohms, the current drops back to 600mA to
prevent excessive power dissipation. Normal operation
is restored when the load resistance exceeds 0.75 ohms.
n Detailed Description
n External Capacitors
The AME8844 is stable with an output capacitor to
ground of 4.7
µF or greater. Ceramic capacitors have the
lowest ESR, and will offer the best AC performance. Con-
versely, Aluminum Electrolytic capacitors exhibit the high-
est ESR, resulting in the poorest AC response. Unfortu-
nately, large value ceramic capacitors are comparatively
expensive. One option is to parallel a 0.1
µF ceramic
capacitor with a 10
µF Aluminum Electrolytic. The benefit
is low ESR, high capacitance, and low overall cost.
A second capacitor is recommended between the in-
put and ground to stabilize Vin. The input capacitor should
be at least 0.1
µF to have a beneficial effect.
All capacitors should be placed in close proximity to
the pins. A "Quiet" ground termination is desirable. This
can be achieved with a "Star" connection.
n Enable
When EN pin is pulled low, the PMOS pass transistor
shuts off, and all internal circuits are powered down. In
this state, the quiescent current is less than 2
µA. This
pin behaves much like an electronic switch.
100K ohms resistor is necessary between V
EN source
and EN pin when V
EN is higher than VIN.
n Adjustable Version
The adjustable version uses external feedback resis-
tors to generate an output voltage anywhere from 1.5V to
5.0V. Vadj is trimmed to 1.24V and VOUT is given by the
equation:
VOUT = Vadj ( 1 + R1 / R2 )
Feedback resistors R1 and R2 should be high enough
to keep quiescent current low, but increasing R1 + R2
will reduce stability. In general, R1 and R2 in the 10
of
s
k
Ω will produce adequate stability, given reasonable lay-
out precautions. To improve stability characteristics, keep
parasitics on the ADJ pin to a minimum, and lower R1
and R2 values.
n Power Good
The AME8844 includes the Power Good feature. When
the output is not within ? 5% of the specified voltage, it
pulls low. This can occur under the following conditions:
1) Input Voltage too low.
2) During Over-Temperature.
3) During Over-Current.
4) If output is pulled up.
(Note: PG pin is an open-drain output.)
(Note: There is no internal pull-up for EN pin.
It can not be floating)


Similar Part No. - AME8844BEQAADJ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8844BEQAADJ AME-AME8844BEQAADJ Datasheet
273Kb / 14P
   750mA CMOS LDO
AME8844BEQAADJ AME-AME8844BEQAADJ Datasheet
145Kb / 16P
   750mA CMOS LDO
AME8844BEQAADJZ AME-AME8844BEQAADJZ Datasheet
145Kb / 16P
   750mA CMOS LDO
More results

Similar Description - AME8844BEQAADJ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8843 AME-AME8843_08 Datasheet
97Kb / 11P
   750mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8843 AKM-AME8843 Datasheet
96Kb / 9P
   750mA CMOS LDO
logo
Analog Microelectronics
AME8808 AME-AME8808_08 Datasheet
230Kb / 13P
   750mA CMOS LDO
AME8844 AME-AME8844 Datasheet
273Kb / 14P
   750mA CMOS LDO
AME8844 AME-AME8844_09 Datasheet
145Kb / 16P
   750mA CMOS LDO
AME8808 AME-AME8808 Datasheet
85Kb / 11P
   750mA CMOS LDO
logo
SeCoS Halbleitertechnol...
S5U2167 SECOS-S5U2167 Datasheet
1Mb / 6P
   750mA CMOS Positive Voltage Regulator
S5J2187 SECOS-S5J2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
S5U2187 SECOS-S5U2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G5U2167 GTM-G5U2167 Datasheet
763Kb / 6P
   750mA CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com