Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM416S1120DT-GF8 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # KM416S1120DT-GF8
Description  512K x 16bit x 2 Banks Synchronous DRAM LVTTL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416S1120DT-GF8 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button KM416S1120DT-GF8 Datasheet HTML 5Page - Samsung semiconductor KM416S1120DT-GF8 Datasheet HTML 6Page - Samsung semiconductor KM416S1120DT-GF8 Datasheet HTML 7Page - Samsung semiconductor KM416S1120DT-GF8 Datasheet HTML 8Page - Samsung semiconductor KM416S1120DT-GF8 Datasheet HTML 9Page - Samsung semiconductor KM416S1120DT-GF8 Datasheet HTML 10Page - Samsung semiconductor KM416S1120DT-GF8 Datasheet HTML 11Page - Samsung semiconductor KM416S1120DT-GF8 Datasheet HTML 12Page - Samsung semiconductor KM416S1120DT-GF8 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
KM416S1120D
CMOS SDRAM
- 9 -
Rev. 1.4 (Jun. 1999)
SIMPLIFIED TRUTH TABLE
(V=Valid, X=Don
′t Care, H=Logic High, L=Logic Low)
COMMAND
CKEn-1
CKEn
CS
RAS
CAS
WE
DQM
BA
A10/AP
A9~ A0
Note
Register
Mode Register Set
H
X
L
L
L
L
X
OP CODE
1, 2
Refresh
Auto Refresh
H
H
L
L
L
H
X
X
3
Self
Refresh
Entry
L
3
Exit
L
H
L
H
H
H
X
X
3
H
X
X
X
3
Bank Active & Row Addr.
H
X
L
L
H
H
X
V
Row Address
Read &
Column Address
Auto Precharge Disable
H
X
L
H
L
H
X
V
L
Column
Address
(A0~A7)
4
Auto Precharge Enable
H
4, 5
Write &
Column Address
Auto Precharge Disable
H
X
L
H
L
L
X
V
L
Column
Address
(A0~A7)
4
Auto Precharge Enable
H
4, 5
Burst Stop
H
X
L
H
H
L
X
X
6
Precharge
Bank Selection
H
X
L
L
H
L
X
V
L
X
Both Banks
X
H
Clock Suspend or
Active Power Down
Entry
H
L
H
X
X
X
X
X
L
V
V
V
Exit
L
H
X
X
X
X
X
Precharge Power Down Mode
Entry
H
L
H
X
X
X
X
X
L
H
H
H
Exit
L
H
H
X
X
X
X
L
V
V
V
DQM
H
V
X
7
No Operation Command
H
X
H
X
X
X
X
X
L
H
H
H
1. OP Code : Operand Code
A0 ~ A10/AP, BA : Program keys. (@MRS)
2. MRS can be issued only at both banks precharge state.
A new command can be issued after 2 clock cycle of MRS.
3. Auto refresh functions are as same as CBR refresh of DRAM.
The automatical precharge without row precharge command is meant by "Auto".
Auto/self refresh can be issued only at both banks precharge state.
4. BA : Bank select address.
If "Low" at read, write, row active and precharge, bank A is selected.
If "High" at read, write, row active and precharge, bank B is selected.
If A10/AP is "High" at row precharge, BA is ignored and both banks are selected.
5. During burst read or write with auto precharge, new read/write command can not be issued.
Another bank read/write command can be issued after the end of burst.
New row active of the assoiated bank can be issued at tRP after the end of burst.
6. Burst stop command is valid at every burst length.
7. DQM sampled at positive going edge of a CLK masks the data-in at the very CLK (Write DQM latency is 0),
but makes Hi-Z state the data-out of 2 CLK cycles after. (Read DQM latency is 2)
Note :
X


Similar Part No. - KM416S1120DT-GF8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KM416S1120DT-G/F10 ETC-KM416S1120DT-G/F10 Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
KM416S1120DT-G/F6 ETC-KM416S1120DT-G/F6 Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
KM416S1120DT-G/F7 ETC-KM416S1120DT-G/F7 Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
KM416S1120DT-G/F8 ETC-KM416S1120DT-G/F8 Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
KM416S1120DT-G/FC ETC-KM416S1120DT-G/FC Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
More results

Similar Description - KM416S1120DT-GF8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KM416S1120D ETC-KM416S1120D Datasheet
1Mb / 43P
   512K x 16bit x 2 Banks Synchronous DRAM LVTTL
logo
Samsung semiconductor
K4S161622D SAMSUNG-K4S161622D Datasheet
1Mb / 41P
   512K x 16Bit x 2 Banks Synchronous DRAM
KM416S1021C SAMSUNG-KM416S1021C Datasheet
78Kb / 8P
   512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
K4S281632B SAMSUNG-K4S281632B Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632M SAMSUNG-K4S281632M Datasheet
87Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030B SAMSUNG-KM416S8030B Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S561632A SAMSUNG-K4S561632A Datasheet
127Kb / 10P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S281632C SAMSUNG-K4S281632C Datasheet
47Kb / 9P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632D SAMSUNG-K4S281632D Datasheet
112Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D-TC75000 SAMSUNG-K4S561632D-TC75000 Datasheet
64Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com