Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NME4805D Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # NME4805D
Description  Isolated 1WSingle Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NME4805D Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NME4805D Datasheet HTML 4Page - List of Unclassifed Manufacturers NME4805D Datasheet HTML 5Page - List of Unclassifed Manufacturers NME4805D Datasheet HTML 6Page - List of Unclassifed Manufacturers NME4805D Datasheet HTML 7Page - List of Unclassifed Manufacturers NME4805D Datasheet HTML 8Page - List of Unclassifed Manufacturers NME4805D Datasheet HTML 9Page - List of Unclassifed Manufacturers NME4805D Datasheet HTML 10Page - List of Unclassifed Manufacturers NME4805D Datasheet HTML 11Page - List of Unclassifed Manufacturers NME4805D Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
mean time to failure (MTTF) in thousands of hours
Part Number
--25°C
25°C
70°C
NME0305
3290
2761
2312
NME0309
1459
1249
1076
NME0312
759
655
571
NME0315
424
367
321
NME0503
3176
2693
2250
NME0505
2656
2265
1915
NME0509
1319
1137
984
NME0512
720
623
544
NME0515
411
357
313
NME1205
619
535
466
NME1209
501
434
379
NME1212
380
330
289
NME1215
272
236
208
NME2405
231
201
176
NME2409
213
185
102
NME2412
187
163
143
NME2415
157
136
120
NME4805
246
213
187
NME4809
224
194
171
NME4812
195
164
149
NME4815
161
140
123
Note : MTTF figures derived from hybrid model of MIL-HDBK-217F.
NME SERIES
Isolated 1W Single Output
10


Similar Part No. - NME4805D

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NME4805D CANDD-NME4805D Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
More results

Similar Description - NME4805D

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
TMA-XS MICRODC-TMA-XS Datasheet
664Kb / 3P
   Fixed Input, Isolated 1WSingle&DualOutputDC/DC Converters
logo
Vicor Corporation
24V VICOR-24V Datasheet
606Kb / 15P
   Isolated output
VI-B2L-IW VICOR-VI-B2L-IW Datasheet
712Kb / 6P
   Isolated output
logo
Micropac Industries
53503 MICROPAC-53503 Datasheet
146Kb / 8P
   LATCHING, ISOLATED OUTPUT
logo
Analog Devices
5B39 AD-5B39_15 Datasheet
695Kb / 8P
   Isolated Current Output
REV. 0
5B39 AD-5B39 Datasheet
689Kb / 8P
   Isolated Current Output
REV. 0
logo
List of Unclassifed Man...
VBED15-D12-S12-1A ETC2-VBED15-D12-S12-1A Datasheet
460Kb / 3P
   쨌15W Isolated Output
ZUW31212 ETC2-ZUW31212 Datasheet
145Kb / 3P
   Isolated between input-output
logo
Analog Devices
7B39 AD-7B39_15 Datasheet
532Kb / 8P
   Isolated, Process Current Output
REV. 0
logo
Texas Instruments
PT6880 TI1-PT6880_09 Datasheet
219Kb / 10P
[Old version datasheet]   5A Non-Isolated Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com